Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RN9757 Datasheet(PDF) 1 Page - API Technologies Corp

Part # RN9757
Description  RF AMPLIFIER MODEL
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

RN9757 Datasheet(HTML) 1 Page - API Technologies Corp

  RN9757 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -55 ºC to +85 ºC
Frequency
1700 - 2400 MHz
1700 - 2400 MHz
Typical Intermodulation Performance at 25 º C
Second Order Harmonic Intercept Point....... +46 dBm (Typ.)
Second Order Two Tone Intercept Point........ +40 dBm (Typ.)
Third Order Two Tone Intercept Point.............+26 dBm (Typ.)
Legend
+ 25 ºC
+ 85 ºC - - - - - - -55 ºC
Power
Vdc
+5
+5
mA
70
75 Max.
RF AMPLIFIER
MODEL TR9757
Available as:
TR9757, 4 Pin TO-8B (T8)
RN9757, 4 Pin Surface Mount (SM19)
BR9757,Connectorized Housing (H2)
Features
Low Noise Figure: 1.5 dB Typical
Low 5 Volt Operation
Operating Temp. -55 ºC to +85 ºC
Environmental ScreeningAvailable
Note: Care should always be taken to effectively ground the case of each unit.
Noise Figure (dB)
1.5
2.2 Max.
VSWR
In
1.5:1
2.0:1 Max.
Out
1.5:1
2.0:1 Max.
Reverse
Isolation (dB)
-33
-32 Max.
Power @ 1 dB
Comp. (dBm)
+15
+14 Min.
Gain (dB)
23
22 Min.
Specifications
Typical Performance Data
Absolute Maximum (No Damage) Ratings
Ambient Operating Temperature ................-55ºC to +100 ºC
Storage Temperature .................................-62ºC to +125 ºC
Case Temperature .................................................. +125 ºC
DC Voltage ........................................................... +8 Volts
Continuous RF Input Power .................................. +13 dBm
Short Term RF Input Power... 200 Milliwatts (1 Minute Max.)
Maximum Peak Power.................... 0.5 Watt (3
µsec Max.)
Rev.
2/15/11
======================================================================================
1700
1800
1900
2000
2100
2200
2300
2400
.20
.20
.19
.20
.19
.19
.19
.24
-85
-81
-78
-74
-69
-62
-50
-38
15.72
15.00
15.04
14.80
14.79
15.12
15.50
15.60
126
112
98
84
69
55
38
20
.0155
.0182
.0206
.0160
.0177
.0214
.0203
.0229
8
-20
-5
-20
-30
-38
-38
-36
.24
.19
.16
.13
.10
.07
.06
.04
-20
-29
-42
-51
-59
-62
-63
-58
Linear S-Parameters
MHz
Freq.
Mag Deg
Mag Deg
Mag Deg
Mag Deg
----S11----
----S21----
----S12----
----S22----
Gain (dB)
Reverse Isolation (dB)
Noise Figure (dB)
1 dB Comp. (dBm)
Input VSWR
Output VSWR
2.0
1.5
1.0
2.0
1.5
1.0
25
23
21
+17
+16
+15
+14
+13
-31
-32
-33
-34
-35
22
24
Start 1700 MHz
Stop 2400 MHz
Start 1700 MHz
Stop 2400 MHz
Start 1700 MHz
Stop 2400 MHz
Start 1700 MHz
Stop 2400 MHz
Start 1700 MHz
Stop 2400 MHz
Start 1700 MHz
Stop 2400 MHz
2.5
1.5
0.5
2.0
1.0
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave · 2707 Black Lake Place · Philadelphia, Pennsylvania 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.spectrummicrowave.com


Similar Part No. - RN9757

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
RN9755 APITECH-RN9755 Datasheet
42Kb / 1P
   RF AMPLIFIER MODEL
RN9756 APITECH-RN9756 Datasheet
44Kb / 1P
   RF AMPLIFIER MODEL
More results

Similar Description - RN9757

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
QBH-147 APITECH-QBH-147 Datasheet
59Kb / 1P
   RF AMPLIFIER MODEL
QBH-137 APITECH-QBH-137 Datasheet
56Kb / 1P
   RF AMPLIFIER MODEL
QBH-124 APITECH-QBH-124 Datasheet
62Kb / 1P
   RF AMPLIFIER MODEL
QBH-115 APITECH-QBH-115 Datasheet
60Kb / 1P
   RF AMPLIFIER MODEL
QBH-5409 APITECH-QBH-5409 Datasheet
41Kb / 1P
   RF AMPLIFIER MODEL
QBH-4012PM APITECH-QBH-4012PM Datasheet
47Kb / 1P
   RF AMPLIFIER MODEL
QBH-4002 APITECH-QBH-4002 Datasheet
145Kb / 1P
   RF AMPLIFIER MODEL
QBH-1505 APITECH-QBH-1505 Datasheet
48Kb / 1P
   RF AMPLIFIER MODEL
QBH-859 APITECH-QBH-859 Datasheet
118Kb / 1P
   RF AMPLIFIER MODEL
QBH-842 APITECH-QBH-842 Datasheet
60Kb / 1P
   RF AMPLIFIER MODEL
QBH-834 APITECH-QBH-834 Datasheet
65Kb / 1P
   RF AMPLIFIER MODEL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com