Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRCWO12102K94DETBP Datasheet(PDF) 3 Page - Vishay Siliconix

Part # CRCWO12102K94DETBP
Description  Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CRCWO12102K94DETBP Datasheet(HTML) 3 Page - Vishay Siliconix

  CRCWO12102K94DETBP Datasheet HTML 1Page - Vishay Siliconix CRCWO12102K94DETBP Datasheet HTML 2Page - Vishay Siliconix CRCWO12102K94DETBP Datasheet HTML 3Page - Vishay Siliconix CRCWO12102K94DETBP Datasheet HTML 4Page - Vishay Siliconix CRCWO12102K94DETBP Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.vishay.com
For technical questions, contact: filmresistors.thickfilmchip@vishay.com
Document Number: 20009
138
Revision: 13-Oct-08
D../CRCW....-P
Vishay
Lead (Pb)-bearing Thick Film, Rectangular
Precision Chip Resistor
DIMENSIONS
PACKAGING
MODEL
REEL
BULK
TAPE WIDTH
DIAMETER
PITCH
PIECES/
REEL
PART NUMBER
PRODUCT DESC.
PAPER
BLISTER
PAPER
BLISTER
D10/
CRCW0402
8 mm
180 mm/7"
2 mm
10 000
TD
RT7
330 mm/13"
2 mm
50 000
TE
RF4
D11/
CRCW0603
8 mm
180 mm/7"
4 mm
5000
TA
TI
RT1
RG1
285 mm/11.25"
4 mm
10 000
TB
RT5
330 mm/13"
4 mm
20 000
TC
TL
RT6
R20
D12/
CRCW0805
8 mm
180 mm/7"
4 mm
5000
TA
TI
RT1
RG1
285 mm/11.25"
4 mm
10 000
TB
RT5
330 mm/13"
4 mm
20 000
TC
TL
RT6
R20
D25/
CRCW1206
8 mm
180 mm/7"
4 mm
5000
TA
TI
RT1
RG1
285 mm/11.25"
4 mm
10 000
TB
RT5
330 mm/13"
4 mm
20 000
TC
TL
RT6
R20
CRCW1210
8 mm
180 mm/7"
4 mm
5000
TA
RT1
285 mm/11.25"
4 mm
10 000
TB
RT5
330 mm/13"
4 mm
20 000
TC
RT6
CRCW1218
12 mm
180 mm/7"
4 mm
4000
TK
RT9
CRCW2010
12 mm
180 mm/7"
4 mm
4000
TF
R02
CRCW2512
12 mm
180 mm/7"
8 mm
2000
TG
R67
4 mm
4000
TH
R82
SIZE
DIMENSIONS [in millimeters]
SOLDER PAD DIMENSIONS [in millimeters]
REFLOW SOLDERING
WAVE SOLDERING
INCH
METRIC
L
W
H
T1
T2
ab
l
a
b
l
0402
1005
1.0 ± 0.05
0.5 ± 0.05
0.35 ± 0.05
0.25 ± 0.05
0.2 ± 0.1
0.4
0.6
0.5
0603
1608
1.55
+ 0.10
- 0.05
0.85 ± 0.1
0.45 ± 0.05
0.3 ± 0.2
0.3 ± 0.2
0.5
0.9
1.0
0.9
0.9
1.0
0805
2012
2.0
+ 0.20
- 0.10
1.25 ± 0.15
0.45 ± 0.05
0.3
+ 0.20
- 0.10
0.3 ± 0.2
0.7
1.3
1.2
0.9
1.3
1.3
1206
3216
3.2
+ 0.10
- 0.20
1.6 ± 0.15
0.55 ± 0.05
0.45 ± 0.2
0.4 ± 0.2
0.9
1.7
2.0
1.1
1.7
2.3
1210
3225
3.2 ± 0.2
2.5 ± 0.2
0.55 ± 0.05
0.45 ± 0.2
0.4 ± 0.2
0.9
2.5
2.0
1.1
2.5
2.2
1218
3246
3.2
+ 0.10
- 0.20
4.6 ± 0.15
0.55 ± 0.05
0.45 ± 0.2
0.4 ± 0.2
1.05
4.9
1.9
1.25
4.8
1.9
2010
5025
5.0 ± 0.15
2.5 ± 0.15
0.6 ± 0.1
0.6 ± 0.2
0.6 ± 0.2
1.0
2.5
3.9
1.2
2.5
3.9
2512
6332
6.3 ± 0.2
3.15 ± 0.15
0.6 ± 0.1
0.6 ± 0.2
0.6 ± 0.2
1.0
3.2
5.2
1.2
3.2
5.2


Similar Part No. - CRCWO12102K94DETBP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW-HP VISHAY-CRCW-HP Datasheet
104Kb / 6P
   Pulse Proof, High Power Thick Film Chip Resistors
Revision: 21-Mar-13
CRCW-HP-E3 VISHAY-CRCW-HP-E3 Datasheet
152Kb / 10P
   Pulse Proof, High Power Thick Film Chip Resistors
Revision: 16-Sep-16
CRCW-HPe3 VISHAY-CRCW-HPe3 Datasheet
113Kb / 6P
   Pulse Proof, High Power Thick Film Chip Resistors
Revision: 26-Mar-10
CRCW-HPE3 VISHAY-CRCW-HPE3 Datasheet
148Kb / 10P
   Pulse Proof, High Power Thick Film Chip Resistors
01-Jan-2022
CRCW-HRE3 VISHAY-CRCW-HRE3 Datasheet
91Kb / 5P
   Lead (Pb)-Free Thick Film, Rectangular High Value Chip Resistor
Revision: 12-Jun-12
More results

Similar Description - CRCWO12102K94DETBP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW0402-P VISHAY-CRCW0402-P Datasheet
111Kb / 5P
   Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
Revision: 13-Oct-08
CRCW08054M99FKEA VISHAY-CRCW08054M99FKEA Datasheet
111Kb / 5P
   Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
Revision: 13-Oct-08
CRCW0402143RFKED VISHAY-CRCW0402143RFKED Datasheet
111Kb / 5P
   Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
Revision: 13-Oct-08
CRCW0603270KFKEA VISHAY-CRCW0603270KFKEA Datasheet
111Kb / 5P
   Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
Revision: 13-Oct-08
CRCW1206316RFKEA VISHAY-CRCW1206316RFKEA Datasheet
111Kb / 5P
   Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
Revision: 13-Oct-08
CRCW06031K18FKEA VISHAY-CRCW06031K18FKEA Datasheet
111Kb / 5P
   Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
Revision: 13-Oct-08
CRCW12061M58FKEA VISHAY-CRCW12061M58FKEA Datasheet
111Kb / 5P
   Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
Revision: 13-Oct-08
CRCW1206681KFKEA VISHAY-CRCW1206681KFKEA Datasheet
111Kb / 5P
   Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
Revision: 13-Oct-08
CRCW06038K87FKEA VISHAY-CRCW06038K87FKEA Datasheet
111Kb / 5P
   Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
Revision: 13-Oct-08
CRCW0402137KFKED VISHAY-CRCW0402137KFKED Datasheet
111Kb / 5P
   Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
Revision: 13-Oct-08
CRCW020117K4FNED VISHAY-CRCW020117K4FNED Datasheet
111Kb / 5P
   Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
Revision: 13-Oct-08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com