Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC0402DPNPO7BN272 Datasheet(PDF) 6 Page - YAGEO Corporation

Part # CC0402DPNPO7BN272
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CC0402DPNPO7BN272 Datasheet(HTML) 6 Page - YAGEO Corporation

Back Button CC0402DPNPO7BN272 Datasheet HTML 2Page - YAGEO Corporation CC0402DPNPO7BN272 Datasheet HTML 3Page - YAGEO Corporation CC0402DPNPO7BN272 Datasheet HTML 4Page - YAGEO Corporation CC0402DPNPO7BN272 Datasheet HTML 5Page - YAGEO Corporation CC0402DPNPO7BN272 Datasheet HTML 6Page - YAGEO Corporation CC0402DPNPO7BN272 Datasheet HTML 7Page - YAGEO Corporation CC0402DPNPO7BN272 Datasheet HTML 8Page - YAGEO Corporation CC0402DPNPO7BN272 Datasheet HTML 9Page - YAGEO Corporation CC0402DPNPO7BN272 Datasheet HTML 10Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
www.yageo.com
Aug 05, 2011 V8
Surface-Mount Ceramic Multilayer Capacitors
6
15
Product specification
General Purpose
16 V to 50 V
NP0
CAP.
0201
0402
0603
Last 3-digit of
12NC
Last 2-digit of
12NC
25 V
50 V
16 V
25 V
50 V
16 V
25 V
50 V
120 pF
121
37
150 pF
151
38
180 pF
181
39
220 pF
221
41
270 pF
271
42
330 pF
331
43
390 pF
391
44
470 pF
471
45
0.5±0.05
0.5±0.05
0.5±0.05
560 pF
561
46
680 pF
681
47
820 pF
821
48
1.0 nF
102
49
1.2 nF
122
51
1.5 nF
152
52
1.8 nF
182
53
2.2 nF
222
54
2.7 nF
272
55
3.3 nF
332
56
0.8±0.1
0.8±0.1
0.8±0.1
3.9 nF
392
57
4.7 nF
472
58
5.6 nF
562
59
6.8 nF
682
61
8.2 nF
822
62
10 nF
103
63
12 nF
123
64
15 nF
153
65
18 nF
183
66
22 nF
223
67
33 nF
333
69
NOTE
1. Values in shaded cells indicate thickness class in mm
2. Capacitance value of non E-12 series is on request
3. 16V to 25V, refer to last 2-digit of 12NC
4. 50V, refer to last 3-digit of 12NC
Table 3 Sizes from 0201 to 0603 (continued)
CAPACITANCE RANGE & THICKNESS FOR NP0


Similar Part No. - CC0402DPNPO7BN272

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
CC0402DPNPO7BN YAGEO-CC0402DPNPO7BN Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402DPNPO7BN121 YAGEO-CC0402DPNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402DPNPO7BN151 YAGEO-CC0402DPNPO7BN151 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402DPNPO7BN330 YAGEO-CC0402DPNPO7BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402DPNPO7BN391 YAGEO-CC0402DPNPO7BN391 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results

Similar Description - CC0402DPNPO7BN272

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com