Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7816 Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS7816
Description  12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7816 Datasheet(HTML) 3 Page - Burr-Brown (TI)

  ADS7816 Datasheet HTML 1Page - Burr-Brown (TI) ADS7816 Datasheet HTML 2Page - Burr-Brown (TI) ADS7816 Datasheet HTML 3Page - Burr-Brown (TI) ADS7816 Datasheet HTML 4Page - Burr-Brown (TI) ADS7816 Datasheet HTML 5Page - Burr-Brown (TI) ADS7816 Datasheet HTML 6Page - Burr-Brown (TI) ADS7816 Datasheet HTML 7Page - Burr-Brown (TI) ADS7816 Datasheet HTML 8Page - Burr-Brown (TI) ADS7816 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
®
ADS7816
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN
assumes no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject
to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not
authorize or warrant any BURR-BROWN product for use in life support devices and/or systems.
ELECTROSTATIC
DISCHARGE SENSITIVITY
Electrostatic discharge can cause damage ranging from per-
formance degradation to complete device failure. Burr-
Brown Corporation recommends that all integrated circuits
be handled and stored using appropriate ESD protection
methods.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet
published specifications.
ABSOLUTE MAXIMUM RATINGS(1)
+VCC ..................................................................................................... +6V
Analog Input ........................................................... –0.3V to (+VCC + 0.3V)
Logic Input ............................................................. –0.3V to (+VCC + 0.3V)
Case Temperature ......................................................................... +100
°C
Junction Temperature .................................................................... +150
°C
Storage Temperature ..................................................................... +125
°C
External Reference Voltage .............................................................. +5.5V
NOTE: (1) Stresses above these ratings may permanently damage the device.
PIN CONFIGURATION
PIN ASSIGNMENTS
PIN
NAME
DESCRIPTION
1VREF
Reference Input.
2
+In
Non Inverting Input.
3
–In
Inverting Input. Connect to ground or to remote ground sense point.
4
GND
Ground.
5
CS/SHDN
Chip Select when LOW, Shutdown Mode when HIGH.
6DOUT
The serial output data word is comprised of 12 bits of data. In operation the data is valid on the falling edge of DCLOCK. The
second clock pulse after the falling edge of CS enables the serial output. After one null bit the data is valid for the next 12 edges.
7
DCLOCK
Data Clock synchronizes the serial data transfer and determines conversion speed.
8+VCC
Power Supply.
PACKAGE/ORDERING INFORMATION
MAXIMUM
MAXIMUM
INTEGRAL
DIFFERENTIAL
PACKAGE
LINEARITY ERROR
LINEARITY ERROR
TEMPERATURE
DRAWING
PRODUCT
(LSB)
(LSB)
RANGE
PACKAGE
NUMBER(1)
ADS7816P
±2
±2
–40
°C to +85°C
Plastic DIP
006
ADS7816U
±2
±2
–40
°C to +85°C
SOIC
182
ADS7816E
±2
±2
–40
°C to +85°C
MSOP
337
ADS7816PB
±2
±1
–40
°C to +85°C
Plastic DIP
006
ADS7816UB
±2
±1
–40
°C to +85°C
SOIC
182
ADS7816EB
±2
±1
–40
°C to +85°C
MSOP
337
ADS7816PC
±1
±0.75
–40
°C to +85°C
Plastic DIP
006
ADS7816UC
±1
±0.75
–40
°C to +85°C
SOIC
182
ADS7816EC
±1
±0.75
–40
°C to +85°C
MSOP
337
NOTE: (1) For detailed drawing and dimension table, please see end of data sheet, or Appendix C of Burr-Brown IC Data Book.
1
2
3
4
8
7
6
5
+V
CC
DCLOCK
D
OUT
CS/SHDN
V
REF
+In
–In
GND
ADS7816
8-Pin PDIP,
8-Lead SOIC,
8-Lead MSOP


Similar Part No. - ADS7816

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7816 TI-ADS7816 Datasheet
931Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling
ADS7816 TI-ADS7816 Datasheet
963Kb / 24P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7816E/250 TI1-ADS7816E/250 Datasheet
984Kb / 24P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling
ADS7816E/250G4 TI1-ADS7816E/250G4 Datasheet
984Kb / 24P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling
ADS7816E/2K5 TI1-ADS7816E/2K5 Datasheet
984Kb / 24P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling
More results

Similar Description - ADS7816

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7816U TI1-ADS7816U Datasheet
951Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7816P TI1-ADS7816P Datasheet
951Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7816EB TI-ADS7816EB Datasheet
963Kb / 24P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1286 BURR-BROWN-ADS1286 Datasheet
165Kb / 11P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1286 TI1-ADS1286_14 Datasheet
491Kb / 18P
[Old version datasheet]   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS1286 TI1-ADS1286_16 Datasheet
483Kb / 17P
[Old version datasheet]   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1286 BURR-BROWN-ADS1286_06 Datasheet
141Kb / 14P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS1286 BURR-BROWN-ADS1286_12 Datasheet
479Kb / 18P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7835 TI1-ADS7835_14 Datasheet
840Kb / 21P
[Old version datasheet]   12-Bit, High-Speed, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7834 TI1-ADS7834_14 Datasheet
966Kb / 22P
[Old version datasheet]   12-Bit High-Speed, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com