Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7815 Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS7815
Description  16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7815 Datasheet(HTML) 1 Page - Burr-Brown (TI)

  ADS7815 Datasheet HTML 1Page - Burr-Brown (TI) ADS7815 Datasheet HTML 2Page - Burr-Brown (TI) ADS7815 Datasheet HTML 3Page - Burr-Brown (TI) ADS7815 Datasheet HTML 4Page - Burr-Brown (TI) ADS7815 Datasheet HTML 5Page - Burr-Brown (TI) ADS7815 Datasheet HTML 6Page - Burr-Brown (TI) ADS7815 Datasheet HTML 7Page - Burr-Brown (TI) ADS7815 Datasheet HTML 8Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
16-Bit 250kHz Sampling CMOS
ANALOG-to-DIGITAL CONVERTER
DESCRIPTION
The ADS7815 is a complete 16-bit sampling analog-
to-digital (A/D) converter featuring excellent AC
performance and a 250kHz throughput rate. The de-
sign includes a 16-bit capacitor-based SAR A/D
converter with an inherent sample and hold (S/H), a
precision reference, and an internal clock. Spurious-
free dynamic range with a 100kHz full-scale sinewave
input is typically greater than 100dB. The
±2.5V input
range allows development of precision systems using
only
±5V supplies. The converter is available in a
28-lead SOIC package specified for operation over
the industrial –25
°C to +85°C temperature range.
ADS7815
®
FEATURES
q 250kHz SAMPLING RATE
q COMPLETE WITH S/H, REF, CLOCK, ETC.
q 96dB min SFDR WITH 100kHz INPUT
q 84dB min SINAD
q
±2.5V INPUT RANGE
q 28-LEAD SOIC
CDAC
Output
Latches
and
Three
State
Drivers
Comparator
Buffer
5k
REF Out/In
±2.5V Input
Successive Approximation Register and Control Logic
Clock
BUSY
CS
R/C
Internal
+2.5V Ref
Parallel
Data
Bus
©1996 Burr-Brown Corporation
PDS-1364A
Printed in U.S.A. December, 1996
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111
Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
APPLICATIONS
q WIRELESS BASE STATIONS
q SPECTRUM ANALYSIS
q IMAGING SYSTEMS
q DATA ACQUISITION
ADS7815


Similar Part No. - ADS7815

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7815 TI1-ADS7815 Datasheet
597Kb / 16P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7815U TI1-ADS7815U Datasheet
597Kb / 16P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7815U/1K TI1-ADS7815U/1K Datasheet
597Kb / 16P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7815UE4 TI1-ADS7815UE4 Datasheet
597Kb / 16P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7815UG4 TI1-ADS7815UG4 Datasheet
597Kb / 16P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
More results

Similar Description - ADS7815

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7811 BURR-BROWN-ADS7811 Datasheet
186Kb / 9P
   16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS7811 TI1-ADS7811_15 Datasheet
303Kb / 15P
[Old version datasheet]   16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7821 BURR-BROWN-ADS7821 Datasheet
280Kb / 10P
   16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7805 BURR-BROWN-ADS7805 Datasheet
135Kb / 12P
   16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS8364 TI-ADS8364 Datasheet
393Kb / 22P
[Old version datasheet]   250kHz, 16-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
logo
Burr-Brown (TI)
ADS7807 BURR-BROWN-ADS7807_08 Datasheet
672Kb / 25P
   Low-Power, 16-Bit, Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS8519 TI-ADS8519_08 Datasheet
614Kb / 27P
[Old version datasheet]   16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7807 BURR-BROWN-ADS7807_06 Datasheet
526Kb / 24P
   Low-Power, 16-Bit, Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS8515 TI1-ADS8515_14 Datasheet
573Kb / 23P
[Old version datasheet]   16-Bit 250-kSPS Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8505 TI1-ADS8505_14 Datasheet
1Mb / 27P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com