Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSPIC33FJ06GS001T-E Datasheet(PDF) 9 Page - Microchip Technology

Part # DSPIC33FJ06GS001T-E
Description  16-Bit Microcontrollers and Digital Signal Controllers with High-Speed PWM, ADC and Comparators
Download  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS001T-E Datasheet(HTML) 9 Page - Microchip Technology

Back Button DSPIC33FJ06GS001T-E Datasheet HTML 5Page - Microchip Technology DSPIC33FJ06GS001T-E Datasheet HTML 6Page - Microchip Technology DSPIC33FJ06GS001T-E Datasheet HTML 7Page - Microchip Technology DSPIC33FJ06GS001T-E Datasheet HTML 8Page - Microchip Technology DSPIC33FJ06GS001T-E Datasheet HTML 9Page - Microchip Technology DSPIC33FJ06GS001T-E Datasheet HTML 10Page - Microchip Technology DSPIC33FJ06GS001T-E Datasheet HTML 11Page - Microchip Technology DSPIC33FJ06GS001T-E Datasheet HTML 12Page - Microchip Technology DSPIC33FJ06GS001T-E Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 352 page
background image
 2011-2012 Microchip Technology Inc.
DS75018C-page 9
dsPIC33FJ06GS001/101A/102A/202A and dsPIC33FJ09GS302
Pin Diagrams (Continued)
36-Pin VTLA
Note 1:
The RPn pins can be used by any remappable peripheral. See Table 1 for the list of available peripherals.
2:
The metal pad at the bottom of the device is not connected to any pins and is recommended to be connected to
VSS externally.
1
dsPIC33FJ09GS302
10
33 32 31 30 29 28
2
3
4
5
6
24
23
22
21
20
19
11 12 13 14 15
N/C
VSS
PGEC1/SDA1/RP7(1)/CN7/RB7
PWM2L/RP14(1)/CN14/RB14
PWM2H/RP13(1)/CN13/RB13
TMS/RP11(1)/CN11/RB11
TCK/RP12(1)/CN12/RB12
VDD
VCAP
VDD
AN4/ISRC4/CMP2C/RP9(1)/CN9/RB9
NC
OSCO/CLKO/AN7/ISRC1/RP2(1)/CN2/RB2
NC
NC
AN5/ISRC3/CMP2D/RP10(1)/CN10/RB10
VSS
OSCI/CLKI/AN6/ISRC2/RP1(1)/CN1/RB1
7
8
9
34
35
36
16 17 18
27
26
25
= Pins are up to 5V tolerant


Similar Part No. - DSPIC33FJ06GS001T-E

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
dsPIC33FJ06GS001 MICROCHIP-dsPIC33FJ06GS001 Datasheet
3Mb / 352P
   16-Bit Microcontrollers and Digital Signal Controllers with High-Speed PWM, ADC and Comparators
11/29/11
DSPIC33FJ06GS001 MICROCHIP-DSPIC33FJ06GS001 Datasheet
8Mb / 20P
   16-bit Embedded Control Solutions
11/27/12
DSPIC33FJ06GS001 MICROCHIP-DSPIC33FJ06GS001_12 Datasheet
3Mb / 352P
   16-Bit Microcontrollers and Digital Signal Controllers with High-Speed PWM, ADC and Comparators
11/29/11
More results

Similar Description - DSPIC33FJ06GS001T-E

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSPIC33FJ06GS001 MICROCHIP-DSPIC33FJ06GS001_12 Datasheet
3Mb / 352P
   16-Bit Microcontrollers and Digital Signal Controllers with High-Speed PWM, ADC and Comparators
11/29/11
DSPIC33FJ64GS606-IPT MICROCHIP-DSPIC33FJ64GS606-IPT Datasheet
3Mb / 456P
   16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
11/29/11
DSPIC33FJ32GS406 MICROCHIP-DSPIC33FJ32GS406_12 Datasheet
3Mb / 456P
   16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
11/29/11
DSPIC33CK64MC105 MICROCHIP-DSPIC33CK64MC105 Datasheet
4Mb / 518P
   16-Bit Digital Signal Controllers with High-Speed ADC, Op Amps, Comparators and High-Speed PWM
02/28/20
DSPIC33CK64MP105 MICROCHIP-DSPIC33CK64MP105 Datasheet
4Mb / 530P
   16-Bit Digital Signal Controllers with High-Speed ADC, Op Amps, Comparators and High-Resolution PWM
08/15/18
DSPIC33EPXXGS202 MICROCHIP-DSPIC33EPXXGS202 Datasheet
3Mb / 344P
   16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
10/25/17
DSPIC33EPXXGS50X MICROCHIP-DSPIC33EPXXGS50X Datasheet
4Mb / 390P
   16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
11/07/16
DSPIC33EP512MU814-IPL MICROCHIP-DSPIC33EP512MU814-IPL Datasheet
4Mb / 623P
   16-Bit Microcontrollers and Digital Signal Controllers with High-Speed PWM, USB and Advanced Analog
11/29/11
DSPIC33EP256MU806 MICROCHIP-DSPIC33EP256MU806 Datasheet
5Mb / 622P
   16-Bit Microcontrollers and Digital Signal Controllers with High-Speed PWM, USB and Advanced Analog
11/29/11
DSPIC33EPXXXGS70X MICROCHIP-DSPIC33EPXXXGS70X Datasheet
4Mb / 484P
   16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
08/15/18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com