Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7810UB Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ADS7810UB
Description  12-Bit 800kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7810UB Datasheet(HTML) 5 Page - Burr-Brown (TI)

  ADS7810UB Datasheet HTML 1Page - Burr-Brown (TI) ADS7810UB Datasheet HTML 2Page - Burr-Brown (TI) ADS7810UB Datasheet HTML 3Page - Burr-Brown (TI) ADS7810UB Datasheet HTML 4Page - Burr-Brown (TI) ADS7810UB Datasheet HTML 5Page - Burr-Brown (TI) ADS7810UB Datasheet HTML 6Page - Burr-Brown (TI) ADS7810UB Datasheet HTML 7Page - Burr-Brown (TI) ADS7810UB Datasheet HTML 8Page - Burr-Brown (TI) ADS7810UB Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
®
ADS7810
5
FREQUENCY SPECTRUM
(4096 Point FFT; f
IN = 502kHz, –0.5dB)
Frequency (kHz)
0
–20
–40
–60
–80
–100
–120
0
100
200
300
400
FREQUENCY SPECTRUM
(4096 Point FFT; f
IN = 252kHz, –0.5dB)
Frequency (kHz)
0
–20
–40
–60
–80
–100
–120
0
100
200
300
400
TYPICAL PERFORMANCE CURVES
T = +25
°C, f
S =800kHz, +VDIG = +VANA = +5V, –VANA = –5V, using internal reference and the input 50Ω resistors as shown in Figure 4b, unless otherwise specified.
FREQUENCY SPECTRUM
(4096 Point FFT; f
IN = 1.002MHz, –0.5dB)
Frequency (kHz)
0
–20
–40
–60
–80
–100
–120
0
100
200
300
400
FREQUENCY SPECTRUM
(4096 Point FFT; f1
IN = 232kHz, –6.5dB;
f2
IN = 272kHz, –6.5dB)
Frequency (kHz)
0
–20
–40
–60
–80
–100
–120
0
100
200
300
400
SIGNAL-TO-(NOISE + DISTORTION)
vs INPUT FREQUENCY (f
IN = –0.5dB)
90
80
70
60
50
40
30
20
10
1k
10k
100k
1M
10M
Input Signal Frequency (Hz)
A.C. PARAMETERS vs TEMPERATURE
(f
IN = 250kHz, –0.5dB)
100
95
90
85
80
75
70
65
60
–100
–95
–90
–85
–80
–75
–70
–65
–60
–50
–25
0
25
50
75
100
Temperature (°C)
SNR
SFDR
SINAD
THD


Similar Part No. - ADS7810UB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7810UB TI1-ADS7810UB Datasheet
331Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS7810UBE4 TI1-ADS7810UBE4 Datasheet
331Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7810UB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7819 BURR-BROWN-ADS7819 Datasheet
317Kb / 11P
   12-Bit 800kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7831 BURR-BROWN-ADS7831 Datasheet
313Kb / 10P
   12-Bit 600kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7804 BURR-BROWN-ADS7804 Datasheet
182Kb / 10P
   12-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7820 BURR-BROWN-ADS7820 Datasheet
280Kb / 10P
   12-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7808 BURR-BROWN-ADS7808 Datasheet
251Kb / 10P
   12-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
ADS8504 BURR-BROWN-ADS8504 Datasheet
379Kb / 19P
   12-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7806 TI1-ADS7806 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7808 BURR-BROWN-ADS7808_07 Datasheet
329Kb / 13P
   12-Bit 10us Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
ADS7806 BURR-BROWN-ADS7806 Datasheet
209Kb / 18P
   Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com