Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7806UB Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS7806UB
Description  Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7806UB Datasheet(HTML) 4 Page - Burr-Brown (TI)

  ADS7806UB Datasheet HTML 1Page - Burr-Brown (TI) ADS7806UB Datasheet HTML 2Page - Burr-Brown (TI) ADS7806UB Datasheet HTML 3Page - Burr-Brown (TI) ADS7806UB Datasheet HTML 4Page - Burr-Brown (TI) ADS7806UB Datasheet HTML 5Page - Burr-Brown (TI) ADS7806UB Datasheet HTML 6Page - Burr-Brown (TI) ADS7806UB Datasheet HTML 7Page - Burr-Brown (TI) ADS7806UB Datasheet HTML 8Page - Burr-Brown (TI) ADS7806UB Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
®
ADS7806
DIGITAL
PIN #
NAME
I/O
DESCRIPTION
TABLE I. Pin Assignments.
ANALOG
CONNECT R1IN
CONNECT R2IN
INPUT
VIA 200
VIA 100
RANGE
TO
TO
IMPEDANCE
±10V
VIN
CAP
45.7k
0V to 5V
AGND
VIN
20.0k
0V to 4V
VIN
VIN
21.4k
TABLE II. Input Range Connections. See also Figure 7.
PIN CONFIGURATION
V
DIG
V
ANA
REFD
PWRD
BUSY
CS
R/C
BYTE
TAG
SDATA
DATACLK
D0
D1
D2
R1
IN
AGND1
R2
IN
CAP
REF
AGND2
SB/BTC
EXT/INT
D7
D6
D5
D4
D3
DGND
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
ADS7806
1R1IN
Analog Input. See Figure 7.
2
AGND1
Analog Sense Ground.
3R2IN
Analog Input. See Figure 7.
4
CAP
Reference Buffer Output. 2.2
µF tantalum capacitor to ground.
5
REF
Reference Input/Output. 2.2
µF tantalum capacitor to ground.
6
AGND2
Analog Ground.
7
SB/BTC
I
Selects Straight Binary or Binary Two’s Complement for Output Data Format.
8
EXT/INT
I
External/Internal data clock select.
9
D7
O
Data Bit 3 if BYTE is HIGH. Data bit 11 (MSB) if BYTE is LOW. Hi-Z when CS is HIGH and/or R/C is LOW. Leave
unconnected when using serial output.
10
D6
O
Data Bit 2 if BYTE is HIGH. Data bit 10 if BYTE is LOW. Hi-Z when CS is HIGH and/or R/C is LOW.
11
D5
O
Data Bit 1 if BYTE is HIGH. Data bit 9 if BYTE is LOW. Hi-Z when CS is HIGH and/or R/C is LOW.
12
D4
O
Data Bit 0 (LSB) if BYTE is HIGH. Data bit 8 if BYTE is LOW. Hi-Z when CS is HIGH and/or R/C is LOW.
13
D3
O
LOW if BYTE is HIGH. Data bit 7 if BYTE is LOW. Hi-Z when CS is HIGH and/or R/C is LOW.
14
DGND
Digital Ground.
15
D2
O
LOW if BYTE is HIGH. Data bit 6 if BYTE is LOW. Hi-Z when CS is HIGH and/or R/C is LOW.
16
D1
O
LOW if BYTE is HIGH. Data bit 5 if BYTE is LOW. Hi-Z when CS is HIGH and/or R/C is LOW.
17
D0
O
LOW if BYTE is HIGH. Data bit 4 if BYTE is LOW. Hi-Z when CS is HIGH and/or R/C is LOW.
18
DATACLK
I/O
Data Clock Output when EXT/INT is LOW. Data clock input when EXT/INT is HIGH.
19
SDATA
O
Serial Output Synchronized to DATACLK.
20
TAG
I
Serial Input When Using an External Data Clock.
21
BYTE
I
Selects 8 most significant bits (LOW) or 4 least significant bits (HIGH) on parallel output pins.
22
R/C
I
With CS LOW and BUSY HIGH, a Falling Edge on R/C Initiates a New Conversion. With CS LOW, a rising edge on R/C
enables the parallel output.
23
CS
I
Internally OR’d with R/C. If R/C is LOW, a falling edge on CS initiates a new conversion. If EXT/INT is LOW, this same
falling edge will start the transmission of serial data results from the previous conversion.
24
BUSY
O
At the start of a conversion, BUSY goes LOW and stays LOW until the conversion is completed and the digital outputs
have been updated.
25
PWRD
I
PWRD HIGH shuts down all analog circuitry except the reference. Digital circuitry remains active.
26
REFD
I
REFD HIGH shuts down the internal reference. External reference will be required for conversions.
27
VANA
Analog Supply. Nominally +5V. Decouple with 0.1
µF ceramic and 10µF tantalum capacitors.
28
VDIG
Digital Supply. Nominally +5V. Connect directly to pin 27. Must be
≤ V
ANA.


Similar Part No. - ADS7806UB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7806UB TI1-ADS7806UB Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7806UB/1K TI1-ADS7806UB/1K Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
More results

Similar Description - ADS7806UB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7806 TI1-ADS7806 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7819 BURR-BROWN-ADS7819 Datasheet
317Kb / 11P
   12-Bit 800kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7831 BURR-BROWN-ADS7831 Datasheet
313Kb / 10P
   12-Bit 600kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7804 BURR-BROWN-ADS7804 Datasheet
182Kb / 10P
   12-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7810 BURR-BROWN-ADS7810 Datasheet
208Kb / 11P
   12-Bit 800kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7820 BURR-BROWN-ADS7820 Datasheet
280Kb / 10P
   12-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS7812 TI1-ADS7812 Datasheet
1,014Kb / 25P
[Old version datasheet]   Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7812 BURR-BROWN-ADS7812 Datasheet
381Kb / 17P
   Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7812 TI1-ADS7812_15 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7807 BURR-BROWN-ADS7807_06 Datasheet
526Kb / 24P
   Low-Power, 16-Bit, Sampling CMOS ANALOG-to-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com