Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-8983902RA Datasheet(PDF) 5 Page - Lattice Semiconductor

Part # 5962-8983902RA
Description  High Performance E2CMOS PLD Generic Array Logic?
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

5962-8983902RA Datasheet(HTML) 5 Page - Lattice Semiconductor

  5962-8983902RA Datasheet HTML 1Page - Lattice Semiconductor 5962-8983902RA Datasheet HTML 2Page - Lattice Semiconductor 5962-8983902RA Datasheet HTML 3Page - Lattice Semiconductor 5962-8983902RA Datasheet HTML 4Page - Lattice Semiconductor 5962-8983902RA Datasheet HTML 5Page - Lattice Semiconductor 5962-8983902RA Datasheet HTML 6Page - Lattice Semiconductor 5962-8983902RA Datasheet HTML 7Page - Lattice Semiconductor 5962-8983902RA Datasheet HTML 8Page - Lattice Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Specifications GAL16V8D/883
5
Capacitance (T
A = 25°C, f = 1.0 MHz)
SYMBOL
PARAMETER
MAXIMUM*
UNITS
TEST CONDITIONS
C
I
Input Capacitance
10
pF
V
CC = 5.0V, VI = 2.0V
C
I/O
I/O Capacitance
10
pF
V
CC = 5.0V, VI/O = 2.0V
*Characterized but not 100% tested.
tpd
A
Input or I/O to Combinational Output
3
15
3
20
3
30
ns
tco
A
Clock to Output Delay
2
12
2
15
2
20
ns
tcf2
Clock to Feedback Delay
12
15
20
ns
tsu
Setup Time, Input or Feedback before Clock↑
12
15
25
ns
th
Hold Time, Input or Feedback after Clock↑
0—
0—
0
ns
A
Maximum Clock Frequency with
41.6
33.3
22.2
MHz
External Feedback, 1/(tsu + tco)
fmax3
A
Maximum Clock Frequency with
41.6
33.3
22.2
MHz
Internal Feedback, 1/(tsu + tcf)
A
Maximum Clock Frequency with
50
41.6
33.3
MHz
No Feedback
twh
Clock Pulse Duration, High
10
12
15
ns
twl
Clock Pulse Duration, Low
10
12
15
ns
ten
B
Input or I/O to Output Enabled
15
20
30
ns
B
OE to Output Enabled
15
18
25
ns
tdis
C
Input or I/O to Output Disabled
15
20
30
ns
C
OE to Output Disabled
15
18
25
ns
1) Refer to Switching Test Conditions section.
2) Calculated from fmax with internal feedback. Refer to fmax Descriptions section.
3) Refer to fmax Descriptions section.
-20
MIN. MAX.
-15
MIN. MAX.
PARAMETER
UNITS
DESCRIPTION
TEST
COND1.
-30
MIN. MAX.
AC Switching Characteristics
Over Recommended Operating Conditions


Similar Part No. - 5962-8983902RA

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5962-89805012A AD-5962-89805012A Datasheet
151Kb / 8P
   Integrated Circuit True RMS-to-DC Converter
REV. B
5962-89805012A AD-5962-89805012A Datasheet
558Kb / 17P
   Integrated Circuit True RMS-to-DC Converter
Rev. E
5962-8980501CA AD-5962-8980501CA Datasheet
151Kb / 8P
   Integrated Circuit True RMS-to-DC Converter
REV. B
5962-8980501CA AD-5962-8980501CA Datasheet
558Kb / 17P
   Integrated Circuit True RMS-to-DC Converter
Rev. E
5962-8980501IA AD-5962-8980501IA Datasheet
151Kb / 8P
   Integrated Circuit True RMS-to-DC Converter
REV. B
More results

Similar Description - 5962-8983902RA

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL18V10 LATTICE-GAL18V10 Datasheet
265Kb / 16P
   High Performance E2CMOS PLD Generic Array Logic
GAL16V8 LATTICE-GAL16V8_98 Datasheet
395Kb / 22P
   High Performance E2CMOS PLD Generic Array Logic?
GAL22V10 LATTICE-GAL22V10 Datasheet
386Kb / 29P
   High Performance E2CMOS PLD Generic Array Logic
26CV12 LATTICE-26CV12 Datasheet
255Kb / 17P
   High Performance E2CMOS PLD Generic Array Logic
GAL20V8 LATTICE-GAL20V8 Datasheet
308Kb / 23P
   High Performance E2CMOS PLD Generic Array Logic
GAL16V8 LATTICE-GAL16V8_06 Datasheet
654Kb / 24P
   High Performance E2CMOS PLD Generic Array Logic?
GAL16V8 LATTICE-GAL16V8 Datasheet
316Kb / 22P
   High Performance E2CMOS PLD Generic Array Logic
GAL16V811111 LATTICE-GAL16V811111 Datasheet
392Kb / 23P
   High Performance E2CMOS PLD Generic Array Logic
GAL20V8 LATTICE-GAL20V8_06 Datasheet
582Kb / 25P
   High Performance E2CMOS PLD Generic Array Logic?
GAL16V8 LATTICE-GAL16V8_04 Datasheet
339Kb / 23P
   High Performance E2CMOS PLD Generic Array Logic?
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com