Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7805PB Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ADS7805PB
Description  16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7805PB Datasheet(HTML) 1 Page - Burr-Brown (TI)

  ADS7805PB Datasheet HTML 1Page - Burr-Brown (TI) ADS7805PB Datasheet HTML 2Page - Burr-Brown (TI) ADS7805PB Datasheet HTML 3Page - Burr-Brown (TI) ADS7805PB Datasheet HTML 4Page - Burr-Brown (TI) ADS7805PB Datasheet HTML 5Page - Burr-Brown (TI) ADS7805PB Datasheet HTML 6Page - Burr-Brown (TI) ADS7805PB Datasheet HTML 7Page - Burr-Brown (TI) ADS7805PB Datasheet HTML 8Page - Burr-Brown (TI) ADS7805PB Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111
Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
FEATURES
q 100kHz min SAMPLING RATE
q STANDARD
±10V INPUT RANGE
q 86dB min SINAD WITH 20kHz INPUT
q
±3.0 LSB max INL
q DNL: 16-bits “No Missing Codes”
q SINGLE +5V SUPPLY OPERATION
q PIN-COMPATIBLE WITH 12-BIT ADS7804
q USES INTERNAL OR EXTERNAL
REFERENCE
q FULL PARALLEL DATA OUTPUT
q 100mW max POWER DISSIPATION
q 28-PIN 0.3" PLASTIC DIP AND SOIC
ADS7805
DESCRIPTION
The ADS7805 is a complete 16-bit sampling A/D
using state-of-the-art CMOS structures. It contains a
complete 16-bit, capacitor-based, SAR A/D with S/H,
reference, clock, interface for microprocessor use, and
three-state output drivers.
The ADS7805 is specified at a 100kHz sampling rate,
and guaranteed over the full temperature range. Laser-
trimmed scaling resistors provide an industry-
standard
±10V input range, while the innovative de-
sign allows operation from a single +5V supply, with
power dissipation under 100mW.
The 28-pin ADS7805 is available in a plastic 0.3" DIP
and in an SOIC, both fully specified for operation over
the industrial –25
°C to +85°C range.
16-Bit 10
µs Sampling CMOS
ANALOG-to-DIGITAL CONVERTER
Successive Approximation Register and Control Logic
Clock
Output
Latches
and
Three
State
Drivers
Three
State
Parallel
Data
Bus
BUSY
Comparator
BYTE
CS
R/C
CDAC
Internal
+2.5V Ref
Buffer
4k
±10V Input
REF
CAP
20k
4k
10k
®
DEMO BOARD
AVAILABLE
See Appendix A
©1992 Burr-Brown Corporation
PDS-1157E
Printed in U.S.A. August, 1996


Similar Part No. - ADS7805PB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805U TI1-ADS7805U Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805U TI-ADS7805U Datasheet
169Kb / 10P
[Old version datasheet]   ADS78/8505EVM Users Guide
December 2004
ADS7805U/1K TI1-ADS7805U/1K Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805U/1KE4 TI1-ADS7805U/1KE4 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
More results

Similar Description - ADS7805PB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7821 BURR-BROWN-ADS7821 Datasheet
280Kb / 10P
   16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7809 BURR-BROWN-ADS7809 Datasheet
248Kb / 10P
   16-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
ADS7804 BURR-BROWN-ADS7804 Datasheet
182Kb / 10P
   12-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7820 BURR-BROWN-ADS7820 Datasheet
280Kb / 10P
   12-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7808 BURR-BROWN-ADS7808 Datasheet
251Kb / 10P
   12-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
ADS7811 BURR-BROWN-ADS7811 Datasheet
186Kb / 9P
   16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7815 BURR-BROWN-ADS7815 Datasheet
140Kb / 8P
   16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS7811 TI1-ADS7811_15 Datasheet
303Kb / 15P
[Old version datasheet]   16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7807 BURR-BROWN-ADS7807_08 Datasheet
672Kb / 25P
   Low-Power, 16-Bit, Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS8519 TI-ADS8519_08 Datasheet
614Kb / 27P
[Old version datasheet]   16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com