Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7804UB Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS7804UB
Description  12-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7804UB Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button ADS7804UB Datasheet HTML 2Page - Burr-Brown (TI) ADS7804UB Datasheet HTML 3Page - Burr-Brown (TI) ADS7804UB Datasheet HTML 4Page - Burr-Brown (TI) ADS7804UB Datasheet HTML 5Page - Burr-Brown (TI) ADS7804UB Datasheet HTML 6Page - Burr-Brown (TI) ADS7804UB Datasheet HTML 7Page - Burr-Brown (TI) ADS7804UB Datasheet HTML 8Page - Burr-Brown (TI) ADS7804UB Datasheet HTML 9Page - Burr-Brown (TI) ADS7804UB Datasheet HTML 10Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
®
ADS7804
9
FIGURE 7. Full Scale Transfer Function.
REFERENCE
The ADS7804 can operate with its internal 2.5V reference or
an external reference. By applying an external reference to
pin 5, the internal reference can be bypassed. The reference
voltage at REF is buffered internally with the output on CAP
(pin 4).
The internal reference has an 8 ppm/
°C drift (typical) and
accounts for approximately 20% of the full scale error
(FSE =
±0.5% for low grade, ±0.25% for high grade).
REF
REF (pin 3) is an input for an external reference or the output
for the internal 2.5V reference. A 2.2
µF capacitor should be
connected as close to the REF pin as possible. The capacitor
and the output resistance of REF create a low pass filter to
bandlimit noise on the reference. Using a smaller value
capacitor will introduce more noise to the reference degrad-
ing the SNR and SINAD. The REF pin should not be used
to drive external AC or DC loads.
The range for the external reference is 2.3V to 2.7V and
determines the actual LSB size. Increasing the reference
voltage will increase the full scale range and the LSB size of
the converter which can improve the SNR.
CAP
CAP (pin 4) is the output of the internal reference buffer. A
2.2
µF capacitor should be placed as close to the CAP pin as
possible to provide optimum switching currents for the
CDAC throughout the conversion cycle and compensation
for the output of the internal buffer. Using a capacitor any
smaller than 1
µF can cause the output buffer to oscillate and
may not have sufficient charge for the CDAC. Capacitor
values larger than 2.2
µF will have little affect on improving
performance.
The output of the buffer is capable of driving up to 2mA of
current to a DC load. DC loads requiring more than 2mA of
current from the CAP pin will begin to degrade the linearity
of the ADS7804. Using an external buffer will allow the
internal reference to be used for larger DC loads and AC
loads. Do not attempt to directly drive an AC load with the
output voltage on CAP. This will cause performance degra-
dation of the converter.
–9.99983V –9.9998V
–10V
Digital
Output
7FF
Analog
Input
800
9.999815V
+10V
Ideal Transfer Function
With External Resistors
Range of Transfer Function
Without External Resistors
9.9997V
–50mV
–15mV


Similar Part No. - ADS7804UB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7804UB TI1-ADS7804UB Datasheet
940Kb / 19P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
More results

Similar Description - ADS7804UB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7820 BURR-BROWN-ADS7820 Datasheet
280Kb / 10P
   12-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7808 BURR-BROWN-ADS7808 Datasheet
251Kb / 10P
   12-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
ADS7821 BURR-BROWN-ADS7821 Datasheet
280Kb / 10P
   16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7805 BURR-BROWN-ADS7805 Datasheet
135Kb / 12P
   16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7809 BURR-BROWN-ADS7809 Datasheet
248Kb / 10P
   16-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
ADS7819 BURR-BROWN-ADS7819 Datasheet
317Kb / 11P
   12-Bit 800kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7831 BURR-BROWN-ADS7831 Datasheet
313Kb / 10P
   12-Bit 600kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7810 BURR-BROWN-ADS7810 Datasheet
208Kb / 11P
   12-Bit 800kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS8504 BURR-BROWN-ADS8504 Datasheet
379Kb / 19P
   12-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7806 TI1-ADS7806 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com