Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB0204A Datasheet(PDF) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB0204A
Description  IF SAW Filter 261.12MHz(BW=5MHz) SMD 13.3X6.5mm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB0204A Datasheet(HTML) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TB0204A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB0204A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB0204A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB0204A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB0204A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TB0204A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TB0204A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 4 -
TST DCC
Release document
3. S11 Smith Chart: (span : 50MHz)
4. S22 Smith Chart (span : 50MHz)


Similar Part No. - TB0204A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TB0204A GOLLEDGE-TB0204A Datasheet
102Kb / 3P
   SAW Filter 261.120MHz
More results

Similar Description - TB0204A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB1366A TAI-SAW-TB1366A Datasheet
388Kb / 7P
   140MHz 9.3MHz BW SMD 13.3x6.5mm SAW IF Filter
TB0805A TAI-SAW-TB0805A Datasheet
390Kb / 7P
   IF SAW Filter 874MHz(BW=15.1MHz) SMD 13.3X6.5mm
TB0740A TAI-SAW-TB0740A Datasheet
370Kb / 7P
   IF SAW Filter 70MHz(BW=9MHz) SMD 13.3X6.5mm
TB0763A TAI-SAW-TB0763A Datasheet
393Kb / 7P
   IF SAW Filter 120MHz(BW=15MHz) SMD 13.3X6.5mm
TB0185A TAI-SAW-TB0185A Datasheet
413Kb / 7P
   IF SAW Filter 70MHz(BW=7MHz) SMD 13.3X6.5mm
TB0804A TAI-SAW-TB0804A Datasheet
376Kb / 7P
   IF SAW Filter 829.5MHz(BW=14.5MHz) SMD 13.3X6.5mm
TB0773A TAI-SAW-TB0773A Datasheet
391Kb / 7P
   IF SAW Filter 153.6MHz(BW=24MHz) SMD 13.3X6.5mm
TB0774A TAI-SAW-TB0774A Datasheet
388Kb / 7P
   IF SAW Filter 153.6MHz(BW=36MHz) SMD 13.3X6.5mm
TB1351A TAI-SAW-TB1351A Datasheet
398Kb / 7P
   140MHz 9.3MHz BW SMD 13.3x6.5mm SAW IF Filter
TB0473A TAI-SAW-TB0473A Datasheet
372Kb / 4P
   IF SAW Filter 44MHz(BW=5MHz) SMD 13.7X4.8mm
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com