Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7800 Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS7800
Description  12-Bit 3ms Sampling ANALOG-TO-DIGITAL CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7800 Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button ADS7800 Datasheet HTML 3Page - Burr-Brown (TI) ADS7800 Datasheet HTML 4Page - Burr-Brown (TI) ADS7800 Datasheet HTML 5Page - Burr-Brown (TI) ADS7800 Datasheet HTML 6Page - Burr-Brown (TI) ADS7800 Datasheet HTML 7Page - Burr-Brown (TI) ADS7800 Datasheet HTML 8Page - Burr-Brown (TI) ADS7800 Datasheet HTML 9Page - Burr-Brown (TI) ADS7800 Datasheet HTML 10Page - Burr-Brown (TI) ADS7800 Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
®
7
ADS7800
FIGURE 2. Basic
±10V Operation.
OPERATION
BASIC OPERATION
Figure 2 shows the simple hookup circuit required to operate
the ADS7800 in a
±10V range in the Convert Mode. A
convert command arriving on pin 19, R/C, (a pulse taking
pin 19 LOW for a minimum of 40ns) puts the ADS7800 in
the hold mode, and a conversion is started. Pin 21, BUSY,
will be held LOW during the conversion, and rises only after
the conversion is completed and the data has been trans-
ferred to the output latches. Thus, the rising edge of the
signal on pin 21 can be used to read the data from the
conversion. Also, during conversion, the BUSY signal puts
the output data lines in Hi-Z states and inhibits input lines.
This means that pulses on pin 19 are ignored, so that new
conversions cannot be initiated during a conversion, either
as a result of spurious signals or to short-cycle the
ADS7800.
In the Read Mode, the input to pin 19 is kept normally LOW,
and a HIGH pulse is used to read data and initiate a
conversion. In this mode, the rising edge of R/C on pin 19
will enable the output data pins, and the data from the
previous conversion becomes valid. The falling edge then
puts the ADS7800 in a hold mode, and initiates a new
conversion.
The ADS7800 will begin acquiring a new sample as soon
as the conversion is completed, even before the BUSY
output rises on pin 21, and will track the input signal until
the next conversion is started, whether in the Convert Mode
or the Read Mode.
THEORY OF OPERATION
The ADS7800 combines the advantages of advanced CMOS
technology (logic density, stable capacitors, and good
analog switches) with Burr-Brown’s proven skills in laser-
trimmed thin-film resistors to provide a complete sampling
A/D converter.
A basic charge-redistribution successive approximation
architecture converts analog input voltages into digital
words. Figure 1 shows the operation of a simplified three
bit charge redistribution A/D. Precision laser-trimmed
scaling resistors at the input divide standard input ranges
(
±10V or ±5V for the ADS7800) into levels compatible with
the CMOS characteristics of the internal capacitor array.
While in the sampling mode, the capacitor array switch for
the MSB capacitor (S1) is in position “S”, so that the charge
on the MSB capacitor is proportional to the voltage level of
the analog input signal, and the remaining array switches (S2
and S
3) are set to position “R” to provide an accurate bipolar
offset from the reference source REF. At the same time,
switch S
C is also in the closed position to auto-zero any
offset errors in the CMOS comparator.
When a convert command is received, switch S1 is opened
to trap a charge on the MSB capacitor proportional to the
input level at the time of the sampling command, switches
S2 and S3 are opened to trap an offset charge, and switch
S
C is opened to float the comparator input. The charge
trapped on the capacitor array can now be moved between
the three capacitors in the array by connecting switches S
1,
S2 and S3 to positions “R” (to connect to REF) or “G” (to
connect to GND) successively, changing the voltage gener-
ated at the comparator input node.
The first approximation connects the MSB capacitor via
switch S1 to REF, while switches S2 and S3 are connected
to GND. Depending on whether the comparator output is
HIGH or LOW, the logic will then latch S1 in position “R”
or “G”, and moves on to make the next approximation by
connecting S2 to REF and S3 to GND. When the three
successive approximation steps are made for this simple
converter, the voltage level at the comparator will be within
1/2LSB of GND, and the data output word will be based on
reading the positions of S1, S2 and S3.
FIGURE 1. 3-Bit Charge Redistribution A/D.
G
R
S
S1
G
R
S2
G
R
S3
+
L
o
g
i
c
Comparator
Out
To Switches
Ref
Signal
Input
SC
4C
2C
C
IN 1
IN 2
REF
AGND
D11 (MSB)
D10
D9
D8
D7
D6
D5
D4
+5V
+5V
–15V
BUSY
CS
R/C
HBE
D0 (LSB)
D1
D2
D3
DGND
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
+
47µF
Input
Convert
Command
Busy
+
–15V
+
1µF
+5V
6.8µF
0.1µF
D11
(MSB)
D0
(LSB)
Data Out


Similar Part No. - ADS7800

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7800 TI1-ADS7800 Datasheet
898Kb / 20P
[Old version datasheet]   12-Bit 3關s Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7800 TI1-ADS7800 Datasheet
906Kb / 21P
[Old version datasheet]   12-Bit 3關s Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7800AH TI1-ADS7800AH Datasheet
906Kb / 21P
[Old version datasheet]   12-Bit 3關s Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7800AH TI1-ADS7800AH Datasheet
895Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS7800AH-BI TI1-ADS7800AH-BI Datasheet
906Kb / 21P
[Old version datasheet]   12-Bit 3關s Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7800

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7800A SIPEX-SP7800A Datasheet
171Kb / 13P
   12-Bit 3ms Sampling A/D Converter
logo
Burr-Brown (TI)
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 BURR-BROWN-ADS803 Datasheet
255Kb / 12P
   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO806 BURR-BROWN-ISO806 Datasheet
147Kb / 12P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS805 TI1-ADS805 Datasheet
866Kb / 20P
[Old version datasheet]   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 TI1-ADS803_14 Datasheet
799Kb / 18P
[Old version datasheet]   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS800 TI1-ADS800 Datasheet
958Kb / 23P
[Old version datasheet]   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS801 BURR-BROWN-ADS801 Datasheet
279Kb / 13P
   12-Bit, 25MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS804 TI1-ADS804_14 Datasheet
809Kb / 18P
[Old version datasheet]   12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS804 BURR-BROWN-ADS804 Datasheet
260Kb / 12P
   12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com