Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1213 Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS1213
Description  22-Bit ANALOG-TO-DIGITAL CONVERTER
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS1213 Datasheet(HTML) 5 Page - Burr-Brown (TI)

  ADS1213 Datasheet HTML 1Page - Burr-Brown (TI) ADS1213 Datasheet HTML 2Page - Burr-Brown (TI) ADS1213 Datasheet HTML 3Page - Burr-Brown (TI) ADS1213 Datasheet HTML 4Page - Burr-Brown (TI) ADS1213 Datasheet HTML 5Page - Burr-Brown (TI) ADS1213 Datasheet HTML 6Page - Burr-Brown (TI) ADS1213 Datasheet HTML 7Page - Burr-Brown (TI) ADS1213 Datasheet HTML 8Page - Burr-Brown (TI) ADS1213 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
ADS1212, 1213
5
SBAS064A
PGA
+2.5V
Reference
+3.3V Bias
Generator
Clock Generator
Serial Interface
Second-Order
∆∑
Modulator
Third-Order
Digital Filter
Modulator Control
14
12
13
15
16
AGND
AV
DD
REF
OUT
REF
IN
V
BIAS
X
IN
X
OUT
6
19
20
21
7
10
11
98
17
18
DSYNC
CS
DRDY
MODE
SCLK
DGND
DV
DD
SDIO
SDOUT
4
5
2
3
24
1
22
23
MUX
A
IN1P
A
IN1N
A
IN2P
A
IN2N
A
IN3P
A
IN3N
A
IN4P
A
IN4N
Instruction Register
Command Register
Data Output Register
Offset Register
Full-Scale Register
Micro Controller
ADS1213 SIMPLIFIED BLOCK DIAGRAM
ADS1213P AND ADS1213U PIN DEFINITIONS
TOP VIEW
DIP/SOIC
ADS1213P AND ADS1213U PIN CONFIGURATION
PIN NO
NAME
DESCRIPTION
1AIN3N
Inverting Input Channel 3.
2AIN2P
Noninverting Input Channel 2.
3AIN2N
Inverting Input Channel 2.
4AIN1P
Noninverting Input Channel 1.
5AIN1N
Inverting Input Channel 1.
6
AGND
Analog Ground.
7VBIAS
Bias Voltage Output, +3.3V nominal.
8
CS
Chip Select Input.
9
DSYNC
Control Input to Synchronize Serial Output Data.
10
XIN
System Clock Input.
11
XOUT
System Clock Output.
12
DGND
Digital Ground.
13
DVDD
Digital Supply, +5V nominal.
14
SCLK
Clock Input/Output for serial data transfer.
15
SDIO
Serial Data Input (can also function as Serial Data
Output).
16
SDOUT
Serial Data Output.
17
DRDY
Data Ready.
18
MODE
SCLK Control Input (Master = 1, Slave = 0).
19
AVDD
Analog Supply, +5V nominal.
20
REFOUT
Reference Output: +2.5V nominal.
21
REFIN
Reference Input.
22
AIN4P
Noninverting Input Channel 4.
23
AIN4N
Inverting Input Channel 4.
24
AIN3P
Noninverting Input Channel 3.
ADS1213P
ADS1213U
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
A
IN3N
A
IN2P
A
IN2N
A
IN1P
A
IN1N
AGND
V
BIAS
CS
DSYNC
X
IN
X
OUT
DGND
A
IN3P
A
IN4N
A
IN4P
REF
IN
REF
OUT
AV
DD
MODE
DRDY
SDOUT
SDIO
SCLK
DV
DD


Similar Part No. - ADS1213

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1213 TI1-ADS1213 Datasheet
1Mb / 51P
[Old version datasheet]   22-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1213E TI1-ADS1213E Datasheet
1Mb / 51P
[Old version datasheet]   22-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1213E1K TI1-ADS1213E1K Datasheet
1Mb / 51P
[Old version datasheet]   22-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1213E1KG4 TI1-ADS1213E1KG4 Datasheet
1Mb / 51P
[Old version datasheet]   22-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1213EG4 TI1-ADS1213EG4 Datasheet
1Mb / 51P
[Old version datasheet]   22-Bit ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS1213

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1212 TI1-ADS1212_14 Datasheet
1Mb / 51P
[Old version datasheet]   22-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
TL5602 TI1-TL5602_08 Datasheet
106Kb / 6P
[Old version datasheet]   8-BIT DIGITAL-TO-ANALOG CONVERTER
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
   16-Bit Analog-to-Digital Converter
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
5962-8953102HXC DATEL-5962-8953102HXC Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
SHENZHEN FUMAN ELECTRON...
SC8211 FUMAN-SC8211 Datasheet
592Kb / 9P
   16 Bit Digital to Analog Converter
logo
Texas Instruments
TLC5502-5M TI1-TLC5502-5M Datasheet
92Kb / 11P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTER
DDC101U TI1-DDC101U Datasheet
265Kb / 29P
[Old version datasheet]   20-BIT ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com