Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS774 Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS774
Description  Microprocessor-Compatible Sampling CMOS ANALOG-to-DIGITAL CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS774 Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button ADS774 Datasheet HTML 4Page - Burr-Brown (TI) ADS774 Datasheet HTML 5Page - Burr-Brown (TI) ADS774 Datasheet HTML 6Page - Burr-Brown (TI) ADS774 Datasheet HTML 7Page - Burr-Brown (TI) ADS774 Datasheet HTML 8Page - Burr-Brown (TI) ADS774 Datasheet HTML 9Page - Burr-Brown (TI) ADS774 Datasheet HTML 10Page - Burr-Brown (TI) ADS774 Datasheet HTML 11Page - Burr-Brown (TI) ADS774 Datasheet HTML 12Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
®
ADS774
8
DESIGNATION
DEFINITION
FUNCTION
CE (Pin 6)
Chip Enable
Must be HIGH (“1”) to either initiate a conversion or read output data. 0-1 edge may be used to initiate a
(active high)
conversion.
CS (Pin 3)
Chip Select
Must be LOW (“0”) to either initiate a conversion or read output data. 1-0 edge may be used to initiate a
(active low)
conversion.
R/C (Pin 5)
Read/Convert
Must be LOW (“0”) to initiate either 8- or 12-bit conversions. 1-0 edge may be used to initiate a conversion.
(“1” = read)
Must be HIGH (“1”) to read output data. 0-1 edge may be used to initiate a read operation.
(“0” = convert)
AO (Pin 4)
Byte Address
In the start-convert mode, AO selects 8-bit (AO = “1”) or 12-bit (AO = “0”) conversion mode. When reading
Short Cycle
output data in two 8-bit bytes, AO = “0” accesses 8 MSBs (high byte) and AO = “1” accesses 4 LSBs and
trailing “0s” (low byte).
12/8 (Pin 2)
Data Mode Select
When reading output data, 12/8 = “1” enables all 12 output bits simultaneously. 12/8 = “0” will enable the
(“1” = 12 bits)
MSBs or LSBs as determined by the AO line.
(“0” = 8 bits)
TABLE II. Control Line Functions.
Binary (BIN) Output
Input Voltage Range and LSB Values
Analog Input Voltage Range
Defined As:
±10V
±5V
0V to +10V
0V to +20V
One Least Significant Bit
FSR
20V
10V
10V
20V
(LSB)
2n
2n
2n
2n
2n
n = 8
78.13mV
39.06mV
39.06mV
78.13mV
n = 12
4.88mV
2.44mV
2.44mV
4.88mV
Output Transition Values
FFEH to FFFH
+ Full-Scale Calibration
+10V – 3/2LSB
+5V – 3/2LSB
+10V – 3/2LSB
+20V – 3/2LSB
7FFFH to 800H
Midscale Calibration (Bipolar Offset)
0V – 1/2LSB
0V – 1/2LSB
+5V – 1/2LSB
+10V – 1/2LSB
000H to 001H
Zero Calibration ( – Full-Scale Calibration)
–10V + 1/2LSB
–5V + 1/2LSB
0V +1/2LSB
0V +1/2LSB
TABLE I. Input Voltages, Transition Values, and LSB Values.
READING OUTPUT DATA
After conversion is initiated, the output data buffers remain
in a high-impedance state until the following four logic
conditions are simultaneously met: R/C HIGH, STATUS
LOW, CE HIGH, and CS LOW. Upon satisfaction of these
conditions the data lines are enabled according to the state of
inputs 12/8 and A
0. See Figure 6 and Table V for timing
relationships and specifications.
In most applications the 12/8 input will be hard-wired in
either the HIGH or LOW condition, although it is fully TTL
and CMOS-compatible and may be actively driven if de-
sired. When 12/8 is HIGH, all 12 output lines (DB0-DB11)
are enabled simultaneously for full data word transfer to a
12-bit or 16-bit bus. In this situation the A0 state is ignored
when reading the data.
When 12/8 is LOW, the data is presented in the form of two
8-bit bytes, with selection of the byte of interest accom-
plished by the state of A
0 during the read cycle. When A0 is
LOW, the byte addressed contains the 8MSBs. When A0 is
HIGH, the byte addressed contains the 4LSBs from the
conversion followed by four logic zeros which have been
forced by the control logic. The left-justified formats of the
two 8-bit bytes are shown in Figure 7. Connection of the
ADS774 to an 8-bit bus for transfer of the data is illustrated
in Figure 8. The design of the ADS774 guarantees that the
A
0 input may be toggled at any time with no damage to the
converter; the outputs which are tied together in Figure 8
cannot be enabled at the same time. The A
0 input is usually
driven by the least significant bit of the address bus, allow-
ing storage of the output data word in two consecutive
memory locations.
CE
CS
R/C
12/8
AO
OPERATION
0
XXXX
None
X
1
X
X
X
None
0
0
X
0
Initiate 12-bit conversion
0
0
X
1
Initiate 8-bit conversion
1
0
X
0
Initiate 12-bit conversion
1
0
X
1
Initiate 8-bit conversion
1
0
X
0
Initiate 12-bit conversion
1
0
X
1
Initiate 8-bit conversion
1011
X
Enable 12-bit output
10100
Enable 8 MSBs only
10101
Enable 4 LSBs plus 4
trailing zeroes
TABLE III. Control Input Truth Table.


Similar Part No. - ADS774

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS774 TI1-ADS774 Datasheet
750Kb / 21P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS774H TI1-ADS774H Datasheet
609Kb / 23P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS774H TI1-ADS774H Datasheet
1Mb / 27P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS774HI TI1-ADS774HI Datasheet
609Kb / 23P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS774HIB TI1-ADS774HIB Datasheet
609Kb / 23P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS774

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS774H TI1-ADS774H Datasheet
609Kb / 23P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS574 TI1-ADS574_14 Datasheet
323Kb / 17P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS774 TI1-ADS774 Datasheet
750Kb / 21P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS774H TI1-ADS774H_13 Datasheet
1Mb / 27P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS574 BURR-BROWN-ADS574 Datasheet
413Kb / 13P
   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADC574A BURR-BROWN-ADC574A Datasheet
103Kb / 10P
   Microprocessor-Compatible ANALOG-TO-DIGITAL CONVERTER
ADC674 BURR-BROWN-ADC674 Datasheet
56Kb / 6P
   Microprocessor-Compatible ANALOG-TO-DIGITAL CONVERTER
DAC7545 BURR-BROWN-DAC7545 Datasheet
383Kb / 12P
   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Texas Instruments
DAC7545JP TI1-DAC7545JP Datasheet
383Kb / 12P
[Old version datasheet]   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
DAC7545 TI1-DAC7545_16 Datasheet
612Kb / 13P
[Old version datasheet]   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com