Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1213E Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS1213E
Description  22-Bit ANALOG-TO-DIGITAL CONVERTER
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS1213E Datasheet(HTML) 1 Page - Burr-Brown (TI)

  ADS1213E Datasheet HTML 1Page - Burr-Brown (TI) ADS1213E Datasheet HTML 2Page - Burr-Brown (TI) ADS1213E Datasheet HTML 3Page - Burr-Brown (TI) ADS1213E Datasheet HTML 4Page - Burr-Brown (TI) ADS1213E Datasheet HTML 5Page - Burr-Brown (TI) ADS1213E Datasheet HTML 6Page - Burr-Brown (TI) ADS1213E Datasheet HTML 7Page - Burr-Brown (TI) ADS1213E Datasheet HTML 8Page - Burr-Brown (TI) ADS1213E Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
22-Bit ANALOG-TO-DIGITAL CONVERTER
FEATURES
q DELTA-SIGMA A/D CONVERTER
q 22 BITS NO MISSING CODES
q 20 BITS EFFECTIVE RESOLUTION AT 10Hz
AND 16 BITS AT 1000Hz
q LOW POWER: 1.4mW
q DIFFERENTIAL INPUTS
q PROGRAMMABLE GAIN AMPLIFIER
q SPICOMPATIBLE SSI INTERFACE
q PROGRAMMABLE CUTOFF FREQUENCY
UP TO 6.25kHz
q INTERNAL/EXTERNAL REFERENCE
q ON-CHIP SELF-CALIBRATION
q ADS1213 INCLUDES 4-CHANNEL MUX
DESCRIPTION
The ADS1212 and ADS1213 are precision, wide dynamic
range, delta-sigma Analog-to-Digital (A/D) converters with
24-bit resolution operating from a single +5V supply. The
differential inputs are ideal for direct connection to transduc-
ers or low-level voltage signals. The delta-sigma architec-
ture is used for wide dynamic range and to ensure 22 bits of
no-missing-code performance. An effective resolution of 20
bits is achieved through the use of a very low-noise input
amplifier at conversion rates up to 10Hz. Effective resolu-
tions of 16 bits can be maintained up to a sample rate of
1kHz through the use of the unique Turbo Modulator mode
of operation. The dynamic range of the converters is further
increased by providing a low-noise programmable gain
amplifier with a gain range of 1 to 16 in binary steps.
The ADS1212 and ADS1213 are designed for high-resolution
measurement applications in smart transmitters, industrial
process control, weigh scales, chromatography and portable
instrumentation. Both converters include a flexible synchro-
nous serial interface that is SPI compatible and also offers a
two-wire control mode for low-cost isolation.
The ADS1212 is a single channel converter and is offered in
both DIP-18 and SO-18 packages. The ADS1213 includes a
4-channel input multiplexer and is available in DIP-24,
SO-24, and SSOP-28 packages.
APPLICATIONS
q INDUSTRIAL PROCESS CONTROL
q INSTRUMENTATION
q BLOOD ANALYSIS
q SMART TRANSMITTERS
q PORTABLE INSTRUMENTS
q WEIGH SCALES
q PRESSURE TRANSDUCERS
ADS12
12
ADS1
213
ADS1212
ADS1
213
ADS1213
ADS1212
ADS1213
PGA
+2.5V
Reference
+3.3V Bias
Generator
Clock Generator
Serial Interface
Second-Order
∆∑
Modulator
Instruction Register
Command Register
Data Output Register
Offset Register
Full-Scale Register
Third-Order
Digital Filter
Micro Controller
Modulator Control
AGND AV
DD
REF
OUT
REF
IN
V
BIAS
X
IN
X
OUT
MODE
DSYNC
CS
DRDY
A
INP
A
INN
SCLK
DGND
DV
DD
SDIO
SDOUT
MUX
ADS1213 Only
ADS1212, 1213
A
IN1P
A
IN1N
A
IN2P
A
IN2N
A
IN3P
A
IN3N
A
IN4P
A
IN4N
PATENTS PENDING
www.ti.com
Copyright © 1996-2004, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SBAS064B – JANUARY 1996 – REVISED FEBRUARY 2004
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - ADS1213E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1213E TI1-ADS1213E Datasheet
1Mb / 51P
[Old version datasheet]   22-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1213E1K TI1-ADS1213E1K Datasheet
1Mb / 51P
[Old version datasheet]   22-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1213E1KG4 TI1-ADS1213E1KG4 Datasheet
1Mb / 51P
[Old version datasheet]   22-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1213EG4 TI1-ADS1213EG4 Datasheet
1Mb / 51P
[Old version datasheet]   22-Bit ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS1213E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1212 TI1-ADS1212_14 Datasheet
1Mb / 51P
[Old version datasheet]   22-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
TL5602 TI1-TL5602_08 Datasheet
106Kb / 6P
[Old version datasheet]   8-BIT DIGITAL-TO-ANALOG CONVERTER
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
   16-Bit Analog-to-Digital Converter
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
5962-8953102HXC DATEL-5962-8953102HXC Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
SHENZHEN FUMAN ELECTRON...
SC8211 FUMAN-SC8211 Datasheet
592Kb / 9P
   16 Bit Digital to Analog Converter
logo
Texas Instruments
TLC5502-5M TI1-TLC5502-5M Datasheet
92Kb / 11P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTER
DDC101U TI1-DDC101U Datasheet
265Kb / 29P
[Old version datasheet]   20-BIT ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com