Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK21M1A66E500W Datasheet(PDF) 1 Page - Meder Electronic

Part # MK21M1A66E500W
Description  REED SENSOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

MK21M1A66E500W Datasheet(HTML) 1 Page - Meder Electronic

  MK21M1A66E500W Datasheet HTML 1Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
!
"#
$%%
&
!
"
#
$
'(
)*"
+, *$
-.&"
%!&
!
"
#
$
"/0(1""#23
"45"647
(""8
0()9(
:5"868
0()9(
(/"
0()9(
:5"8"
:5$;66
"*"
&4/"
<"8
19
(
'!
!
"
#
$
"="="%4
59
#*<>
21"
1"6
?&"8&
16
?&"8&
8&
!!(
!
"
#
$
-""8:"8
?6"851
)(
!
"
#
$
"8:
(1/&
4
(1
=%$.
("
*!
!
"
#
$
:,%
?
09
?
-85""8.
,#""5"#5"&86
$
+ (<@! +
-<+
%
+,
08"1/
@(5"8
08"
@(5"81/
%%
0+(<@A
&&61/
&&61/
&&6
&&6


Similar Part No. - MK21M1A66E500W

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
MK21M1A66E100W MEDER-MK21M1A66E100W Datasheet
135Kb / 1P
   REED SENSOR
MK21M1A66E20000W MEDER-MK21M1A66E20000W Datasheet
89Kb / 1P
   MK21M1A66E20000W
More results

Similar Description - MK21M1A66E500W

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
MK0201B901000W MEDER-MK0201B901000W Datasheet
206Kb / 2P
   Reed sensor
MK0211A661700W MEDER-MK0211A661700W Datasheet
189Kb / 2P
   Reed sensor
MK0211B904000W MEDER-MK0211B904000W Datasheet
194Kb / 2P
   Reed sensor
MK0211C90500W MEDER-MK0211C90500W Datasheet
187Kb / 2P
   Reed sensor
MK0221B901000W MEDER-MK0221B901000W Datasheet
190Kb / 2P
   Reed sensor
9231350044 MEDER-9231350044 Datasheet
108Kb / 2P
   Reed sensor
9203110014 MEDER-9203110014 Datasheet
212Kb / 2P
   Reed sensor
9118393054 MEDER-9118393054 Datasheet
103Kb / 2P
   Reed sensor
9221350042 MEDER-9221350042 Datasheet
127Kb / 2P
   Reed sensor
9240000010 MEDER-9240000010 Datasheet
177Kb / 3P
   Reed sensor
9240000021 MEDER-9240000021 Datasheet
179Kb / 3P
   Reed sensor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com