Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BS62UV4000PI Datasheet(PDF) 3 Page - Brilliance Semiconductor

Part # BS62UV4000PI
Description  Ultra Low Power/Voltage CMOS SRAM 512K X 8 bit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS62UV4000PI Datasheet(HTML) 3 Page - Brilliance Semiconductor

  BS62UV4000PI Datasheet HTML 1Page - Brilliance Semiconductor BS62UV4000PI Datasheet HTML 2Page - Brilliance Semiconductor BS62UV4000PI Datasheet HTML 3Page - Brilliance Semiconductor BS62UV4000PI Datasheet HTML 4Page - Brilliance Semiconductor BS62UV4000PI Datasheet HTML 5Page - Brilliance Semiconductor BS62UV4000PI Datasheet HTML 6Page - Brilliance Semiconductor BS62UV4000PI Datasheet HTML 7Page - Brilliance Semiconductor BS62UV4000PI Datasheet HTML 8Page - Brilliance Semiconductor BS62UV4000PI Datasheet HTML 9Page - Brilliance Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Revision 2.4
April 2002
3
R0201-BS62UV4000
1. Typical characteristics are at TA = 25oC.
2. These are absolute values with respect to device ground and all overshoots due to system or tester notice are included.
3. Fmax = 1/t
RC .
DATA RETENTION CHARACTERISTICS ( TA = 0 to + 70oC )
1. Vcc = 1.5V, TA = + 25OC
2. t
RC = Read Cycle Time
DC ELECTRICAL CHARACTERISTICS ( TA = 0 to + 70oC )
BSI
LOW V
CC DATA RETENTION WAVEFORM ( CE Controlled )
CE
Data Retention Mode
Vcc
t CDR
Vcc
t R
VIH
VIH
Vcc
VDR
1.5V
CE
Vcc - 0.2V
BS62UV4000
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP. (1)
MAX.
UNITS
VDR
Vcc for Data Retention
CE
Vcc - 0.2V
VIN
Vcc - 0.2V or VIN
0.2V
1.5
--
--
V
ICCDR
Data Retention Current
CE
Vcc - 0.2V
VIN
Vcc - 0.2V or VIN
0.2V
--
0.1
1
uA
tCDR
Chip Deselect to Data
Retention Time
0
--
--
ns
tR
Operation Recovery Time
See Retention Waveform
TRC
(2)
--
--
ns
PARAMETER
NAME
PARAMETER
TEST CONDITIONS
MIN. TYP. (1) MAX.
UNITS
VIL
Guaranteed Input Low
(2)
Voltage
V
-0.5
--
0.6
VIH
Guaranteed Input High
Voltage(2)
2.0
--
Vcc+0.2
V
IIL
Input Leakage Current
= 0V to Vcc
Vcc = Max, VIN
--
--
1
uA
IOL
Output Leakage Current
Vcc = Max, CE = VIH, or OE = VIH,
VI/O = 0V to Vcc
--
--
1
uA
VOL
Output Low Voltage
= 1mA
Vcc = Max, IOL
--
--
V
VOH
Output High Voltage
Vcc = Min, IOH = -0.5mA
1.6
--
--
V
ICC
Operating Power Supply
Current
mA
CE = VIL, IDQ = 0mA, F = Fmax(3)
--
--
15
ICCSB
Standby Current-TTL
IH
, IDQ = 0mA
mA
CE = V
--
--
1
ICCSB1
CE
VIN
Vcc-0.2V,
Vcc - 0.2V or VIN
0.2V
--
0.2
1.5
uA
Vcc = 2.0 V
Vcc = 2.0 V
Vcc = 3.0 V
Vcc = 3.0 V
Vcc = 3.0 V
Vcc = 2.0 V
Vcc = 2.0 V
Standby Current-CMOS
Vcc = 3.0 V
Vcc = 3.0 V
Vcc = 2.0 V
1
20
Vcc = 3.0 V
Vcc = 3.0 V
Vcc = 2.0 V
Vcc = 2.0 V
0.8
1.4
2.4
0.4
0.6
0.25


Similar Part No. - BS62UV4000PI

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62UV1024 BSI-BS62UV1024 Datasheet
390Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62UV1024DC BSI-BS62UV1024DC Datasheet
390Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62UV1024DI BSI-BS62UV1024DI Datasheet
390Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62UV1024JC BSI-BS62UV1024JC Datasheet
390Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62UV1024JI BSI-BS62UV1024JI Datasheet
390Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 128K X 8 bit
More results

Similar Description - BS62UV4000PI

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV4001 BSI-BS62LV4001 Datasheet
341Kb / 11P
   Low Power/Voltage CMOS SRAM 512K X 8 bit
BS62LV4005 BSI-BS62LV4005 Datasheet
328Kb / 11P
   Low Power/Voltage CMOS SRAM 512K X 8 bit
logo
Alliance Semiconductor ...
AS6C4008-55TIN ALSC-AS6C4008-55TIN Datasheet
2Mb / 15P
   512K X 8 BIT LOW POWER 512K X 8 BIT LOW POWER CMOS SRAM
logo
AMIC Technology
A62S9308 AMICC-A62S9308 Datasheet
276Kb / 17P
   512K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S4096E-T AMICC-LP62S4096E-T Datasheet
162Kb / 14P
   512K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S4096E-I AMICC-LP62S4096E-I_15 Datasheet
171Kb / 13P
   512K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S4096E-I AMICC-LP62S4096E-I Datasheet
162Kb / 14P
   512K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S4096E-T AMICC-LP62S4096E-T_15 Datasheet
163Kb / 12P
   512K X 8 BIT LOW VOLTAGE CMOS SRAM
logo
List of Unclassifed Man...
GLT6400L08 ETC-GLT6400L08 Datasheet
146Kb / 10P
   Ultra Low Power 512k x 8 CMOS SRAM
logo
Brilliance Semiconducto...
BS616UV8011 BSI-BS616UV8011 Datasheet
221Kb / 10P
   Ultra Low Power/Voltage CMOS SRAM 512K X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com