Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BS62UV1024DI Datasheet(PDF) 6 Page - Brilliance Semiconductor

Part # BS62UV1024DI
Description  Ultra Low Power/Voltage CMOS SRAM 128K X 8 bit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS62UV1024DI Datasheet(HTML) 6 Page - Brilliance Semiconductor

Back Button BS62UV1024DI Datasheet HTML 2Page - Brilliance Semiconductor BS62UV1024DI Datasheet HTML 3Page - Brilliance Semiconductor BS62UV1024DI Datasheet HTML 4Page - Brilliance Semiconductor BS62UV1024DI Datasheet HTML 5Page - Brilliance Semiconductor BS62UV1024DI Datasheet HTML 6Page - Brilliance Semiconductor BS62UV1024DI Datasheet HTML 7Page - Brilliance Semiconductor BS62UV1024DI Datasheet HTML 8Page - Brilliance Semiconductor BS62UV1024DI Datasheet HTML 9Page - Brilliance Semiconductor BS62UV1024DI Datasheet HTML 10Page - Brilliance Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Revision 2.2
April 2001
6
R0201-BS62UV1024
JEDEC
PARAMETER
NAME
PARAMETER
NAME
DESCRIPTION
BS62UV1024-15
MIN. TYP. MAX.
UNIT
t
AVAX
t
WC
Write Cycle Time
150
--
--
ns
t
E1LWH
t
CW
Chip Select to End of Write
150
--
--
ns
t
AVWL
t
AS
Address Set up Time
0--
--
ns
t
AVWH
t
AW
Address Valid to End of Write
150
--
--
ns
t
WLWH
t
WP
Write Pulse Width
80
--
--
ns
t
WHAX
t
WR1
Write Recovery Time
(CE1 , WE)
0--
--
ns
t
E2LAX
t
WR2
Write Recovery Time
(CE2)
0--
--
ns
t
WLOZ
t
WHZ
Write to Output in High Z
--
--
40
ns
t
DVWH
t
DW
Data to Write Time Overlap
50
--
--
ns
t
WHDX
t
DH
Data Hold from Write Time
0--
--
ns
t
GHOZ
t
OHZ
Output Disable to Output in High Z
0--
40
ns
t
WHQX
t
OW
End of Write to Output Active
5--
--
ns
AC ELECTRICAL CHARACTERISTICS ( TA = 0oC to + 70oC, Vcc=2.0V )
WRITE CYCLE
BSI
BS62UV1024
SWITCHING WAVEFORMS (WRITE CYCLE)
WRITE CYCLE1 (1)
t WR1
t WC
(3)
t CW
(11)
(11)
t CW
(2)
t WP
t AW
t OHZ
(4,10)
t AS
t WR2
(3)
t DH
t DW
D
IN
D
OUT
WE
CE2
CE1
OE
ADDRESS
(5)
(5)


Similar Part No. - BS62UV1024DI

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62UV1027 BSI-BS62UV1027 Datasheet
434Kb / 10P
   Ultra Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62UV1027DC BSI-BS62UV1027DC Datasheet
434Kb / 10P
   Ultra Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62UV1027DC-10 BSI-BS62UV1027DC-10 Datasheet
434Kb / 10P
   Ultra Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62UV1027DC-85 BSI-BS62UV1027DC-85 Datasheet
434Kb / 10P
   Ultra Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62UV1027DCG10 BSI-BS62UV1027DCG10 Datasheet
434Kb / 10P
   Ultra Low Power/Voltage CMOS SRAM 128K X 8 bit
More results

Similar Description - BS62UV1024DI

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62UV1027 BSI-BS62UV1027 Datasheet
434Kb / 10P
   Ultra Low Power/Voltage CMOS SRAM 128K X 8 bit
logo
AMIC Technology
LP62S1024B-T AMICC-LP62S1024B-T Datasheet
197Kb / 18P
   128K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S1024B-T AMICC-LP62S1024B-T_15 Datasheet
250Kb / 17P
   128K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S1024A-I AMICC-LP62S1024A-I Datasheet
155Kb / 15P
   128K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S1024B-I AMICC-LP62S1024B-I Datasheet
246Kb / 17P
   128K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S1024A-T AMICC-LP62S1024A-T Datasheet
189Kb / 17P
   128K X 8 BIT LOW VOLTAGE CMOS SRAM
A62S7308B AMICC-A62S7308B Datasheet
277Kb / 17P
   128K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S1024B-I AMICC-LP62S1024B-I_15 Datasheet
207Kb / 17P
   128K X 8 BIT LOW VOLTAGE CMOS SRAM
logo
Mosel Vitelic, Corp
V62C2801024L MOSEL-V62C2801024L Datasheet
92Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
V62C1801024L MOSEL-V62C1801024L Datasheet
92Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com