Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1250 Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS1250
Description  20-Bit Data Acquisition System ANALOG-TO-DIGITAL CONVERTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS1250 Datasheet(HTML) 2 Page - Burr-Brown (TI)

  ADS1250 Datasheet HTML 1Page - Burr-Brown (TI) ADS1250 Datasheet HTML 2Page - Burr-Brown (TI) ADS1250 Datasheet HTML 3Page - Burr-Brown (TI) ADS1250 Datasheet HTML 4Page - Burr-Brown (TI) ADS1250 Datasheet HTML 5Page - Burr-Brown (TI) ADS1250 Datasheet HTML 6Page - Burr-Brown (TI) ADS1250 Datasheet HTML 7Page - Burr-Brown (TI) ADS1250 Datasheet HTML 8Page - Burr-Brown (TI) ADS1250 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
ADS1250
®
SPECIFICATIONS
All specifications at TMIN to TMAX, VD = VS = +5V, CLK = 9.6MHz, PGA = 1, and VREF = 4.096, unless otherwise specified.
ADS1250U
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ANALOG INPUT
Input Voltage Range(1)
G = Gain
AGND
±V
REF/G
V
Programmable Gain Amplifier
1
8
Input Impedance (differential)
G = Gain
104/G
k
Input Capacitance
G = Gain
6 • G
pF
Input Leakage
At +25
°C5
50
pA
At TMIN to TMAX
1nA
DYNAMIC CHARACTERISTICS
Data Rate
25
kHz
Bandwidth
3dB
5.4
kHz
Serial Clock (SCLK)
9.6
MHz
System Clock Input (CLK)
9.6
MHz
ACCURACY
Integral Linearity Error(2)
±0.0012
±0.0020
% of FSR
THD
1kHz Input; 0.1dB below FS
97
dB
Noise
2.8
3.8
ppm of FSR, rms
Resolution
20
Bits
No Missing Codes
20
Bits
Common-Mode Rejection(3)
at DC
90
105
dB
Gain Error
1
% of FSR
Offset Error
±100
±200
ppm of FSR
Gain Sensitivity to VREF
VREF = 4.096V ±0.1V
1:1
Power Supply Rejection Ratio
60
78
dB
PERFORMANCE OVER TEMPERATURE
Offset Drift
0.25
ppm/
°C
Gain Drift
5.0
ppm/
°C
VOLTAGE REFERENCE
VREF
3.996V
4.096
4.196
V
Load Current
125
µA
DIGITAL INPUT/OUTPUT
Logic Family
CMOS
Logic Level: VIH
+4.0
+VD + 0.3
V
VIL
–0.3
+0.8
V
VOH
IOH = –500µA
+4.5
V
VOL
IOL = 500µA
0.4
V
Data Format
Binary Two’s Complement
POWER SUPPLY REQUIREMENTS
Operation
+4.75
+5
+5.25
VDC
Quiescent Current, Analog
V = +5VDC
14
mA
Quiescent Current, Digital
V = +5VDC
1
mA
Operating Power
75
100
mW
TEMPERATURE RANGE
Operating
–40
+85
°C
Storage
–60
+100
°C
NOTES: (1) In order to achieve the converter’s full-scale range, the input must be fully differential. If the input is single-ended (+VIN or –VIN is fixed), then the
full-scale range is one-half that of the differential range. (2) Applies to full-differential signals. (3) The common-mode rejection test is performed with a 100mV
differential input.


Similar Part No. - ADS1250

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1250 TI-ADS1250 Datasheet
885Kb / 23P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1250 TI1-ADS1250 Datasheet
399Kb / 24P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS1250U TI1-ADS1250U Datasheet
399Kb / 24P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS1250U/1K TI1-ADS1250U/1K Datasheet
399Kb / 24P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS1250U/1KG4 TI1-ADS1250U/1KG4 Datasheet
399Kb / 24P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS1250

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD79024 AD-AD79024 Datasheet
294Kb / 7P
   LC2MOS 20-Bit Data Acquisition System
REV. 0
logo
Texas Instruments
ADS7871 TI-ADS7871 Datasheet
431Kb / 42P
[Old version datasheet]   14-BIT, 48-KSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
ADS7870 TI1-ADS7870 Datasheet
494Kb / 43P
[Old version datasheet]   12-BIT, 52-kSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
ADS7870 TI1-ADS7870_14 Datasheet
887Kb / 45P
[Old version datasheet]   12-BIT, 52-kSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
DDC101U TI1-DDC101U Datasheet
265Kb / 29P
[Old version datasheet]   20-BIT ANALOG-TO-DIGITAL CONVERTER
ADS7871 TI1-ADS7871 Datasheet
564Kb / 44P
[Old version datasheet]   14-BIT, 48-KSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
logo
Burr-Brown (TI)
DDC101 BURR-BROWN-DDC101 Datasheet
346Kb / 27P
   20-BIT ANALOG-TO-DIGITAL CONVERTER
logo
API Technologies Corp
MN3396 APITECH-MN3396 Datasheet
573Kb / 3P
   20-Bit, Digital-to-Analog Converter
MN3395 APITECH-MN3395 Datasheet
707Kb / 5P
   20-Bit, Deglitched Digital-to-Analog Converter
logo
Analog Devices
AD7716 AD-AD7716_15 Datasheet
433Kb / 16P
   22-Bit Data Acquisition System
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com