Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC76A Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ADC76A
Description  16-Bit ANALOG-TO-DIGITAL CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADC76A Datasheet(HTML) 8 Page - Burr-Brown (TI)

  ADC76A Datasheet HTML 1Page - Burr-Brown (TI) ADC76A Datasheet HTML 2Page - Burr-Brown (TI) ADC76A Datasheet HTML 3Page - Burr-Brown (TI) ADC76A Datasheet HTML 4Page - Burr-Brown (TI) ADC76A Datasheet HTML 5Page - Burr-Brown (TI) ADC76A Datasheet HTML 6Page - Burr-Brown (TI) ADC76A Datasheet HTML 7Page - Burr-Brown (TI) ADC76A Datasheet HTML 8Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
®
ADC76
8
FIGURE 10. Two Methods of Connecting Optional Offset
Adjust.
FIGURE 11. Connecting Optional Gain Adjust.
Adjust the Offset potentiometer until the actual end point
transition voltage occurs at E
IN Off. The ideal transition
voltage values of the input are given in Table I.
Gain—Connect the Gain adjust potentiometer as shown in
Figure 11. Sweep the input through the end point transition
voltage; that should cause an output transition to all bits on
E
IN On. Adjust the Gain potentiometer until the actual end
point transition voltage occurs at E
IN On.
Table I details the transition voltage levels required.
CONVERT COMMAND CONSIDERATIONS
Convert command resets the converter whenever taken high.
This insures a valid conversion on the first conversion after
power-up.
Convert command must stay low during a conversion unless
it is desired to reset the converter during a conversion.
OPTIONAL CONVERSION TIME ADJUSTMENT
The ADC76 may be operated with faster conversion times
for resolutions less than 14 bits by connecting the Short
Cycle (pin 32) as shown in Table III. Typical conversion
times for the resolution and connections are indicated.
Resolution (Bits)
16
15
14
13
12
Connect Pin 32 to
Open
Pin 16
Pin 15
Pin 14
Pin 13
Typical Conversion Time
17
µs16µs15µs13µs12µs
TABLE III. Short Cycle Connections for 12- to 16-Bit
Resolutions.
Clock Rate Control may be connected to an external multi-
turn trim potentiometer with a TCR of
±10ppm/°C or less as
shown in Figure 12. The typical conversion time versus the
Clock Rate Control voltage is shown in Figure 13. The effect
of varying the conversion time and the resolution on Linear-
ity Error and Differential Linearity Error is shown in Figure
6.
FIGURE 12. Clock Rate Control, Optional Fine Adjust.
Control Voltage on Pin 23 (V)
0
2
4
6
8
20
15
10
Typical
14-Bit Operation
16-Bit Operation
FIGURE 13. Conversion Time vs Clock Rate Control
Voltage.
180k
+15VDC
–15VDC
10k
to 100k
Offset Adjust
22k
(b)
1.8M
27
+15VDC
–15VDC
10k
to 100k
Offset Adjust
(a)
Comparator In
27
Comparator In
180k
R1
R1
270k
22
+15VDC
–15VDC
10k
to 100k
Gain Adjust
Gain Adjust
0.01µF
29
Analog Common
Clock Rate Control
+15VDC
5k
Internal Clock
Frequency Adjust
23


Similar Part No. - ADC76A

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADC700 BURR-BROWN-ADC700 Datasheet
148Kb / 12P
   16-Bit Resolution With Microprocessor Interface A/D CONVERTER
ADC700AH BURR-BROWN-ADC700AH Datasheet
148Kb / 12P
   16-Bit Resolution With Microprocessor Interface A/D CONVERTER
ADC700BH BURR-BROWN-ADC700BH Datasheet
148Kb / 12P
   16-Bit Resolution With Microprocessor Interface A/D CONVERTER
ADC700JH BURR-BROWN-ADC700JH Datasheet
148Kb / 12P
   16-Bit Resolution With Microprocessor Interface A/D CONVERTER
ADC700KH BURR-BROWN-ADC700KH Datasheet
148Kb / 12P
   16-Bit Resolution With Microprocessor Interface A/D CONVERTER
More results

Similar Description - ADC76A

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
   16-Bit Analog-to-Digital Converter
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
5962-8953102HXC DATEL-5962-8953102HXC Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
SHENZHEN FUMAN ELECTRON...
SC8211 FUMAN-SC8211 Datasheet
592Kb / 9P
   16 Bit Digital to Analog Converter
logo
DATEL, Inc.
5962-8953102HXA DATEL-5962-8953102HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
Princeton Technology Co...
PT8211 PTC-PT8211_10 Datasheet
290Kb / 13P
   16 Bit Digital to Analog Converter
logo
DATEL, Inc.
5962-8953101HXC DATEL-5962-8953101HXC Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
Princeton Technology Co...
PT8211L PTC-PT8211L Datasheet
124Kb / 4P
   16 Bit Digital to Analog Converter
logo
Maxwell Technologies
7846B MAXWELL-7846B Datasheet
254Kb / 11P
   16-Bit Digital to Analog Converter
7846A MAXWELL-7846A Datasheet
256Kb / 11P
   16-Bit Digital to Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com