Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T491D157K006AT Datasheet(PDF) 11 Page - Kemet Corporation

Part # T491D157K006AT
Description  T491 Industrial Grade MnO2 Series
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T491D157K006AT Datasheet(HTML) 11 Page - Kemet Corporation

Back Button T491D157K006AT Datasheet HTML 7Page - Kemet Corporation T491D157K006AT Datasheet HTML 8Page - Kemet Corporation T491D157K006AT Datasheet HTML 9Page - Kemet Corporation T491D157K006AT Datasheet HTML 10Page - Kemet Corporation T491D157K006AT Datasheet HTML 11Page - Kemet Corporation T491D157K006AT Datasheet HTML 12Page - Kemet Corporation T491D157K006AT Datasheet HTML 13Page - Kemet Corporation T491D157K006AT Datasheet HTML 14Page - Kemet Corporation T491D157K006AT Datasheet HTML 15Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2005_T491 • 2/3/2014 11
11
Tantalum Surface Mount Capacitors – Standard Tantalum
T491 Industrial Grade MnO2 Series
Rated
Voltage
Rated
Cap
Case Code/
Case Size
KEMET Part
Number
DC
Leakage
DF
ESR
Maximum Allowable
Ripple Current
Moisture
Sensitivity
VDC
µF
KEMET/EIA
(See below for
part options)
µA @ +20ºC
Maximum/
5 Minutes
% @ +20ºC
120 Hz
Maximum
Ω @ +20ºC
100 kHz
Maximum
(mA)
100 kHz
25ºC
(mA)
100 kHz
+85ºC
(mA)
100 kHz
+125ºC
Reflow Temperature
≤ 260 ºC
25
15
B/3528-21
T491B156(1)025A(2)
3.8
8.0
4.0
146
131
58
1
25
22
D/7343-31
T491D226(1)025A(2)
5.5
6.0
0.8
433
390
173
1
25
22
C/6032-28
T491C226(1)025A(2)
5.5
6.0
1.0
280
252
112
1
25
22
V/7343-20
T491V226(1)025A(2)
5.5
6.0
0.7
423
381
169
1
25
33
X/7343-43
T491X336(1)025A(2)
8.3
6.0
0.7
486
437
194
1
25
33
D/7343-31
T491D336(1)025A(2)
8.3
6.0
0.7
463
417
185
1
25
33
C/6032-28
T491C336(1)025A(2)
8.3
6.0
0.9
350
315
140
1
25
47
X/7343-43
T491X476(1)025A(2)
11.8
6.0
0.7
486
437
194
1
25
47
D/7343-31
T491D476(1)025A(2)
11.8
6.0
0.7
463
417
185
1
25
68
X/7343-43
T491X686(M)025A(2)
17.0
6.0
0.7
486
437
194
1
25
68
D/7343-31
T491D686(M)025A(2)
17.0
10.0
0.7
463
417
185
1
25
100
X/7343-43
T491X107(1)025A(2)
25.0
8.0
0.3
742
668
297
1
35
0.1
A/3216-18
T491A104(1)035A(2)
0.5
4.0
20.0
61
55
24
1
35
0.15
A/3216-18
T491A154(1)035A(2)
0.5
4.0
19.0
63
57
25
1
35
0.22
A/3216-18
T491A224(1)035A(2)
0.5
4.0
18.0
65
59
26
1
35
0.33
A/3216-18
T491A334(1)035A(2)
0.5
4.0
15.0
71
64
28
1
35
0.47
B/3528-21
T491B474(1)035A(2)
0.5
4.0
8.0
103
93
41
1
35
0.47
A/3216-18
T491A474(1)035A(2)
0.5
4.0
11.0
79
71
32
1
35
0.68
B/3528-21
T491B684(1)035A(2)
0.5
4.0
6.5
114
103
46
1
35
0.68
A/3216-18
T491A684(1)035A(2)
0.5
4.0
8.0
97
87
39
1
35
1
B/3528-21
T491B105(1)035A(2)
0.5
4.0
5.0
130
117
52
1
35
1
A/3216-18
T491A105(1)035A(2)
0.5
4.0
7.0
100
90
40
1
35
1.5
A/3216-18
T491A155(1)035A(2)
0.5
6.0
7.0
104
94
42
1
35
1.5
C/6032-28
T491C155(1)035A(2)
0.5
6.0
4.5
156
140
62
1
35
1.5
B/3528-21
T491B155(1)035A(2)
0.5
6.0
5.0
130
117
52
1
35
2.2
C/6032-28
T491C225(1)035A(2)
0.8
6.0
3.2
185
167
74
1
35
2.2
A/3216-18
T491A225(1)035AT
0.8
6.0
4.0
129
116
52
1
35
2.2
B/3528-21
T491B225(1)035A(2)
0.8
6.0
4.0
146
131
58
1
35
3.3
C/6032-28
T491C335(1)035A(2)
1.2
6.0
2.4
210
189
84
1
35
3.3
B/3528-21
T491B335(1)035A(2)
1.2
6.0
3.5
156
140
62
1
35
4.7
D/7343-31
T491D475(1)035A(2)
1.6
6.0
1.5
316
284
126
1
35
4.7
B/3528-21
T491B475(1)035AT
1.6
6.0
3.0
166
149
66
1
35
4.7
C/6032-28
T491C475(1)035A(2)
1.6
6.0
2.0
224
202
90
1
35
6.8
D/7343-31
T491D685(1)035A(2)
2.4
6.0
1.2
340
306
136
1
35
6.8
V/7343-20
T491V685(1)035AT
2.4
6.0
1.2
323
291
129
1
35
6.8
C/6032-28
T491C685(1)035A(2)
2.4
6.0
1.8
247
222
99
1
35
10
D/7343-31
T491D106(1)035A(2)
3.5
6.0
1.0
387
348
155
1
35
10
C/6032-28
T491C106(1)035A(2)
3.5
6.0
1.6
262
236
105
1
35
10
V/7343-20
T491V106(1)035A(2)
3.5
6.0
1.0
250
225
100
1
35
15
X/7343-43
T491X156(1)035A(2)
5.3
6.0
0.9
428
385
171
1
35
15
D/7343-31
T491D156(1)035A(2)
5.3
6.0
0.8
433
390
173
1
35
22
X/7343-43
T491X226(1)035A(2)
7.7
6.0
0.7
486
437
194
1
35
22
D/7343-31
T491D226(1)035A(2)
7.7
6.0
0.7
463
417
185
1
35
33
X/7343-43
T491X336(1)035A(2)
11.6
6.0
0.6
524
472
210
1
35
33
D/7343-31
T491D336(1)035A(2)
11.6
6.0
0.6
500
450
200
1
35
47
X/7343-43
T491X476(1)035A(2)
16.5
6.0
0.6
524
472
210
1
35
47
E/7360-38
T491E476(1)035A(2)
16.5
10.0
0.5
632
569
253
1
50
0.1
A/3216-18
T491A104(1)050A(2)
0.5
4.0
20.0
61
55
24
1
50
0.15
B/3528-21
T491B154(1)050A(2)
0.5
4.0
16.0
73
66
29
1
50
0.15
A/3216-18
T491A154(1)050A(2)
0.5
4.0
15.0
71
64
28
1
VDC
µF
KEMET/EIA
(See below for
part options)
µA @ +20ºC
Maximum/
5 Minutes
% @ +20ºC
120 Hz
Maximum
Ω @ +20ºC
100 kHz
Maximum
(mA)
100 kHz
25ºC
(mA)
100 kHz
+85ºC
(mA)
100 kHz
+125ºC
Reflow Temperature
≤ 260 ºC
Rated
Voltage
Rated
Cap
Case Code/
Case Size
KEMET Part
Number
DC
Leakage
DF
ESR
Maximum Allowable
Ripple Current
Moisture
Sensitivity
Table 1 – Ratings & Part Number Reference cont'd
(1) To complete KEMET part number, insert M for ±20% or K for ±10%. Designates capacitance tolerance.
(2) To complete KEMET part number, insert T = 100% Matte Tin (Sn) Plated, G = Gold Plated, H = Standard Solder coated (SnPb 5% Pb minimum), N = Non-
Magnetic 100% Tin (Sn), M = Non-Magnetic (SnPb). Designates Termination Finish.
Refer to Ordering Information for additional detail.
Higher voltage ratings and tighter tolerance product including ESR may be substituted within the same size at KEMET's option. Voltage substitution will be marked
with the higher voltage rating. Substitutions can include better than series.


Similar Part No. - T491D157K006AT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491D157K006AT KEMET-T491D157K006AT Datasheet
1Mb / 24P
   Standard MnO2 Tantalum Surface Mount Capacitors T491 Industrial Grade MnO2 Series
T491D157K006AT7280 KEMET-T491D157K006AT7280 Datasheet
1Mb / 24P
   T491 Industrial Grade MnO2 Series
More results

Similar Description - T491D157K006AT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491C105K050AT KEMET-T491C105K050AT Datasheet
2Mb / 25P
   T491 Series Industrial Grade MnO2
T491A475M016AT KEMET-T491A475M016AT Datasheet
1Mb / 24P
   T491 Industrial Grade MnO2 Series
T491A105M016ZT KEMET-T491A105M016ZT Datasheet
1Mb / 23P
   T491 Industrial Grade MnO2 Series
T491B156K016AT KEMET-T491B156K016AT Datasheet
2Mb / 24P
   T491 Series Industrial Grade MnO2
T491A106M006AT KEMET-T491A106M006AT Datasheet
2Mb / 24P
   T491 Industrial Grade MnO2 Series
T491A106M010AT KEMET-T491A106M010AT Datasheet
1Mb / 24P
   T491 Industrial Grade MnO2 Series
T491C107K016ZT KEMET-T491C107K016ZT Datasheet
1Mb / 24P
   T491 Industrial Grade MnO2 Series
T491X157K020AT KEMET-T491X157K020AT Datasheet
1Mb / 24P
   T491 Industrial Grade MnO2 Series
T491B475K020AT KEMET-T491B475K020AT Datasheet
2Mb / 24P
   T491 Series Industrial Grade MnO2
T491C475K020AT KEMET-T491C475K020AT Datasheet
1Mb / 24P
   Standard MnO2 Tantalum Surface Mount Capacitors T491 Industrial Grade MnO2 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com