Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T491D157K006AT Datasheet(PDF) 1 Page - Kemet Corporation

Part # T491D157K006AT
Description  T491 Industrial Grade MnO2 Series
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T491D157K006AT Datasheet(HTML) 1 Page - Kemet Corporation

  T491D157K006AT Datasheet HTML 1Page - Kemet Corporation T491D157K006AT Datasheet HTML 2Page - Kemet Corporation T491D157K006AT Datasheet HTML 3Page - Kemet Corporation T491D157K006AT Datasheet HTML 4Page - Kemet Corporation T491D157K006AT Datasheet HTML 5Page - Kemet Corporation T491D157K006AT Datasheet HTML 6Page - Kemet Corporation T491D157K006AT Datasheet HTML 7Page - Kemet Corporation T491D157K006AT Datasheet HTML 8Page - Kemet Corporation T491D157K006AT Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2005_T491 • 2/3/2014
1
One world. One KEMET
Benefits
• Meets or exceeds EIA Standard 535BAAC
• Taped and reeled per EIA 481–1
• Symmetrical, compliant terminations
• Optional gold-plated terminations
• Laser-marked case
• 100% surge current test on C, D, E, U, V, X sizes
• Halogen free epoxy
• Capacitance 0.1 µF to 1,000 µF
• Tolerance ±10%, ±20%
• Voltage 2.5 – 50 VDC
• Extended range values
• Lowprofilecasesizes
• RoHS Compliant and lead-free terminations
(See www.kemet.com for transition information)
• Operating temperature: -55ºC to +125ºC
Applications
Typicalapplicationsincludedecouplingandfilteringinindustrial
and automotive end applications such as DC/DC converters,
portable electronics, telecommunications, and control units.
Overview
TheKEMETT491Series,designedspecificallyfortoday’shighly
automated surface mount processes and equipment, is the
leading choice for surface mount designs. The T491 combines
KEMET’sprovensolidtantalumtechnology,acclaimedand
respected throughout the world, with the latest in materials,
processes and automation, resulting in unsurpassed total
performance and value. This product meets or exceeds the
requirementsofEIAstandard535BAAC.Thisseriesisclassified
as MSL (Mositure Sensitivity Level) 1 under J STD 020: unlimited
floorlifetimeat≤30°C/85%RH.TheT491standardterminations
are available in 100% matte tin and provide excellent wetting
characteristics and compatibility with today's surface mount solder
systems. Tin/lead (Sn/Pb) terminations are available upon request
for any part number. Gold-plated terminations are also available
for use with conductive epoxy attachment processes. Standard
packaging of these devices is tape and reel in accordance with
EIA 481-1. This system provides perfect compatibility with all tape-
fed placement units.
Tantalum Surface Mount Capacitors – Standard Tantalum
T491 Industrial Grade MnO
2 Series
Environmental Compliance
RoHS Compliant (6/6) according to Directive 2002/95/EC when ordered with 100% Sn solder.


Similar Part No. - T491D157K006AT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491D157K006AT KEMET-T491D157K006AT Datasheet
1Mb / 24P
   Standard MnO2 Tantalum Surface Mount Capacitors T491 Industrial Grade MnO2 Series
T491D157K006AT7280 KEMET-T491D157K006AT7280 Datasheet
1Mb / 24P
   T491 Industrial Grade MnO2 Series
More results

Similar Description - T491D157K006AT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491C105K050AT KEMET-T491C105K050AT Datasheet
2Mb / 25P
   T491 Series Industrial Grade MnO2
T491A475M016AT KEMET-T491A475M016AT Datasheet
1Mb / 24P
   T491 Industrial Grade MnO2 Series
T491A105M016ZT KEMET-T491A105M016ZT Datasheet
1Mb / 23P
   T491 Industrial Grade MnO2 Series
T491B156K016AT KEMET-T491B156K016AT Datasheet
2Mb / 24P
   T491 Series Industrial Grade MnO2
T491A106M006AT KEMET-T491A106M006AT Datasheet
2Mb / 24P
   T491 Industrial Grade MnO2 Series
T491A106M010AT KEMET-T491A106M010AT Datasheet
1Mb / 24P
   T491 Industrial Grade MnO2 Series
T491C107K016ZT KEMET-T491C107K016ZT Datasheet
1Mb / 24P
   T491 Industrial Grade MnO2 Series
T491X157K020AT KEMET-T491X157K020AT Datasheet
1Mb / 24P
   T491 Industrial Grade MnO2 Series
T491B475K020AT KEMET-T491B475K020AT Datasheet
2Mb / 24P
   T491 Series Industrial Grade MnO2
T491C475K020AT KEMET-T491C475K020AT Datasheet
1Mb / 24P
   Standard MnO2 Tantalum Surface Mount Capacitors T491 Industrial Grade MnO2 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com