Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDH15PNBTD Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DDH15PNBTD
Description  Plug viewed from above, socket viewed from below.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DDH15PNBTD Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DDH15PNBTD Datasheet HTML 1Page - List of Unclassifed Manufacturers DDH15PNBTD Datasheet HTML 2Page - List of Unclassifed Manufacturers DDH15PNBTD Datasheet HTML 3Page - List of Unclassifed Manufacturers DDH15PNBTD Datasheet HTML 4Page - List of Unclassifed Manufacturers DDH15PNBTD Datasheet HTML 5Page - List of Unclassifed Manufacturers DDH15PNBTD Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
90º p.c
J
2.54
2.54
2.54
2.54
2.54
PCB layouts
Plug viewed from above,
socket viewed from
below.
High Density D only
Plug viewed from above,
socket viewed from
below.
Straight p.c. 9-37 way
90º p.c. 9-37 way
50 way
50 way
Contact
Arrangement
9
15
25
37
50
A crs
25.00
33.32
47.04
63.50
61.10
15 way
High Density D
26 way
High Density D
62 way
High Density D
44 way
High Density D
78 way
High Density D
Contact
Arrangement
15
26
44
62
78
Straight p.c
J
1.98
1.98
1.98
1.98
2.08
DIMENSIONS
2.84 CRS
1 2
Ø 0.76 min.
2.76
A
2 holes
at Ø 3.2 min.
(2 holes at
Ø 3.0/3.1
boardlock
only)*
2.54 CRS
1
2
Ø 0.76 min.
2.76
A
2 holes
at Ø 3.2 min.
(2 holes at
Ø 3.0/3.1
boardlock
only)*
50
FRONT
2.84 CRS
1
2
Ø 0.76 min.
2.76
A
2 holes at Ø 3.2 min.
(2 holes at Ø 3.0/3.1
boardlock only)*
50
34
2.54 CRS
1
2
Ø 0.76 min.
2.76
A
2 holes at Ø 3.2 min.
(2 holes at Ø 3.0/3.1
boardlock only)*
50
34
FRONT
1.05 Ø min.
2.29
J
6
11
25.00
18
90º FRONT
2.29
J
10
19
33.32
90º FRONT
0.44
1
2.42
J
22
43
63.50
90º FRONT
0.60
1
1
2.29
J
16
31
47.04
90º FRONT
1
2.42
J
40
21
61.10
90º FRONT
1
60
90º p.c.
STRAIGHT
p.c.
90º p.c.
STRAIGHT p.c.
*Special D only
DIMENSIONS
1
1
Farnell InOne


Similar Part No. - DDH15PNBTD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DDH15PNBT ETC2-DDH15PNBT Datasheet
745Kb / 6P
   PCB layouts
More results

Similar Description - DDH15PNBTD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDA15SNT ETC2-SDA15SNT Datasheet
745Kb / 6P
   Plug viewed from above, socket viewed from below.
logo
Maxim Integrated Produc...
MAX14760 MAXIM-MAX14760 Datasheet
1Mb / 13P
   Above- and Below-the-Rails Low-Leakage Analog Switches
19-6052; Rev 1; 8/12
MAX14759 MAXIM-MAX14759 Datasheet
2Mb / 16P
   Above- and Below-the-Rails Low On-Resistance Analog Switches
Rev 1; 8/12
logo
Littelfuse
SP1002-02JTG LITTELFUSE-SP1002-02JTG Datasheet
548Kb / 1P
   Audio ports typically have signals that swing above and below GND
logo
WECO ELECTRICAL CONNECT...
971-FBS WECO-971-FBS Datasheet
99Kb / 1P
   Plug connector Screw connection, plugable from backside
12.17
logo
Maxim Integrated Produc...
MAX14778 MAXIM-MAX14778 Datasheet
2Mb / 15P
   Dual 25V Above- and Below-the-Rails 4:1 Analog Multiplexer
Rev 0; 6/11
logo
Recom International Pow...
R-78S3.3-0.1-EVM-1 RECOM-R-78S3.3-0.1-EVM-1 Datasheet
609Kb / 5P
   3.3V from a single AA battery or from
logo
Maxim Integrated Produc...
MAX14778 MAXIM-MAX14778_V01 Datasheet
1Mb / 16P
   Dual 짹25V Above- and Below-the-Rails 4:1 Analog Multiplexer
19-5929; Rev 3; 7/20
MAX14778 MAXIM-MAX14778_12 Datasheet
2Mb / 15P
   Dual ±25V Above- and Below-the-Rails 4:1 Analog Multiplexer
Rev 1; 6/12
logo
Lumileds Lighting Compa...
LXA7-PW30 LUMILEDS-LXA7-PW30 Datasheet
1Mb / 22P
   Freedom From Binning
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com