Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCCA001158 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # MCCA001158
Description  Soft Terminal MLCC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MCCA001158 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button MCCA001158 Datasheet HTML 4Page - List of Unclassifed Manufacturers MCCA001158 Datasheet HTML 5Page - List of Unclassifed Manufacturers MCCA001158 Datasheet HTML 6Page - List of Unclassifed Manufacturers MCCA001158 Datasheet HTML 7Page - List of Unclassifed Manufacturers MCCA001158 Datasheet HTML 8Page - List of Unclassifed Manufacturers MCCA001158 Datasheet HTML 9Page - List of Unclassifed Manufacturers MCCA001158 Datasheet HTML 10Page - List of Unclassifed Manufacturers MCCA001158 Datasheet HTML 11Page - List of Unclassifed Manufacturers MCCA001158 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Soft Terminal MLCC
Page <10>
19/05/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
Description
Size
Inch
(mm)
Dielectric
Capacitance Tolerance
Rated
Voltage
(V DC)
Termination Part Number
Capacitor, 1206, X7R, 25 V, 220 pF
1206
(3216)
X7R
220 pF
±10%
25 V
Cu / Ni / Sn
MCCA001321
Capacitor, 1206, X7R, 16 V, 330 pF
330 pF
16 V
MCCA001322
Capacitor, 1206, X7R, 100 V, 470 pF
470 pF
100 V
MCCA001323
Capacitor, 1206, X7R, 10 V, 680 pF
680 pF
10 V
MCCA001324
Capacitor, 1206, X7R, 10 V, 1 nF
1 nF
MCCA001325
Capacitor, 1206, X7R, 10 V, 1.5 nF
1.5 nF
MCCA001326
Capacitor, 1206, X7R, 50 V, 220 pF
220 pF
50 V
MCCA001327
Capacitor, 1206, X7R, 25 V, 330 pF
330 pF
25 V
MCCA001328
Capacitor, 1206, X7R, 16 V, 470 pF
470 pF
16 V
MCCA001329
Capacitor, 1206, X7R, 100 V, 680 pF
680 pF
100 V
MCCA001330
Capacitor, 1206, X7R, 100 V, 1 nF
1 nF
MCCA001331
Capacitor, 1206, X7R, 100 V, 1.5 nF
1.5 nF
MCCA001332
Capacitor, 1206, X7R, 10 V, 2.2 nF
2.2 nF
10 V
MCCA001333
Capacitor, 1206, X7R, 50 V, 330 pF
330 pF
50 V
MCCA001334
Capacitor, 1206, X7R, 25 V, 470 pF
470 pF
25 V
MCCA001335
Capacitor, 1206, X7R, 16 V, 680 pF
680 pF
16 V
MCCA001336
Capacitor, 1206, X7R, 16 V, 1 nF
1 nF
MCCA001337
Capacitor, 1206, X7R, 16 V, 1.5 nF
1.5 nF
MCCA001338
Capacitor, 1206, X7R, 100 V, 2.2 nF
2.2 nF
100 V
MCCA001339
Capacitor, 1206, X7R, 10 V, 3.3 nF
3.3 nF
10 V
MCCA001340
Capacitor, 1206, X7R, 50 V, 470 pF
470 pF
50 V
MCCA001341
Capacitor, 1206, X7R, 25 V, 680 pF
680 pF
25 V
MCCA001342
Capacitor, 1206, X7R, 25 V, 1 nF
1 nF
MCCA001343
Capacitor, 1206, X7R, 25 V, 1.5 nF
1.5 nF
MCCA001344
Capacitor, 1206, X7R, 16 V, 2.2 nF
2.2 nF
16 V
MCCA001345
Capacitor, 1206, X7R, 100 V, 3.3 nF
3.3 nF
100 V
MCCA001346
Capacitor, 1206, X7R, 10 V, 4.7 nF
4.7 nF
10 V
MCCA001347
Capacitor, 1206, X7R, 50 V, 680 pF
680 pF
50 V
MCCA001348
Capacitor, 1206, X7R, 50 V, 1 nF
1 nF
MCCA001349
Capacitor, 1206, X7R, 50 V, 1.5 nF
1.5 nF
MCCA001350
Capacitor, 1206, X7R, 25 V, 2.2 nF
2.2 nF
25 V
MCCA001351
Capacitor, 1206, X7R, 16 V, 3.3 nF
3.3 nF
16 V
MCCA001352
Capacitor, 1206, X7R, 100 V, 4.7 nF
4.7 nF
100 V
MCCA001353
Capacitor, 1206, X7R, 10 V, 6.8 nF
6.8 nF
10 V
MCCA001354
Capacitor, 1206, X7R, 10 V, 10 nF
10 nF
MCCA001355
Capacitor, 1206, X7R, 10 V, 15 nF
15 nF
MCCA001356
Capacitor, 1206, X7R, 50 V, 2.2 nF
2.2 nF
50 V
MCCA001357
Capacitor, 1206, X7R, 25 V, 3.3 nF
3.3 nF
25 V
MCCA001358
Capacitor, 1206, X7R, 16 V, 4.7 nF
4.7 nF
16 V
MCCA001359
Capacitor, 1206, X7R, 100 V, 6.8 nF
6.8 nF
100 V
MCCA001360


Similar Part No. - MCCA001158

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCCA000145 ETC2-MCCA000145 Datasheet
697Kb / 12P
   Multi Layer Ceramic Capacitor
logo
Analog Devices
MCCA000159 AD-MCCA000159 Datasheet
282Kb / 8P
   Evaluation Board for FSK AD5700/AD5700-1 HART Modem
REV. A
MCCA000221 AD-MCCA000221 Datasheet
282Kb / 8P
   Evaluation Board for FSK AD5700/AD5700-1 HART Modem
REV. A
logo
List of Unclassifed Man...
MCCA000269 ETC2-MCCA000269 Datasheet
697Kb / 12P
   Multi Layer Ceramic Capacitor
logo
Analog Devices
MCCA000274 AD-MCCA000274 Datasheet
568Kb / 12P
   Evaluation Board User Guide
REV. 0
More results

Similar Description - MCCA001158

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
STL MSYSTEM-STL Datasheet
108Kb / 3P
   SOFT-TERMINAL
logo
Taiyo Yuden (U.S.A.), I...
HMJ212BB7473MGHT TAIYO-YUDEN-HMJ212BB7473MGHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
QMJ212BB7103MGHT TAIYO-YUDEN-QMJ212BB7103MGHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
QMJ212KB7102MDHT TAIYO-YUDEN-QMJ212KB7102MDHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
QMJ212KB7222MDHT TAIYO-YUDEN-QMJ212KB7222MDHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
HMJ316B7102KFHT TAIYO-YUDEN-HMJ316B7102KFHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
HMJ316BB7104MLHT TAIYO-YUDEN-HMJ316BB7104MLHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
UMJ316BB7224MLHT TAIYO-YUDEN-UMJ316BB7224MLHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
QMJ316B7472MFHT TAIYO-YUDEN-QMJ316B7472MFHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
QMJ316BB7104MLHT TAIYO-YUDEN-QMJ316BB7104MLHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com