Electronic Components Datasheet Search |
|
TMK212AB7105KA-T Datasheet(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc |
|
TMK212AB7105KA-T Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc |
2 / 51 page 4 11 mlcc01_e-01 ■ FEATURES ■ PART NUMBER ■ STANDARD EXTERNAL DIMENSIONS/STANDARD QUANTITY ■ APPLICATIONS *This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification. For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs. J M K 3 1 6 △ B J 1 0 6 M L - T △ ❶ ❷ ❸ ❹ ❺ ❻ ❼ ❽ ❾ ❿ ⓫ ⓬ Cap 〔μF〕 Type 107 212 316 325 X7R B/X5R F/Y5V X7R B/X5R F/Y5V X7R B/X5R F/Y5V X7R B/X5R F/Y5V VDC 50 25 16 10 6.3 50 35 25 16 10 6.3 4 50 25 16 10 50 35 25 16 10 6.3 50 25 16 10 6.3 50 16 10 6.3 50 25 16 10 6.3 50 25 16 10 6.3 4 35 25 16 10 50 25 16 10 6.3 50 35 25 16 10 6.3 16 10 6.3 〔3-digit〕 0.1 104 A G G 0.15 154 0.22 224 A A A A A A A A G G L 0.33 334 0.47 474 A A A A A A A A A A A G G G L 0.68 684 1 105 A A A A A A A A A A A G G G G G G G L L L 2.2 225 A A A A A A A G G G G G G G L L L L L L N 3.3 335 N N 4.7 475 A A A G G G G G G G G L L L L L L M N N M N N N 6.8 685 10 106 A A A G G G G G G G L L L L L L L L L L L N N M N M.N N N 22 226 A G G L L L L L M M M M.Y Y N N 47 476 G L L M M M M M.N N 100 107 L L M M.Y ◦The use of nickel as electrode material and plating processing im- prove the solderability and heat resistance characteristics. It also prevents migration and raises the level of reliability. ◦Low equivalent series resistance(ESR) provides superior noise ab- sorption characteristics. ◦Compared to tantalum or aluminum electrolytic capacitors, multilayer ceramic capacitors offer a number of superior features, including: Higher permissible ripple current values Smaller case sizes with high rated voltage Improved reliability due to higher insulation resistance and breakdown voltage. ◦General digital circuit ◦Power supply bypass capacitors Liquid crystal modules Liquid crystal drive voltage lines LSI, IC, converters(both for input and output) ◦Smoothing capacitors DC-DC converters (for both input and output) Switching power supplies (secondary side) HIGH VALUE MULTILAYER CERAMIC CAPACITORS ⓫Packaging T φ178mm Taping (4mm pitch) All types P φ178mm Taping (4mm pitch, 1000pcs/reel) 1210Type Thickness:M ⓬Internal code △ Standard △=Blank space ❿Special code - Standard ❾ Thickness 〔mm〕 K 0.45 A 0.8 D 0.85 G 1.25 L 1.6 N 1.9 Y 2.0max M 2.5 REFLOW WAVE Type Dimension [mm] Standard quantity [pcs] L W T e Paper tape Embossed tape □MK107 (0603 inch) 1.6±0.10 0.8±0.10 0.45±0.05 K 0.35±0.25 4000 — 0.8±0.10 A □MK212 (0805 inch) 2.0±0.10 1.25±0.10 0.45±0.05 K 0.5±0.25 4000 — 0.85±0.10 D 1.25±0.10 G — 3000 □MK316 (1206 inch) 3.2±0.15 1.6±0.15 0.85±0.10 D 0.5+0.35/-0.25 4000 — 1.25±0.10 G — 3000 1.6±0.20 L 2000 □MK325 (1210 inch) 3.2±0.30 2.5±0.20 0.85±0.10 D 0.6±0.3 — 2000 1.9±0.20 N 1.9+0.1/-0.2 Y 2.5±0.20 M 500(T),1000(P) ❶Rated voltage 〔VDC〕 A 4 J 6.3 L 10 E 16 T 25 G 35 U 50 ❹Dimension Type (inch) L×W[mm] 107 (0603) 1.6×0.8 212 (0805) 2.0×1.25 316 (1206) 3.2×1.6 325 (1210) 3.2×2.5 ❷Series name M Multilayer ceramic capacitor ❸End termination K Plated ❻Temperature characteristics code BJ B X5R B7 X7R △F F Y5V △=Blank space ❽Capacitance tolerance K ±10% M ±20% Z +80 -20% ❼Nominal capacitance〔pF〕 example 473 47,000 105 1,000,000 ■ AVAILABLE CAPACITANCE RANGE Note:Letters in the table indicate product thickness. ■■ X5R only ❺Dimension tolerance[mm] Code Type L W T Code Type L W T △ ALL Standard Standard Standard B 107 1.6+0.2/-0 0.8+0.2/-0 0.45±0.05 A 107 1.6+0.15/-0.05 0.8+0.15/-0.05 0.8+0.15/-0.05 0.8+0.2/-0 212 2.0+0.15/-0.05 1.25+0.15/-0.05 0.45±0.05 212 2.0+0.2/-0 1.25+0.2/-0 0.85±0.1 0.85±0.1 1.25+0.2/-0 1.25+0.15/-0.05 △=Blank space 316 3.2±0.2 1.6±0.2 0.85±0.1 1.6±0.2 325 3.2±0.3 2.5±0.3 2.5±0.3 |
Similar Part No. - TMK212AB7105KA-T |
|
Similar Description - TMK212AB7105KA-T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |