Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCCA001151 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # MCCA001151
Description  Soft Terminal MLCC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MCCA001151 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button MCCA001151 Datasheet HTML 4Page - List of Unclassifed Manufacturers MCCA001151 Datasheet HTML 5Page - List of Unclassifed Manufacturers MCCA001151 Datasheet HTML 6Page - List of Unclassifed Manufacturers MCCA001151 Datasheet HTML 7Page - List of Unclassifed Manufacturers MCCA001151 Datasheet HTML 8Page - List of Unclassifed Manufacturers MCCA001151 Datasheet HTML 9Page - List of Unclassifed Manufacturers MCCA001151 Datasheet HTML 10Page - List of Unclassifed Manufacturers MCCA001151 Datasheet HTML 11Page - List of Unclassifed Manufacturers MCCA001151 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Soft Terminal MLCC
Page <11>
19/05/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
Description
Size
Inch
(mm)
Dielectric
Capacitance Tolerance
Rated
Voltage
(V DC)
Termination Part Number
Capacitor, 1206, X7R, 100 V, 10 nF
1206
(3216)
X7R
10 nF
±10%
100 V
Cu / Ni / Sn
MCCA001361
Capacitor, 1206, X7R, 100 V, 15 nF
15 nF
MCCA001362
Capacitor, 1206, X7R, 10 V, 22 nF
22 nF
10 V
MCCA001363
Capacitor, 1206, X7R, 50 V, 3.3 nF
3.3 nF
50 V
MCCA001364
Capacitor, 1206, X7R, 25 V, 4.7 nF
4.7 nF
25 V
MCCA001365
Capacitor, 1206, X7R, 16 V, 6.8 nF
6.8 nF
16 V
MCCA001366
Capacitor, 1206, X7R, 16 V, 10 nF
10 nF
MCCA001367
Capacitor, 1206, X7R, 16 V, 15 nF
15 nF
MCCA001368
Capacitor, 1206, X7R, 100 V, 22 nF
22 nF
100 V
MCCA001369
Capacitor, 1206, X7R, 10 V, 33 nF
33 nF
10 V
MCCA001370
Capacitor, 1206, X7R, 50 V, 4.7 nF
4.7 nF
50 V
MCCA001371
Capacitor, 1206, X7R, 25 V, 6.8 nF
6.8 nF
25 V
MCCA001372
Capacitor, 1206, X7R, 25 V, 10 nF
10 nF
MCCA001373
Capacitor, 1206, X7R, 25 V, 15 nF
15 nF
MCCA001374
Capacitor, 1206, X7R, 16 V, 22 nF
22 nF
16 V
MCCA001375
Capacitor, 1206, X7R, 100 V, 33 nF
33 nF
100 V
MCCA001376
Capacitor, 1206, X7R, 10 V, 47 nF
47 nF
10 V
MCCA001377
Capacitor, 1206, X7R, 50 V, 6.8 nF
6.8 nF
50 V
MCCA001378
Capacitor, 1206, X7R, 50 V, 10 nF
10 nF
MCCA001379
Capacitor, 1206, X7R, 50 V, 15 nF
15 nF
MCCA001380
Capacitor, 1206, X7R, 25 V, 22 nF
22 nF
25 V
MCCA001381
Capacitor, 1206, X7R, 16 V, 33 nF
33 nF
16 V
MCCA001382
Capacitor, 1206, X7R, 100 V, 47 nF
47 nF
100 V
MCCA001383
Capacitor, 1206, X7R, 10 V, 68 nF
68 nF
10 V
MCCA001384
Capacitor, 1206, X7R, 10 V, 100 nF
100 nF
MCCA001385
Capacitor, 1206, X7R, 10 V, 150 nF
150 nF
MCCA001386
Capacitor, 1206, X7R, 50 V, 22 nF
22 nF
50 V
MCCA001387
Capacitor, 1206, X7R, 25 V, 33 nF
33 nF
25 V
MCCA001388
Capacitor, 1206, X7R, 16 V, 47 nF
47 nF
16 V
MCCA001389
Capacitor, 1206, X7R, 100 V, 68 nF
68 nF
100 V
MCCA001390
Capacitor, 1206, X7R, 100 V, 100 nF
100 nF
MCCA001391
Capacitor, 1206, X7R, 100 V, 150 nF
150 nF
MCCA001392
Capacitor, 1206, X7R, 10 V, 220 nF
220 nF
10 V
MCCA001393
Capacitor, 1206, X7R, 50 V, 33 nF
33 nF
50 V
MCCA001394
Capacitor, 1206, X7R, 25 V, 47 nF
47 nF
25 V
MCCA001395
Capacitor, 1206, X7R, 16 V, 68 nF
68 nF
16 V
MCCA001396
Capacitor, 1206, X7R, 16 V, 100 nF
100 nF
MCCA001397
Capacitor, 1206, X7R, 16 V, 150 nF
150 nF
MCCA001398
Capacitor, 1206, X7R, 100 V, 220 nF
220 nF
100 V
MCCA001399
Capacitor, 1206, X7R, 10 V, 330 nF
330 nF
10 V
MCCA001400


Similar Part No. - MCCA001151

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCCA000145 ETC2-MCCA000145 Datasheet
697Kb / 12P
   Multi Layer Ceramic Capacitor
logo
Analog Devices
MCCA000159 AD-MCCA000159 Datasheet
282Kb / 8P
   Evaluation Board for FSK AD5700/AD5700-1 HART Modem
REV. A
MCCA000221 AD-MCCA000221 Datasheet
282Kb / 8P
   Evaluation Board for FSK AD5700/AD5700-1 HART Modem
REV. A
logo
List of Unclassifed Man...
MCCA000269 ETC2-MCCA000269 Datasheet
697Kb / 12P
   Multi Layer Ceramic Capacitor
logo
Analog Devices
MCCA000274 AD-MCCA000274 Datasheet
568Kb / 12P
   Evaluation Board User Guide
REV. 0
More results

Similar Description - MCCA001151

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
STL MSYSTEM-STL Datasheet
108Kb / 3P
   SOFT-TERMINAL
logo
Taiyo Yuden (U.S.A.), I...
HMJ212BB7473MGHT TAIYO-YUDEN-HMJ212BB7473MGHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
QMJ212BB7103MGHT TAIYO-YUDEN-QMJ212BB7103MGHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
QMJ212KB7102MDHT TAIYO-YUDEN-QMJ212KB7102MDHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
QMJ212KB7222MDHT TAIYO-YUDEN-QMJ212KB7222MDHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
HMJ316B7102KFHT TAIYO-YUDEN-HMJ316B7102KFHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
HMJ316BB7104MLHT TAIYO-YUDEN-HMJ316BB7104MLHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
UMJ316BB7224MLHT TAIYO-YUDEN-UMJ316BB7224MLHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
QMJ316B7472MFHT TAIYO-YUDEN-QMJ316B7472MFHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
QMJ316BB7104MLHT TAIYO-YUDEN-QMJ316BB7104MLHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com