Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCCA001146 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MCCA001146
Description  Soft Terminal MLCC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MCCA001146 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MCCA001146 Datasheet HTML 1Page - List of Unclassifed Manufacturers MCCA001146 Datasheet HTML 2Page - List of Unclassifed Manufacturers MCCA001146 Datasheet HTML 3Page - List of Unclassifed Manufacturers MCCA001146 Datasheet HTML 4Page - List of Unclassifed Manufacturers MCCA001146 Datasheet HTML 5Page - List of Unclassifed Manufacturers MCCA001146 Datasheet HTML 6Page - List of Unclassifed Manufacturers MCCA001146 Datasheet HTML 7Page - List of Unclassifed Manufacturers MCCA001146 Datasheet HTML 8Page - List of Unclassifed Manufacturers MCCA001146 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Soft Terminal MLCC
Page <2>
19/05/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
No
Name
X7R
X7R
1
Ceramic material
BaTiO3 based
2
Inner electrode
AgPd alloy
Ni
3
Inner layer
Ag
Cu
4
Termination
Middle layer
Ni
5
1
Outer layer
Sn (Matt)
Storage and Handling Conditions
(1) To store products at 5 to 40°C ambient temperature and 20 to 70%. related humidity conditions
(2) The product is recommended to be used within 6 months after shipment. Check solderability in case of shelf life extension is
needed
Cautions
a. Don’t store products in a corrosive environment such as sulphide, chloride gas, or acid. It may cause oxidization of electrode,
which easily be resulted in poor soldering
b. To store products on the shelf and avoid exposure to moisture
c. Don’t expose products to excessive shock, vibration, direct sunlight and so on
Fig 1. Construction of MLCC
Constructions


Similar Part No. - MCCA001146

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCCA000145 ETC2-MCCA000145 Datasheet
697Kb / 12P
   Multi Layer Ceramic Capacitor
logo
Analog Devices
MCCA000159 AD-MCCA000159 Datasheet
282Kb / 8P
   Evaluation Board for FSK AD5700/AD5700-1 HART Modem
REV. A
MCCA000221 AD-MCCA000221 Datasheet
282Kb / 8P
   Evaluation Board for FSK AD5700/AD5700-1 HART Modem
REV. A
logo
List of Unclassifed Man...
MCCA000269 ETC2-MCCA000269 Datasheet
697Kb / 12P
   Multi Layer Ceramic Capacitor
logo
Analog Devices
MCCA000274 AD-MCCA000274 Datasheet
568Kb / 12P
   Evaluation Board User Guide
REV. 0
More results

Similar Description - MCCA001146

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
STL MSYSTEM-STL Datasheet
108Kb / 3P
   SOFT-TERMINAL
logo
Taiyo Yuden (U.S.A.), I...
HMJ212BB7473MGHT TAIYO-YUDEN-HMJ212BB7473MGHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
QMJ212BB7103MGHT TAIYO-YUDEN-QMJ212BB7103MGHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
QMJ212KB7102MDHT TAIYO-YUDEN-QMJ212KB7102MDHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
QMJ212KB7222MDHT TAIYO-YUDEN-QMJ212KB7222MDHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
HMJ316B7102KFHT TAIYO-YUDEN-HMJ316B7102KFHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
HMJ316BB7104MLHT TAIYO-YUDEN-HMJ316BB7104MLHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
UMJ316BB7224MLHT TAIYO-YUDEN-UMJ316BB7224MLHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
QMJ316B7472MFHT TAIYO-YUDEN-QMJ316B7472MFHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
QMJ316BB7104MLHT TAIYO-YUDEN-QMJ316BB7104MLHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com