Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCCA001132 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # MCCA001132
Description  Soft Terminal MLCC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MCCA001132 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button MCCA001132 Datasheet HTML 2Page - List of Unclassifed Manufacturers MCCA001132 Datasheet HTML 3Page - List of Unclassifed Manufacturers MCCA001132 Datasheet HTML 4Page - List of Unclassifed Manufacturers MCCA001132 Datasheet HTML 5Page - List of Unclassifed Manufacturers MCCA001132 Datasheet HTML 6Page - List of Unclassifed Manufacturers MCCA001132 Datasheet HTML 7Page - List of Unclassifed Manufacturers MCCA001132 Datasheet HTML 8Page - List of Unclassifed Manufacturers MCCA001132 Datasheet HTML 9Page - List of Unclassifed Manufacturers MCCA001132 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Soft Terminal MLCC
Page <6>
19/05/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
Description
Size
Inch
(mm)
Dielectric Capacitance Tolerance
Rated
Voltage
(V DC)
Termination
Part Number
Capacitor, 0603, X7R, 25 V, 330 nF
0603
(1608)
X7R
330 nF
25 V
Cu / Ni / Sn
MCCA001173
Capacitor, 0603, X7R, 25 V, 470 nF
470 nF
MCCA001174
Capacitor, 0603, X7R, 50 V, 100 pF
100 pF
50 V
MCCA001175
Capacitor, 0603, X7R, 50 V, 150 pF
150 pF
MCCA001176
Capacitor, 0603, X7R, 50 V, 220 pF
220 pF
MCCA001177
Capacitor, 0603, X7R, 50 V, 330 pF
330 pF
MCCA001178
Capacitor, 0603, X7R, 50 V, 470 pF
470 pF
MCCA001179
Capacitor, 0603, X7R, 50 V, 680 pF
680 pF
MCCA001180
Capacitor, 0603, X7R, 50 V, 1 nF
1 nF
MCCA001181
Capacitor, 0603, X7R, 50 V, 1.5 nF
1.5 nF
MCCA001182
Capacitor, 0603, X7R, 50 V, 2.2 nF
2.2 nF
MCCA001183
Capacitor, 0603, X7R, 50 V, 3.3 nF
3.3 nF
MCCA001184
Capacitor, 0603, X7R, 50 V, 4.7 nF
4.7 nF
MCCA001185
Capacitor, 0603, X7R, 50 V, 6.8 nF
6.8 nF
MCCA001186
Capacitor, 0603, X7R, 50 V, 10 nF
10 nF
MCCA001187
Capacitor, 0603, X7R, 50 V, 15 nF
15 nF
MCCA001188
Capacitor, 0603, X7R, 50 V, 22 nF
22 nF
MCCA001189
Capacitor, 0603, X7R, 50 V, 33 nF
33 nF
MCCA001190
Capacitor, 0603, X7R, 50 V, 47 nF
47 nF
MCCA001191
Capacitor, 0603, X7R, 50 V, 68 nF
68 nF
MCCA001192
Capacitor, 0603, X7R, 50 V, 100 nF
100 nF
MCCA001193
Capacitor, 0603, X7R, 100 V, 100 pF
100 pF
100 V
MCCA001194
Capacitor, 0603, X7R, 100 V, 150 pF
150 pF
MCCA001195
Capacitor, 0603, X7R, 100 V, 220 pF
220 pF
MCCA001196
Capacitor, 0603, X7R, 100 V, 330 pF
330 pF
MCCA001197
Capacitor, 0603, X7R, 100 V, 470 pF
470 pF
MCCA001198
Capacitor, 0603, X7R, 100 V, 680 pF
680 pF
MCCA001199
Capacitor, 0603, X7R, 100 V, 1 nF
1 nF
MCCA001200
Capacitor, 0603, X7R, 100 V, 1.5 nF
1.5 nF
MCCA001201
Capacitor, 0603, X7R, 100 V, 2.2 nF
2.2 nF
MCCA001202
Capacitor, 0603, X7R, 100 V, 3.3 nF
3.3 nF
MCCA001203
Capacitor, 0603, X7R, 100 V, 4.7 nF
4.7 nF
MCCA001204
Capacitor, 0603, X7R, 100 V, 6.8 nF
6.8 nF
MCCA001205
Capacitor, 0603, X7R, 100 V, 10 nF
10 nF
MCCA001206
Capacitor, 0805, X7R, 10 V, 100 pF
0805
(2012)
100 pF
10 V
MCCA001207
Capacitor, 0805, X7R, 10 V, 150 pF
150 pF
MCCA001208
Capacitor, 0805, X7R, 10 V, 220 pF
220 pF
MCCA001209
Capacitor, 0805, X7R, 10 V, 330 pF
330 pF
MCCA001210


Similar Part No. - MCCA001132

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCCA000145 ETC2-MCCA000145 Datasheet
697Kb / 12P
   Multi Layer Ceramic Capacitor
logo
Analog Devices
MCCA000159 AD-MCCA000159 Datasheet
282Kb / 8P
   Evaluation Board for FSK AD5700/AD5700-1 HART Modem
REV. A
MCCA000221 AD-MCCA000221 Datasheet
282Kb / 8P
   Evaluation Board for FSK AD5700/AD5700-1 HART Modem
REV. A
logo
List of Unclassifed Man...
MCCA000269 ETC2-MCCA000269 Datasheet
697Kb / 12P
   Multi Layer Ceramic Capacitor
logo
Analog Devices
MCCA000274 AD-MCCA000274 Datasheet
568Kb / 12P
   Evaluation Board User Guide
REV. 0
More results

Similar Description - MCCA001132

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
STL MSYSTEM-STL Datasheet
108Kb / 3P
   SOFT-TERMINAL
logo
Taiyo Yuden (U.S.A.), I...
HMJ212BB7473MGHT TAIYO-YUDEN-HMJ212BB7473MGHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
QMJ212BB7103MGHT TAIYO-YUDEN-QMJ212BB7103MGHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
QMJ212KB7102MDHT TAIYO-YUDEN-QMJ212KB7102MDHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
QMJ212KB7222MDHT TAIYO-YUDEN-QMJ212KB7222MDHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
HMJ316B7102KFHT TAIYO-YUDEN-HMJ316B7102KFHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
HMJ316BB7104MLHT TAIYO-YUDEN-HMJ316BB7104MLHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
UMJ316BB7224MLHT TAIYO-YUDEN-UMJ316BB7224MLHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
QMJ316B7472MFHT TAIYO-YUDEN-QMJ316B7472MFHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
QMJ316BB7104MLHT TAIYO-YUDEN-QMJ316BB7104MLHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com