Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCCA001112 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MCCA001112
Description  Soft Terminal MLCC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MCCA001112 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MCCA001112 Datasheet HTML 1Page - List of Unclassifed Manufacturers MCCA001112 Datasheet HTML 2Page - List of Unclassifed Manufacturers MCCA001112 Datasheet HTML 3Page - List of Unclassifed Manufacturers MCCA001112 Datasheet HTML 4Page - List of Unclassifed Manufacturers MCCA001112 Datasheet HTML 5Page - List of Unclassifed Manufacturers MCCA001112 Datasheet HTML 6Page - List of Unclassifed Manufacturers MCCA001112 Datasheet HTML 7Page - List of Unclassifed Manufacturers MCCA001112 Datasheet HTML 8Page - List of Unclassifed Manufacturers MCCA001112 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Soft Terminal MLCC
Page <1>
19/05/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
Dimensions Table
Size
L
(mm)
W
(mm)
Thickness (mm) / Symbol
Remark
MB (mm)
0603 (1608)
1.6 ±0.2
0.8 ±0.1
0.8 ±0.07
S
-
0.4 ±0.15
1.6 +0.2 / -0.1
0.8 +0.15 / -0.1
0.8 ±0.15 / -0.1
X
-
0805 (2012)
2 ±0.15
1.25 ±0.1
0.5 ±0.1
H
-
0.5 ±0.2
0.6 ±0.1
A
-
0.8 ±0.1
B
-
1.25 ±0.1
D
#
2 ±0.2
1.25 ±0.2
0.85 ±0.1
T
-
1.25 ±0.2
I
#
1206 (3216)
3.2 ±0.15
1.6 ±0.15
0.8 ±0.1
B
-
0.6 ±0.2
0.95 ±0.1
C
#
1.25 ±0.1
D
#
1.15 ±0.15
J
#
3.2 ±0.2
1.6 ±0.2
1.6 ±0.2
G
#
0.85 ±0.1
T
-
3.2 +0.3 / -0.1
1.6 +0.3 / -0.1
1.6 +0.3 / -0.1
P
#
Dimensions : Millimetres
Soft Termination Capacitors
# Reflow soldering only is recommended
* For safety certificated products and soft termination product please refer to individual sheet for detail


Similar Part No. - MCCA001112

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCCA000145 ETC2-MCCA000145 Datasheet
697Kb / 12P
   Multi Layer Ceramic Capacitor
logo
Analog Devices
MCCA000159 AD-MCCA000159 Datasheet
282Kb / 8P
   Evaluation Board for FSK AD5700/AD5700-1 HART Modem
REV. A
MCCA000221 AD-MCCA000221 Datasheet
282Kb / 8P
   Evaluation Board for FSK AD5700/AD5700-1 HART Modem
REV. A
logo
List of Unclassifed Man...
MCCA000269 ETC2-MCCA000269 Datasheet
697Kb / 12P
   Multi Layer Ceramic Capacitor
logo
Analog Devices
MCCA000274 AD-MCCA000274 Datasheet
568Kb / 12P
   Evaluation Board User Guide
REV. 0
More results

Similar Description - MCCA001112

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
STL MSYSTEM-STL Datasheet
108Kb / 3P
   SOFT-TERMINAL
logo
Taiyo Yuden (U.S.A.), I...
HMJ212BB7473MGHT TAIYO-YUDEN-HMJ212BB7473MGHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
QMJ212BB7103MGHT TAIYO-YUDEN-QMJ212BB7103MGHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
QMJ212KB7102MDHT TAIYO-YUDEN-QMJ212KB7102MDHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
QMJ212KB7222MDHT TAIYO-YUDEN-QMJ212KB7222MDHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
HMJ316B7102KFHT TAIYO-YUDEN-HMJ316B7102KFHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
HMJ316BB7104MLHT TAIYO-YUDEN-HMJ316BB7104MLHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
UMJ316BB7224MLHT TAIYO-YUDEN-UMJ316BB7224MLHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
QMJ316B7472MFHT TAIYO-YUDEN-QMJ316B7472MFHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
QMJ316BB7104MLHT TAIYO-YUDEN-QMJ316BB7104MLHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com