Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCCA001104 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MCCA001104
Description  Soft Terminal MLCC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MCCA001104 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MCCA001104 Datasheet HTML 1Page - List of Unclassifed Manufacturers MCCA001104 Datasheet HTML 2Page - List of Unclassifed Manufacturers MCCA001104 Datasheet HTML 3Page - List of Unclassifed Manufacturers MCCA001104 Datasheet HTML 4Page - List of Unclassifed Manufacturers MCCA001104 Datasheet HTML 5Page - List of Unclassifed Manufacturers MCCA001104 Datasheet HTML 6Page - List of Unclassifed Manufacturers MCCA001104 Datasheet HTML 7Page - List of Unclassifed Manufacturers MCCA001104 Datasheet HTML 8Page - List of Unclassifed Manufacturers MCCA001104 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Soft Terminal MLCC
Page <3>
19/05/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
Capacitance Range (X7R Dielectric 10 to 100 V):
Dielectric
X7R
Size
0603
0805
1206
Rated Voltage
10
16
25
50
100
10
16
25
50
100
10
16
25
50
100
100 pF (101)
S
S
S
S
S
B/D
B/D
B/D
B/D
B/D
-
-
-
-
-
150 pF (151)
S
S
S
S
S
B/D
B/D
B/D
B/D
B/D
B/D
B/D
B/D
B/D
B/D
220 pF (221)
S
S
S
S
S
B/D
B/D
B/D
B/D
B/D
B/D
B/D
B/D
B/D
B/D
330 pF (331)
S
S
S
S
S
B/D
B/D
B/D
B/D
B/D
B/D
B/D
B/D
B/D
B/D
470 pF (471)
S
S
S
S
S
B/D
B/D
B/D
B/D
B/D
B/D
B/D
B/D
B/D
B/D
680 pF (681)
S
S
S
S
S
B/D
B/D
B/D
B/D
B/D
B/D
B/D
B/D
B/D
B/D
1,000 pF (102)
S
S
S
S
S
B/D
B/D
B/D
B/D
B/D
B/D
B/D
B/D
B/D
B/D
1,500 pF (152)
S
S
S
S
S
B/D
B/D
B/D
B/D
B/D
B/D
B/D
B/D
B/D
B/D
2,200 pF (222)
S
S
S
S
S
B/D
B/D
B/D
B/D
B/D
B/D
B/D
B/D
B/D
B/D
3,300 pF (332)
S
S
S
S
S
B/D
B/D
B/D
B/D
B/D
B/D
B/D
B/D
B/D
B/D
4,700 pF (472)
S
S
S
S
S
B/D
B/D
B/D
B/D
B/D
B/D
B/D
B/D
B/D
B/D
6,800 pF (682)
S
S
S
S
S
B/D
B/D
B/D
B/D
B/D
B/D
B/D
B/D
B/D
B/D
0.01 µF (103)
S
S
S
S
S
B/D
B/D
B/D
B/D
B/D
B/D
B/D
B/D
B/D
B/D
0.015 µF (153)
S
S
S
S
-
B/D
B/D
B/D
B/D
B/D
B/D
B/D
B/D
B/D
B/D
0.022 µF (223)
S
S
S
S
-
B/D
B/D
B/D
B/D
D
B/D
B/D
B/D
B/D
B/D
0.033 µF (333)
S
S
S
X
-
B/D
B/D
B/D
B/D
D
B/D
B/D
B/D
B/D
B/D
0.047 µF (473)
S
S
S
X
-
B/D
B/D
B/D
B/D
D
B/D
B/D
B/D
B/D
B/D
0.068 µF (683)
S
S
S
X
-
B/D
B/D
B/D
B/D
D
B/D
B/D
B/D
B/D
B/D
0.1 µF (104)
S
S
S
X
-
B/D
B/D
B/D
B/D
D
B/D
B/D
B/D
B/D
D
0.15 µF (154)
S
S
X
-
-
D
D
D
-
-
C
C
C
C
G
0.22 µF (224)
S
S
X
-
-
D
D
D
-
-
C
C
C
C
G
0.33 µF (334)
X
X
X
-
-
-
-
-
-
-
C
C
C
D
-
0.47 µF (474)
X
X
X
-
-
-
-
-
-
-
J
J
J
P
-
0.68 µF (684)
X
X
-
-
-
-
-
-
-
-
J
J
J
P
-
1 µF (105)
X
X
-
-
-
-
-
-
-
-
J
J
J
P
-


Similar Part No. - MCCA001104

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCCA000145 ETC2-MCCA000145 Datasheet
697Kb / 12P
   Multi Layer Ceramic Capacitor
logo
Analog Devices
MCCA000159 AD-MCCA000159 Datasheet
282Kb / 8P
   Evaluation Board for FSK AD5700/AD5700-1 HART Modem
REV. A
MCCA000221 AD-MCCA000221 Datasheet
282Kb / 8P
   Evaluation Board for FSK AD5700/AD5700-1 HART Modem
REV. A
logo
List of Unclassifed Man...
MCCA000269 ETC2-MCCA000269 Datasheet
697Kb / 12P
   Multi Layer Ceramic Capacitor
logo
Analog Devices
MCCA000274 AD-MCCA000274 Datasheet
568Kb / 12P
   Evaluation Board User Guide
REV. 0
More results

Similar Description - MCCA001104

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
STL MSYSTEM-STL Datasheet
108Kb / 3P
   SOFT-TERMINAL
logo
Taiyo Yuden (U.S.A.), I...
HMJ212BB7473MGHT TAIYO-YUDEN-HMJ212BB7473MGHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
QMJ212BB7103MGHT TAIYO-YUDEN-QMJ212BB7103MGHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
QMJ212KB7102MDHT TAIYO-YUDEN-QMJ212KB7102MDHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
QMJ212KB7222MDHT TAIYO-YUDEN-QMJ212KB7222MDHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
HMJ316B7102KFHT TAIYO-YUDEN-HMJ316B7102KFHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
HMJ316BB7104MLHT TAIYO-YUDEN-HMJ316BB7104MLHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
UMJ316BB7224MLHT TAIYO-YUDEN-UMJ316BB7224MLHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
QMJ316B7472MFHT TAIYO-YUDEN-QMJ316B7472MFHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
QMJ316BB7104MLHT TAIYO-YUDEN-QMJ316BB7104MLHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com