Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N Datasheet(PDF) 2 Page - MMD Components

Part # N
Description  Crystal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

N Datasheet(HTML) 2 Page - MMD Components

  N_12 Datasheet HTML 1Page - MMD Components N_12 Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MMD Monitor/Quartztek
30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com
Revision:
09/13/10 H
Specifications are subject to change without notice.
Pg 2 of 2
Frequency
RoHS Compliant
Blank = Not Compliant
F = Is Compliant
Operating Temperature
A = 0°C to +70°c
B = -20°C to +70°c
C = -40°C to +85°c
Packaging
Blank = Bulk
T = Tape and Reel
N1, N2, N3, or N4
See Mechanical Details for
pin connection and height
Load Capacitance
S = Series
20 = 20pF (Standard)
XX = XXpF (8pF to 50pF)
Temperature
Tolerance/Stability
A = ±50 ppm / ±100 ppm
B = ±30 ppm / ±50 ppm
C = ±15 ppm / ±30 ppm
T = ±5 ppm / ±10 ppm
E = ±50 ppm / ±50 ppm
D = ±10 ppm / ±15 ppm
Mode of Operation
1 = Fundamental
3 = 3rd Overtone
4.85 [.191]
MAX
12.50 [.492]
MAX
N1 AND N2 = 5.00 [.197] MAX
N3 AND N4 = 4.00 [.157] MAX
1.19 [.047]
9.00 [.354]
1.30 [.051]
SQUARE CORNER DENOTES
PIN 1
41
32
3.50 [.138]
9.00 [.354]
2.20 [.087]
2.30 [.091]
N1 AND N3 SERIES
43
12
N2 AND N4 SERIES
43
2
1
DIMENSION IN BRACKETS ARE IN INCHES
SUGGESTED
LAND PATTERN
Part Number Guide
Mechanical Details
ESR Chart
Frequency Range
ESR (Ohms)
Mode / Cut
3.200MHz to 4.999MHz
200 Max
Fund / AT
5.000MHz to 5.999MHz
150 Max
Fund / AT
6.000MHz to 7.999MHz
120 Max
Fund / AT
8.000MHz to 8.999MHz
90 Max
Fund / AT
9.000MHz to 9.999MHz
80 Max
Fund / AT
10.000MHz to 16.999MHz
50 Max
Fund / AT
17.000MHz to 24.999MHz
40 Max
Fund / AT
25.000MHz to 40.000MHz
25 Max
Fund / AT
24.000MHz to 34.999MHz
100 Max
3rd OT / AT
35.000MHz to 59.999MHz
80 Max
3rd OT / AT
60.000MHz to 91.730MHz
60 Max
3rd OT / AT


Similar Part No. - N_12

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
N-12B RICHCO-N-12B Datasheet
93Kb / 1P
   CABLE CLAMPS, NB SERIES
N-12B RICHCO-N-12B Datasheet
94Kb / 1P
   CABLE CLAMPS, NB SERIES
N-12B-19 RICHCO-N-12B-19 Datasheet
94Kb / 1P
   CABLE CLAMPS, NB SERIES
N-12B-BK RICHCO-N-12B-BK Datasheet
94Kb / 1P
   CABLE CLAMPS, NB SERIES
logo
Heyco.
N012 HEYCO-N012 Datasheet
147Kb / 1P
   Polyurethane Adhesive-Back Bumpers
More results

Similar Description - N_12

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AXS-3838-08-01 ABRACON-AXS-3838-08-01 Datasheet
425Kb / 1P
   CRYSTAL/CRYSTAL OSCILLATOR SOCKET
07.10.09
AXS-4115-02-06 ABRACON-AXS-4115-02-06 Datasheet
402Kb / 1P
   CRYSTAL/CRYSTAL OSCILLATOR SOCKET
07.10.09
AXS-3215-02-01 ABRACON-AXS-3215-02-01 Datasheet
402Kb / 1P
   CRYSTAL/CRYSTAL OSCILLATOR SOCKET
07.10.09
AXS-3030-06-03 ABRACON-AXS-3030-06-03 Datasheet
402Kb / 1P
   CRYSTAL/CRYSTAL OSCILLATOR SOCKET
07.10.09
logo
Ecliptek Corporation
EC26T ECLIPTEK-EC26T Datasheet
103Kb / 3P
   CRYSTAL
ECPSM310T ECLIPTEK-ECPSM310T Datasheet
150Kb / 3P
   CRYSTAL
ECPSM29T ECLIPTEK-ECPSM29T Datasheet
151Kb / 3P
   CRYSTAL
ECCM5B ECLIPTEK-ECCM5B Datasheet
196Kb / 3P
   CRYSTAL
ECAT-20 ECLIPTEK-ECAT-20 Datasheet
109Kb / 3P
   CRYSTAL
E8WS ECLIPTEK-E8WS Datasheet
108Kb / 2P
   CRYSTAL
E7WS ECLIPTEK-E7WS Datasheet
165Kb / 3P
   CRYSTAL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com