Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BS62LV2563TC Datasheet(PDF) 3 Page - Brilliance Semiconductor

Part # BS62LV2563TC
Description  Very Low Power/Voltage CMOS SRAM 32K X 8 bit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS62LV2563TC Datasheet(HTML) 3 Page - Brilliance Semiconductor

  BS62LV2563TC Datasheet HTML 1Page - Brilliance Semiconductor BS62LV2563TC Datasheet HTML 2Page - Brilliance Semiconductor BS62LV2563TC Datasheet HTML 3Page - Brilliance Semiconductor BS62LV2563TC Datasheet HTML 4Page - Brilliance Semiconductor BS62LV2563TC Datasheet HTML 5Page - Brilliance Semiconductor BS62LV2563TC Datasheet HTML 6Page - Brilliance Semiconductor BS62LV2563TC Datasheet HTML 7Page - Brilliance Semiconductor BS62LV2563TC Datasheet HTML 8Page - Brilliance Semiconductor BS62LV2563TC Datasheet HTML 9Page - Brilliance Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
R0201-BS62LV2563
Revision 2.2
April 2001
3
PARAMETER
NAME
PARAMETER
TEST CONDITIONS
MIN. TYP. (1) MAX.
UNITS
VIL
Guaranteed Input Low
Voltage
(2)
Vcc=3.0V
-0.5
--
0.8
V
VIH
Guaranteed Input High
Voltage
(2)
Vcc=3.0V
2.0
--
Vcc+0.2
V
IIL
Input Leakage Current
Vcc = Max, VIN = 0V to Vcc
--
--
1
uA
IOL
Output Leakage Current
Vcc = Max, CE = VIH, or OE = VIH,
VI/O = 0V to Vcc
--
--
1
uA
VOL
Output Low Voltage
Vcc = Max, IOL = 2mA
Vcc=3.0V
--
--
0.4
V
VOH
Output High Voltage
Vcc = Min, IOH = -1mA
Vcc=3.0V
2.4
--
--
V
ICC
Operating Power Supply
Current
CE = VIL, IDQ = 0mA, F = Fmax
(3)
Vcc=3.0V
--
--
20
mA
ICCSB
Standby Current-TTL
CE = VIH, IDQ = 0mA
Vcc=3.0V
--
--
1
mA
ICCSB1
Standby Current-CMOS
CE
Vcc-0.2V,
VIN
Vcc - 0.2V or VIN
0.2V
Vcc=3.0V
--
0.01
0.2
uA
DC ELECTRICAL CHARACTERISTICS ( TA = 0oC to + 70oC)
BSI
BS62LV2563
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP. (1)
MAX.
UNITS
VDR
Vcc for Data Retention
CE
Vcc - 0.2V
VIN
Vcc - 0.2V or VIN
0.2V
1.5
--
--
V
ICCDR
Data Retention Current
CE
Vcc -0.2V
VIN
Vcc - 0.2V or VIN
0.2V
--
0.01
0.20
uA
tCDR
Chip Deselect to Data
Retention Time
0--
--
ns
tR
Operation Recovery Time
See Retention Waveform
TRC (2)
--
--
ns
DATA RETENTION CHARACTERISTICS ( TA = 0oC to + 70oC)
1. Vcc = 1.5V, TA = + 25OC
2. t
RC = Read Cycle Time
LOW VCC DATA RETENTION WAVEFORM (1) ( CE Controlled )
CE
Data Retention Mode
Vcc
t CDR
Vcc
t R
VIH
VIH
Vcc
VDR
1.5V
CE
Vcc - 0.2V
1. Typical characteristics are at TA = 25oC.
2. These are absolute values with respect to device ground and all overshoots due to system or tester notice are included.
3. Fmax = 1/t
RC .


Similar Part No. - BS62LV2563TC

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV256 BSI-BS62LV256 Datasheet
331Kb / 11P
   Very Low Power/Voltage CMOS SRAM 32K X 8 bit
BS62LV256 BSI-BS62LV256 Datasheet
242Kb / 10P
   Very Low Power CMOS SRAM 32K X 8 bit
BS62LV256 BSI-BS62LV256 Datasheet
312Kb / 10P
   Very Low Power CMOS SRAM 32K X 8 bit
BS62LV2565 BSI-BS62LV2565 Datasheet
330Kb / 11P
   Very Low Power/Voltage CMOS SRAM 32K X 8 bit
BS62LV2565DC BSI-BS62LV2565DC Datasheet
330Kb / 11P
   Very Low Power/Voltage CMOS SRAM 32K X 8 bit
More results

Similar Description - BS62LV2563TC

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV2565 BSI-BS62LV2565 Datasheet
330Kb / 11P
   Very Low Power/Voltage CMOS SRAM 32K X 8 bit
BS62LV256 BSI-BS62LV256 Datasheet
331Kb / 11P
   Very Low Power/Voltage CMOS SRAM 32K X 8 bit
BS62LV256 BSI-BS62LV256_06 Datasheet
242Kb / 10P
   Very Low Power CMOS SRAM 32K X 8 bit
BS62LV256 BSI-BS62LV256_08 Datasheet
312Kb / 10P
   Very Low Power CMOS SRAM 32K X 8 bit
logo
Macronix International
MX66C256 MCNIX-MX66C256 Datasheet
183Kb / 9P
   Very Low Power 32k x 8 CMOS SRAM
logo
AMIC Technology
A62L256 AMICC-A62L256 Datasheet
146Kb / 14P
   32K X 8 BIT LOW VOLTAGE CMOS SRAM
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256 Datasheet
212Kb / 14P
   32K X 8 BIT LOW POWER CMOS SRAM
LY62W256 LYONTEK-LY62W256 Datasheet
204Kb / 13P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62256C ETC-UT62256C Datasheet
162Kb / 12P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256_16 Datasheet
628Kb / 17P
   32K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com