Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSVD8014 Datasheet(PDF) 1 Page - Powersem GmbH

Part # PSVD8014
Description  Diode Modules
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSVD8014 Datasheet(HTML) 1 Page - Powersem GmbH

  PSVD8014 Datasheet HTML 1Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Diode Modules
PSVD 80
IFRMS
= 3x 50 A
PSXD 80
VRRM
= 800 - 1800 V
Preliminary Data Sheet
Symbol
Test Conditions
Maximum Ratings
IFAVM
TC = 85°C
50
A
IFSM
TVJ = 45°C
t = 10 ms
(50 Hz), sine
1200
A
VR = 0
t = 8.3 ms
(60 Hz), sine
1300
A
TVJ = TVJM
t = 10 ms
(50 Hz), sine
1000
A
VR = 0
t = 8.3 ms
(60 Hz), sine
1100
A
∫ i2 dt
TVJ = 45°C
t = 10 ms
(50 Hz), sine
7200
A
2 s
VR = 0
t = 8.3 ms
(60 Hz), sine
7200
A
2 s
TVJ = TVJM
t = 10 ms
(50 Hz), sine
5000
A
2 s
VR = 0
t = 8.3 ms
(60 Hz), sine
5000
A
2 s
TVJ
-40 ... + 150
°C
TVJM
150
°C
Tstg
-40 ... + 125
°C
VISOL
50/60 HZ, RMS
t = 1 min
2500
V
IISOL ≤ 1 mA
t = 1 s
3000
V
Md
Mounting torque
(M6)
5
Nm
Terminal connection torque
(M6)
5
Nm
Weight
typ.
270
g
Symbol
Test Conditions
Characteristic Value
IR
VR = VRRM
TVJ = 25°C
0.3
mA
VR = VRRM
TVJ = TVJM
5.0
mA
VF
IF = 300 A
TVJ = 25°C
1.7
V
VTO
For power-loss calculations only
0.8
V
rT
TVJ = TVJM
5
m
RthJC
per diode; DC current
0.9
K/W
per module
0.15
K/W
RthJK
per diode; DC current
1.08
K/W
per module
0.18
K/W
dS
Creeping distance on surface
10.0
Mm
dA
Creeping distance in air
9.4
Mm
a
Max. allowable acceleration
50
m/s
2
Base
V RSM
V DSM
V RRM
V DRM
Type
Type
900
800
PSVD 80/08
PSXD 80/08
1300
1200
PSVD 80/12
PSXD 80/12
1500
1400
PSVD 80/14
PSXD 80/14
1700
1600
PSVD 80/16
PSXD 80/16
1900
1800
PSVD 80/18
PSXD 80/18
PSVD
PSXD
Features
Package with screw terminals
Isolation voltage 3000 V
Planar glasspassivated chips
Blocking voltage up to 1800 V
Low forward voltage drop
UL registered, E148688
Applications
Supplies for DC power equipment
Input rectifiers for PWM inverter
Battery DC power supplies
Field supply for DC motors
Advantages
Easy to mount with two screw
Space and weight savings
Improved temperature and power
cycling capability
Package, style and outline
Dimensions in mm (1 mm=0.0394”)
POWERSEM GmbH, Walpersdorfer Str. 53
91126 D- Schwabach
Phone: 09122 - 9764-0 Fax.: 09122 - 9764-20
2004 POWERSEM reserves the right to change limits, test conditions and dimensions


Similar Part No. - PSVD8014

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSVD80 POWERSEM-PSVD80 Datasheet
154Kb / 1P
   Diode Modules
More results

Similar Description - PSVD8014

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STD200 ETC2-STD200 Datasheet
276Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Semiconduct...
STD320 SIRECTIFIER-STD320 Datasheet
337Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD200 SIRECTIFIER-STD200 Datasheet
276Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Global Corp...
SDT70 SIRECT-SDT70 Datasheet
1Mb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Semiconduct...
STD165 SIRECTIFIER-STD165 Datasheet
484Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD253 SIRECTIFIER-STD253 Datasheet
264Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD116 SIRECTIFIER-STD116 Datasheet
500Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD70 SIRECTIFIER-STD70 Datasheet
486Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD27 SIRECTIFIER-STD27 Datasheet
478Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Global Corp...
SDT18 SIRECT-SDT18 Datasheet
1Mb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
SDT116 SIRECT-SDT116 Datasheet
1Mb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com