Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMG6008 Datasheet(PDF) 1 Page - Meder Electronic

Part # PSMG6008
Description  MOSFET MODULE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

PSMG6008 Datasheet(HTML) 1 Page - Meder Electronic

  PSMG6008 Datasheet HTML 1Page - Meder Electronic PSMG6008 Datasheet HTML 2Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MOSFET Module
PSMG 60/08
V
DSS
=
800 V
I
D25
=
60 A
R
DS(on) =
0.12
t
rr
≤≤≤≤≤
250 ns
Features
Package with DCB ceramic base plate
Isolation voltage 3000 V
Planar glass passivated chips
Low forward voltage drop
Leads suitable for PC board
soldering
Low R
DS(on) HDMOS
TM
process
Fast intrinsic Rectifier
UL registerd, E 148688
Applications
DC-DC converters
Battery chargers
Switched-mode and resonant-mode
power supplies
DC choppers
Temperature and lighting controls
Advantages
Easy to mount with two screws
Space and weight savings
Improved temperature and power
cycling capability
High power density
Small and light weight
POWERSEM GmbH, Walpersdorfer Str. 53
D - 91126 Schwabach
Phone: 09122 - 9764 - 0 FAX: 09122 - 9764 - 20
ECO-PACTM 2
2002 POWERSEM reserves the right to change limits, test conditions and dimensions
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J = 25 °C to 150 °C
800
V
V
DGR
T
J = 25 °C to 150 °C, RGS = 1 MΩ
800
V
V
GS
continuous
±20
V
V
GSM
transient
±30
V
I
D25
T
Case = 25 °C
60
A
I
DM
T
Case = 25 °C, pulse width limited by TJM
240
A
I
AR
60
A
E
AR
T
C = 25 °C
64
mJ
E
AS
T
C = 25 °C
3
J
dv/dt
I
S ≤ IDM, di/dt ≤ 100A/µs, VDD≤ VDSS,
5
V/ns
T
J ≤ 150 °C, RG = 2 Ω
P
D
T
Case = 25 °C
1200
W
T
J
-55...+150
°C
T
JM
+150
°C
T
stg
-55...+150
°C
V
ISOL
50/60 Hz, RMS
t = 1 min.
2500
V~
V
ISOL
I
ISOL 1 mA
t = 1 s
3000
V~
M
d
Mounting torque
(M4)
1.5
Nm
14
lb.in.
a
max. allowed acceleration
50
m/s2
Weight
26
g
Symbol
Test Conditions
Characteristic Values
(T
J = 25 °C, unless otherwise specified)
V
DSS
V
GS = 0 V, ID = 3 mA
min.
800
V
V
DSS temperature coefficient
typ.
0.096
%/K
V
GS(th)
V
GS = VDS, ID = 8 mA
min.
3.0
V
max.
5.0
V
V
GS(th) temperature coefficient typ.
-0.214
%/K
I
GSS
V
DS = 0 V, VGS = ± 20 V
max.
± 200
nA
I
DSS
V
DS = VDSS,
T
J =
25 °C max.
100
µA
V
GS = 0 V,
T
J = 125 °C max.
2
mA
R
DS(on)
V
GS = 10 V, ID = 0.5
. I
D25
pulse test, t
≤ 300 µs,
max.
0.12
duty cycle d
≤ 2 %
Preliminary Data Sheet
MOSFET (data related to single chip)
Caution: These devices are sensitive
to electrostatic discharge. Users should
observe proper ESD handling precautions.
G
D
S
ATTENTION: All given data are derived from
similar modules or estimated from chip data.
Typical picture; changes
of the pin configuration
is reserved.


Similar Part No. - PSMG6008

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSMG60-08 POWERSEM-PSMG60-08 Datasheet
141Kb / 2P
   MOSFET Module
PSMG60/08 POWERSEM-PSMG60/08 Datasheet
141Kb / 2P
   MOSFET Module
More results

Similar Description - PSMG6008

ManufacturerPart #DatasheetDescription
logo
Semikron International
SK70MD075 SEMIKRON-SK70MD075_07 Datasheet
597Kb / 3P
   MOSFET Module
SK60MD10 SEMIKRON-SK60MD10 Datasheet
412Kb / 2P
   MOSFET Module
SK300MB075 SEMIKRON-SK300MB075 Datasheet
462Kb / 3P
   Mosfet Module
logo
List of Unclassifed Man...
FCA75CC50 ETC-FCA75CC50 Datasheet
483Kb / 3P
   MOSFET MODULE
logo
SanRex Corporation
SF150BA50 SANREX-SF150BA50 Datasheet
536Kb / 3P
   MOSFET MODULE
logo
Semikron International
SK150MHK055T SEMIKRON-SK150MHK055T Datasheet
572Kb / 3P
   Mosfet Module
SK150MBL055T SEMIKRON-SK150MBL055T Datasheet
598Kb / 3P
   Mosfet Module
SK85MH10 SEMIKRON-SK85MH10 Datasheet
426Kb / 3P
   MOSFET Module
SK85MH10T SEMIKRON-SK85MH10T Datasheet
482Kb / 3P
   MOSFET Module
SK115MAA10 SEMIKRON-SK115MAA10 Datasheet
335Kb / 2P
   MOSFET Module
SK80MD055 SEMIKRON-SK80MD055 Datasheet
416Kb / 2P
   MOSFET Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com