Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BS616UV8021 Datasheet(PDF) 4 Page - Brilliance Semiconductor

Part # BS616UV8021
Description  Ultra Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616UV8021 Datasheet(HTML) 4 Page - Brilliance Semiconductor

  BS616UV8021 Datasheet HTML 1Page - Brilliance Semiconductor BS616UV8021 Datasheet HTML 2Page - Brilliance Semiconductor BS616UV8021 Datasheet HTML 3Page - Brilliance Semiconductor BS616UV8021 Datasheet HTML 4Page - Brilliance Semiconductor BS616UV8021 Datasheet HTML 5Page - Brilliance Semiconductor BS616UV8021 Datasheet HTML 6Page - Brilliance Semiconductor BS616UV8021 Datasheet HTML 7Page - Brilliance Semiconductor BS616UV8021 Datasheet HTML 8Page - Brilliance Semiconductor BS616UV8021 Datasheet HTML 9Page - Brilliance Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Revision 2.2
April 2001
4
PARAMETER
NAME
PARAMETER
TEST CONDITIONS
MIN.
TYP.(1) MAX.
UNITS
VIL
Guaranteed Input Low
Voltage (2)
Vcc=2.0V
-0.5
--
0.6
V
VIH
Guaranteed Input High
Voltage (2)
Vcc=2.0V
1.4
--
Vcc+0.2
V
IIL
Input Leakage Current
Vcc = Max, VIN= 0V toVcc
--
--
1
uA
IOL
Output Leakage Current Vcc = Max, CE1 = V
OE = V , V = 0V to
IH
, or CE2 =ViL, or
IH
I/O
Vcc
--
--
1
uA
VOL
Output Low Voltage
= 1mA
Vcc= max, IOL
Vcc=2.0V
--
--
0.4
V
VOH
Output High Voltage
= -0.5mA
Vcc= Min, IOH
Vcc=2.0V
1.6
--
--
V
ICC
Operating Power Supply
Current
Vcc= max, CE1=VILand CE2 = VIH,
IDQ = 0mA, F =Fmax (3)
Vcc=2.0V
--
--
20
mA
ICCSB
Standby Current-TTL
Vcc= max, CE1 = V
I= 0mA
IH
or CE2 =VIL,
DQ
Vcc=2.0V
--
--
0.6
mA
I CCSB1
Standby Current
Vcc-0.2V,
0.2V;VIN Vcc - 0.2V or
VIN
0.2V
Vcc=2.0V
-CMOS
or CE2
Vcc= max,CE1
--
0.6
15
uA
1. Typical characteristics are at TA = 25oC.
2. These are absolute values with respect to device ground and all overshoots due to system or tester notice are included.
3. Fmax = 1/ t
RC .
DC ELECTRICAL CHARACTERISTICS ( TA = 0oC to + 70oC)
BSI
BS616UV8021
R0201-BS616UV8021


Similar Part No. - BS616UV8021

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616UV8020 BSI-BS616UV8020 Datasheet
207Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
BS616UV8020BC BSI-BS616UV8020BC Datasheet
207Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
BS616UV8020BI BSI-BS616UV8020BI Datasheet
207Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
More results

Similar Description - BS616UV8021

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616UV8020 BSI-BS616UV8020 Datasheet
207Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
BS616LV8023 BSI-BS616LV8023 Datasheet
204Kb / 11P
   Very Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
BS616LV8021 BSI-BS616LV8021 Datasheet
205Kb / 11P
   Very Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
BS616LV8022 BSI-BS616LV8022 Datasheet
210Kb / 11P
   Very Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
BS616LV8025 BSI-BS616LV8025 Datasheet
207Kb / 11P
   Very Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
BS616UV4020 BSI-BS616UV4020 Datasheet
212Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
BS616UV1620 BSI-BS616UV1620 Datasheet
215Kb / 12P
   Ultra Low Power/Voltage CMOS SRAM 1M x 16 or 2M x 8 bit switchable
BS616LV4020 BSI-BS616LV4020 Datasheet
218Kb / 12P
   Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
BS616LV4025 BSI-BS616LV4025 Datasheet
190Kb / 11P
   Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
BS616LV4023 BSI-BS616LV4023 Datasheet
219Kb / 11P
   Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com