Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BS616UV4010EI Datasheet(PDF) 6 Page - Brilliance Semiconductor

Part # BS616UV4010EI
Description  Ultra Low Power/Voltage CMOS SRAM 256K X 16 bit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616UV4010EI Datasheet(HTML) 6 Page - Brilliance Semiconductor

Back Button BS616UV4010EI Datasheet HTML 2Page - Brilliance Semiconductor BS616UV4010EI Datasheet HTML 3Page - Brilliance Semiconductor BS616UV4010EI Datasheet HTML 4Page - Brilliance Semiconductor BS616UV4010EI Datasheet HTML 5Page - Brilliance Semiconductor BS616UV4010EI Datasheet HTML 6Page - Brilliance Semiconductor BS616UV4010EI Datasheet HTML 7Page - Brilliance Semiconductor BS616UV4010EI Datasheet HTML 8Page - Brilliance Semiconductor BS616UV4010EI Datasheet HTML 9Page - Brilliance Semiconductor BS616UV4010EI Datasheet HTML 10Page - Brilliance Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Revision 2.4
April 2002
6
JEDEC
PARAMETER
NAME
PARAMETER
NAME
DESCRIPTION
BS616UV4010-70
MIN. TYP. MAX.
BS616UV4010-10
MIN. TYP. MAX.
UNIT
t
AVAX
t
WC
Write Cycle Time
70
--
--
100
--
--
ns
t
E1LWH
t
CW
Chip Select to End of Write
70
--
--
100
--
--
ns
t
AVWL
t
AS
Address Setup Time
0
--
--
0
--
--
ns
t
AVWH
t
AW
Address Valid to End of Write
70
--
--
100
--
--
ns
t
WLWH
t
WP
Write Pulse Width
35
--
--
50
--
--
ns
t
WHAX
t
WR1
Write recovery Time
(CE,WE)
0
--
--
0
--
--
ns
t
BW
t
BW
Date Byte Control to End of Write
(LB,U )
30
B
----
40
----
ns
t
WLQZ
t
WHZ
Write to Output in High Z
0--
30
0
--
40
ns
t
DVWH
t
DW
Data to Write Time Overlap
30
--
--
40
--
--
ns
t
WHDX
t
DH
Data Hold from Write Time
0
--
--
0
--
--
ns
t
GHQZ
t
OHZ
Output Disable to Output in High Z
0--
30
0
--
40
ns
t
WHOX
t
OW
End of Write to Output Active
5
----
10
----
ns
R0201-BS616UV4010
AC ELECTRICAL CHARACTERISTICS ( TA = 0 to + 70oC , Vcc = 2.0V )
WRITE CYCLE
SWITCHING WAVEFORMS (WRITE CYCLE)
BSI
BS616UV4010
t WR
WRITE CYCLE1 (1)
t WC
(3)
t CW
(11)
t BW
(2)
t WP
t AW
t OHZ
(4,10)
t AS
(3)
t DH
t DW
D
IN
D
OUT
WE
LB,UB
CE
OE
ADDRESS
(5)
1. tBW is 30ns/40ns (@speed=70ns/100ns) with address toggle. ; tBW is 70ns/100ns (@speed=70ns/100ns) without address toggle.
(1)
NOTE :


Similar Part No. - BS616UV4010EI

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616UV4016 BSI-BS616UV4016 Datasheet
149Kb / 10P
   Ultra Low Power/High Speed CMOS SRAM 256K X 16 Bit
BS616UV4016 BSI-BS616UV4016 Datasheet
207Kb / 11P
   Ultra Low Power CMOS SRAM 256K X 16 bit
BS616UV4016 BSI-BS616UV4016 Datasheet
245Kb / 11P
   Ultra Low Power CMOS SRAM 256K X 16 bit
BS616UV4016AC BSI-BS616UV4016AC Datasheet
149Kb / 10P
   Ultra Low Power/High Speed CMOS SRAM 256K X 16 Bit
BS616UV4016AC-10 BSI-BS616UV4016AC-10 Datasheet
149Kb / 10P
   Ultra Low Power/High Speed CMOS SRAM 256K X 16 Bit
More results

Similar Description - BS616UV4010EI

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616UV4016 BSI-BS616UV4016_06 Datasheet
207Kb / 11P
   Ultra Low Power CMOS SRAM 256K X 16 bit
BS616UV4016 BSI-BS616UV4016_08 Datasheet
245Kb / 11P
   Ultra Low Power CMOS SRAM 256K X 16 bit
logo
AMIC Technology
LP62S16256E-I AMICC-LP62S16256E-I Datasheet
167Kb / 15P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16256E-T AMICC-LP62S16256E-T Datasheet
167Kb / 15P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
A62S8316 AMICC-A62S8316 Datasheet
142Kb / 15P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62E16256E-T AMICC-LP62E16256E-T_15 Datasheet
193Kb / 14P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16256F-T AMICC-LP62S16256F-T Datasheet
159Kb / 14P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16256F-I AMICC-LP62S16256F-I_15 Datasheet
176Kb / 14P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62E16256E-T AMICC-LP62E16256E-T Datasheet
164Kb / 15P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16256G-I AMICC-LP62S16256G-I Datasheet
176Kb / 14P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com