Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BS616UV8011 Datasheet(PDF) 9 Page - Brilliance Semiconductor

Part # BS616UV8011
Description  Ultra Low Power/Voltage CMOS SRAM 512K X 16 bit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616UV8011 Datasheet(HTML) 9 Page - Brilliance Semiconductor

Back Button BS616UV8011 Datasheet HTML 2Page - Brilliance Semiconductor BS616UV8011 Datasheet HTML 3Page - Brilliance Semiconductor BS616UV8011 Datasheet HTML 4Page - Brilliance Semiconductor BS616UV8011 Datasheet HTML 5Page - Brilliance Semiconductor BS616UV8011 Datasheet HTML 6Page - Brilliance Semiconductor BS616UV8011 Datasheet HTML 7Page - Brilliance Semiconductor BS616UV8011 Datasheet HTML 8Page - Brilliance Semiconductor BS616UV8011 Datasheet HTML 9Page - Brilliance Semiconductor BS616UV8011 Datasheet HTML 10Page - Brilliance Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Revision 2.2
April 2001
9
BS616UV8011
BSI
R0201-BS616UV8011
3: SYMBOL "N" IS THE NUMBER OF SOLDER BALLS.
1: CONTROLLING DIMENSIONS ARE IN MILLIMETERS.
2: PIN#1 DOT MARKING BY LASER OR PAD PRINT.
N
E
D
NOTES:
48
12.0
9.0
E1
D1
e
3.75
5.25
0.75
SIDE VIEW
D0.1
D1
SOLDER BALL 0.35 0.05
VIEW A
3.375
PACKAGE DIMENSIONS (continued)
48 mini-BGA (9 x 12mm)


Similar Part No. - BS616UV8011

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616UV8010 BSI-BS616UV8010 Datasheet
208Kb / 9P
   Ultra Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616UV8010BC BSI-BS616UV8010BC Datasheet
208Kb / 9P
   Ultra Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616UV8010BI BSI-BS616UV8010BI Datasheet
208Kb / 9P
   Ultra Low Power/Voltage CMOS SRAM 512K X 16 bit
More results

Similar Description - BS616UV8011

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616UV8010 BSI-BS616UV8010 Datasheet
208Kb / 9P
   Ultra Low Power/Voltage CMOS SRAM 512K X 16 bit
logo
AMIC Technology
LP62S16512-I AMICC-LP62S16512-I Datasheet
150Kb / 14P
   512K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62E16512-T AMICC-LP62E16512-T_15 Datasheet
205Kb / 14P
   512K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16512-I AMICC-LP62S16512-I_15 Datasheet
204Kb / 14P
   512K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16512-T AMICC-LP62S16512-T Datasheet
150Kb / 14P
   512K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62E16512-I AMICC-LP62E16512-I Datasheet
147Kb / 14P
   512K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62E16512-T AMICC-LP62E16512-T Datasheet
147Kb / 14P
   512K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62E16512-I AMICC-LP62E16512-I_15 Datasheet
203Kb / 14P
   512K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16512-T AMICC-LP62S16512-T_15 Datasheet
196Kb / 13P
   512K X 16 BIT LOW VOLTAGE CMOS SRAM
logo
Lyontek Inc.
LY6251216 LYONTEK-LY6251216 Datasheet
190Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com