Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF1575DL03104S Datasheet(PDF) 3 Page - Spectrum Microwave, Inc.

Part # SF1575DL03104S
Description  1575 MHz Delay Line 20 MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRUM [Spectrum Microwave, Inc.]
Direct Link  http://www.spectrummicrowave.com
Logo SPECTRUM - Spectrum Microwave, Inc.

SF1575DL03104S Datasheet(HTML) 3 Page - Spectrum Microwave, Inc.

  SF1575DL03104S Datasheet HTML 1Page - Spectrum Microwave, Inc. SF1575DL03104S Datasheet HTML 2Page - Spectrum Microwave, Inc. SF1575DL03104S Datasheet HTML 3Page - Spectrum Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1575 MHz Delay Line
20 MHz Bandwidth
Part Number SF1575DL03104S
Spectrum Microwave, Inc.
400 Nickerson Road, Marlborough, MA 01752, USA
Phone 508-251-6400
Fax 508-251-6401
www.SpectrumMicrowave.com
DSSF1575DL03104S Rev X4 11-Feb-11
Page 3 of 3
PACKAGE OUTLINE
Package Material:
Body: Al
2O3 ceramic
Lid: Kovar, Ni plated
Terminations: Au plating 1 m min,
over a 1.3-8.9 m Ni plating
Units: mm
Tolerances are typically
±0.15 mm
except where indicated.
Pad Configuration:
Input: 3
Output: 7
Ground: All other pads
SMI
3104S
∆YYWW
ISO 9001
Registered
Date code (YY=year, WW=week)
Pad 1 identifier
All specifications are believed to be accurate and reliable. However, Spectrum Microwave reserves the right to make changes without notice.
© 2011 All rights reserved.


Similar Part No. - SF1575DL03104S

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF1575DL03104S ICST-SF1575DL03104S Datasheet
161Kb / 2P
   1575 MHz Delay Line 20 MHz Bandwidth
logo
API Technologies Corp
SF1575DL03104S APITECH-SF1575DL03104S Datasheet
87Kb / 3P
   1575 MHz Delay Line 20 MHz Bandwidth
More results

Similar Description - SF1575DL03104S

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF1575DL03104S APITECH-SF1575DL03104S Datasheet
87Kb / 3P
   1575 MHz Delay Line 20 MHz Bandwidth
logo
Integrated Circuit Syst...
SF1575DL03104S ICST-SF1575DL03104S Datasheet
161Kb / 2P
   1575 MHz Delay Line 20 MHz Bandwidth
logo
API Technologies Corp
MN95029 APITECH-MN95029 Datasheet
152Kb / 3P
   375 MHz Delay Line 2.25 MHz Bandwidth
SD0696BA03217S APITECH-SD0696BA03217S Datasheet
166Kb / 3P
   696.42 MHz Delay Line 1.4 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0881DL02211S ICST-SF0881DL02211S Datasheet
61Kb / 2P
   881.5 MHz Delay Line 25 MHz bandwidth
SF1575BA02505S ICST-SF1575BA02505S Datasheet
81Kb / 3P
   1575 MHz SAW Filter 2.4 MHz Bandwidth
logo
API Technologies Corp
SF1575BA02505S APITECH-SF1575BA02505S Datasheet
87Kb / 3P
   1575 MHz SAW Filter 2.4 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF1575BA02505S SPECTRUM-SF1575BA02505S Datasheet
87Kb / 3P
   1575 MHz SAW Filter 2.4 MHz Bandwidth
logo
API Technologies Corp
SF0881DL02211S APITECH-SF0881DL02211S Datasheet
151Kb / 3P
   881.5 MHz SAW delay Line 25 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF0881DL02211S SPECTRUM-SF0881DL02211S Datasheet
151Kb / 3P
   881.5 MHz SAW delay Line 25 MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com