Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BS616UV2011TC Datasheet(PDF) 2 Page - Brilliance Semiconductor

Part # BS616UV2011TC
Description  Ultra Low Power/Voltage CMOS SRAM 128K X 16 bit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616UV2011TC Datasheet(HTML) 2 Page - Brilliance Semiconductor

  BS616UV2011TC Datasheet HTML 1Page - Brilliance Semiconductor BS616UV2011TC Datasheet HTML 2Page - Brilliance Semiconductor BS616UV2011TC Datasheet HTML 3Page - Brilliance Semiconductor BS616UV2011TC Datasheet HTML 4Page - Brilliance Semiconductor BS616UV2011TC Datasheet HTML 5Page - Brilliance Semiconductor BS616UV2011TC Datasheet HTML 6Page - Brilliance Semiconductor BS616UV2011TC Datasheet HTML 7Page - Brilliance Semiconductor BS616UV2011TC Datasheet HTML 8Page - Brilliance Semiconductor BS616UV2011TC Datasheet HTML 9Page - Brilliance Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
R0201-BS616UV2011
Revision 2.5
April 2002
2
Name
Function
A0-A16 Address Input
These 17 address inputs select one of the 131,072 x 16-bit words in the RAM.
CE Chip Enable Input
CE is active LOW. Chip enables must be active when data read from or write to the
device. if chip enable is not active, the device is deselected and is in a standby power
mode. The DQ pins will be in the high impedance state when the device is deselected.
WE Write Enable Input
The write enable input is active LOW and controls read and write operations. With the
chip selected, when WE is HIGH and OE is LOW, output data will be present on the
DQ pins; when WE is LOW, the data present on the DQ pins will be written into the
selected memory location.
OE Output Enable Input
The output enable input is active LOW. If the output enable is active while the chip is
selected and the write enable is inactive, data will be present on the DQ pins and they
will be enabled. The DQ pins will be in the high impedance state when OE is inactive.
LB and UB Data Byte Control Input
Lower byte and upper byte data input/output control pins.
Input/Output
These 16 bi-directional ports are used to read data from or write data into the RAM.
DQ0 - DQ15 Data
Ports
Vcc
Power Supply
Gnd
Ground
TRUTH TABLE
PIN DESCRIPTIONS
BSI
BS616UV2011
MODE
CE
WE
OE
LB
UB
DQ0~DQ7
DQ8~DQ15
Vcc CURRENT
Not selected
(Power Down)
H
X
X
X
X
High Z
High Z
ICCSB, ICCSB1
Output Disabled
L
H
H
X
X
High Z
High Z
ICC
L
L
Dout
Dout
ICC
H
L
High Z
Dout
ICC
Read
L
H
L
L
H
Dout
High Z
ICC
L
L
Din
Din
ICC
H
L
X
Din
ICC
Write
L
L
X
L
H
Din
X
ICC


Similar Part No. - BS616UV2011TC

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616UV2019 BSI-BS616UV2019 Datasheet
267Kb / 9P
   Ultra Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616UV2019 BSI-BS616UV2019 Datasheet
172Kb / 11P
   Ultra Low Power CMOS SRAM 128K X 16 bit
BS616UV2019 BSI-BS616UV2019 Datasheet
239Kb / 11P
   Ultra Low Power CMOS SRAM 128K X 16 bit
BS616UV2019AC BSI-BS616UV2019AC Datasheet
267Kb / 9P
   Ultra Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616UV2019AC-10 BSI-BS616UV2019AC-10 Datasheet
267Kb / 9P
   Ultra Low Power/Voltage CMOS SRAM 128K X 16 bit
More results

Similar Description - BS616UV2011TC

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616UV2019 BSI-BS616UV2019 Datasheet
267Kb / 9P
   Ultra Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616UV2019 BSI-BS616UV2019_08 Datasheet
239Kb / 11P
   Ultra Low Power CMOS SRAM 128K X 16 bit
BS616UV2019 BSI-BS616UV2019_06 Datasheet
172Kb / 11P
   Ultra Low Power CMOS SRAM 128K X 16 bit
logo
AMIC Technology
LP62P16128C-T AMICC-LP62P16128C-T Datasheet
163Kb / 15P
   128K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62E16128A-T AMICC-LP62E16128A-T Datasheet
210Kb / 15P
   128K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16128B-T AMICC-LP62S16128B-T Datasheet
160Kb / 14P
   128K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16128C-I AMICC-LP62S16128C-I Datasheet
166Kb / 15P
   128K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62E16128A-I AMICC-LP62E16128A-I_15 Datasheet
179Kb / 15P
   128K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16128-T AMICC-LP62S16128-T Datasheet
158Kb / 14P
   128K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62E16128A-T AMICC-LP62E16128A-T_15 Datasheet
216Kb / 15P
   128K X 16 BIT LOW VOLTAGE CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com