Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BS616UV4010 Datasheet(PDF) 10 Page - Brilliance Semiconductor

Part # BS616UV4010
Description  Ultra Low Power/Voltage CMOS SRAM 256K X 16 bit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616UV4010 Datasheet(HTML) 10 Page - Brilliance Semiconductor

Back Button BS616UV4010 Datasheet HTML 2Page - Brilliance Semiconductor BS616UV4010 Datasheet HTML 3Page - Brilliance Semiconductor BS616UV4010 Datasheet HTML 4Page - Brilliance Semiconductor BS616UV4010 Datasheet HTML 5Page - Brilliance Semiconductor BS616UV4010 Datasheet HTML 6Page - Brilliance Semiconductor BS616UV4010 Datasheet HTML 7Page - Brilliance Semiconductor BS616UV4010 Datasheet HTML 8Page - Brilliance Semiconductor BS616UV4010 Datasheet HTML 9Page - Brilliance Semiconductor BS616UV4010 Datasheet HTML 10Page - Brilliance Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Revision 2.4
April 2002
10
BSI
R0201-BS616UV4010
REVISION HISTORY
Revision
Description
Date
Note
2.2
2001 Data Sheet release
Apr. 15, 2001
2.3
Modify Standby Current (Typ.
and Max.)
Jun. 29, 2001
2.4
Modify some AC parameters
April,10,2002
BS616UV4010


Similar Part No. - BS616UV4010

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616UV4016 BSI-BS616UV4016 Datasheet
149Kb / 10P
   Ultra Low Power/High Speed CMOS SRAM 256K X 16 Bit
BS616UV4016 BSI-BS616UV4016 Datasheet
207Kb / 11P
   Ultra Low Power CMOS SRAM 256K X 16 bit
BS616UV4016 BSI-BS616UV4016 Datasheet
245Kb / 11P
   Ultra Low Power CMOS SRAM 256K X 16 bit
BS616UV4016AC BSI-BS616UV4016AC Datasheet
149Kb / 10P
   Ultra Low Power/High Speed CMOS SRAM 256K X 16 Bit
BS616UV4016AC-10 BSI-BS616UV4016AC-10 Datasheet
149Kb / 10P
   Ultra Low Power/High Speed CMOS SRAM 256K X 16 Bit
More results

Similar Description - BS616UV4010

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616UV4016 BSI-BS616UV4016_06 Datasheet
207Kb / 11P
   Ultra Low Power CMOS SRAM 256K X 16 bit
BS616UV4016 BSI-BS616UV4016_08 Datasheet
245Kb / 11P
   Ultra Low Power CMOS SRAM 256K X 16 bit
logo
AMIC Technology
LP62S16256E-I AMICC-LP62S16256E-I Datasheet
167Kb / 15P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16256E-T AMICC-LP62S16256E-T Datasheet
167Kb / 15P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
A62S8316 AMICC-A62S8316 Datasheet
142Kb / 15P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62E16256E-T AMICC-LP62E16256E-T_15 Datasheet
193Kb / 14P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16256F-T AMICC-LP62S16256F-T Datasheet
159Kb / 14P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16256F-I AMICC-LP62S16256F-I_15 Datasheet
176Kb / 14P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62E16256E-T AMICC-LP62E16256E-T Datasheet
164Kb / 15P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16256G-I AMICC-LP62S16256G-I Datasheet
176Kb / 14P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com