Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BS616UV4010 Datasheet(PDF) 7 Page - Brilliance Semiconductor

Part # BS616UV4010
Description  Ultra Low Power/Voltage CMOS SRAM 256K X 16 bit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616UV4010 Datasheet(HTML) 7 Page - Brilliance Semiconductor

Back Button BS616UV4010 Datasheet HTML 2Page - Brilliance Semiconductor BS616UV4010 Datasheet HTML 3Page - Brilliance Semiconductor BS616UV4010 Datasheet HTML 4Page - Brilliance Semiconductor BS616UV4010 Datasheet HTML 5Page - Brilliance Semiconductor BS616UV4010 Datasheet HTML 6Page - Brilliance Semiconductor BS616UV4010 Datasheet HTML 7Page - Brilliance Semiconductor BS616UV4010 Datasheet HTML 8Page - Brilliance Semiconductor BS616UV4010 Datasheet HTML 9Page - Brilliance Semiconductor BS616UV4010 Datasheet HTML 10Page - Brilliance Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Revision 2.4
April 2002
7
R0201-BS616UV4010
WRITE CYCLE2 (1,6)
BSI
BS616UV4010
t WC
t CW
(11)
(2)
t WP
t AW
t WHZ
(4,10)
t AS
t WR
(3)
t DH
t DW
D
IN
D
OUT
WE
CE
ADDRESS
(5)
t DH
(7)
(8)
(8,9)
t BW
LB,UB
NOTES:
1. WE must be high during address transitions.
2. The internal write time of the memory is defined by the overlap of CE and WE low. All signals
must be active to initiate a write and any one signal can terminate a write by going inactive.
The data input setup and hold timing should be referenced to the second transition edge of
the signal that terminates the write.
3. TWR is measured from the earlier of CE or WE going high at the end of write cycle.
4. During this period, DQ pins are in the output state so that the input signals of opposite phase
to the outputs must not be applied.
5. If the CE low transition occurs simultaneously with the WE low transitions or after the WE
transition, output remain in a high impedance state.
6. OE is continuously low (OE = VIL ).
7. DOUT is the same phase of write data of this write cycle.
8. DOUT is the read data of next address.
9. If CE is low during this period, DQ pins are in the output state. Then the data input signals of
opposite phase to the outputs must not be applied to them.
10. Transition is measured
500mV from steady state with CL = 5pF as shown in Figure 1B.
The parameter is guaranteed but not 100% tested.
11. TCW is measured from the later of CE going low to the end of write.
±


Similar Part No. - BS616UV4010

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616UV4016 BSI-BS616UV4016 Datasheet
149Kb / 10P
   Ultra Low Power/High Speed CMOS SRAM 256K X 16 Bit
BS616UV4016 BSI-BS616UV4016 Datasheet
207Kb / 11P
   Ultra Low Power CMOS SRAM 256K X 16 bit
BS616UV4016 BSI-BS616UV4016 Datasheet
245Kb / 11P
   Ultra Low Power CMOS SRAM 256K X 16 bit
BS616UV4016AC BSI-BS616UV4016AC Datasheet
149Kb / 10P
   Ultra Low Power/High Speed CMOS SRAM 256K X 16 Bit
BS616UV4016AC-10 BSI-BS616UV4016AC-10 Datasheet
149Kb / 10P
   Ultra Low Power/High Speed CMOS SRAM 256K X 16 Bit
More results

Similar Description - BS616UV4010

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616UV4016 BSI-BS616UV4016_06 Datasheet
207Kb / 11P
   Ultra Low Power CMOS SRAM 256K X 16 bit
BS616UV4016 BSI-BS616UV4016_08 Datasheet
245Kb / 11P
   Ultra Low Power CMOS SRAM 256K X 16 bit
logo
AMIC Technology
LP62S16256E-I AMICC-LP62S16256E-I Datasheet
167Kb / 15P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16256E-T AMICC-LP62S16256E-T Datasheet
167Kb / 15P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
A62S8316 AMICC-A62S8316 Datasheet
142Kb / 15P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62E16256E-T AMICC-LP62E16256E-T_15 Datasheet
193Kb / 14P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16256F-T AMICC-LP62S16256F-T Datasheet
159Kb / 14P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16256F-I AMICC-LP62S16256F-I_15 Datasheet
176Kb / 14P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62E16256E-T AMICC-LP62E16256E-T Datasheet
164Kb / 15P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16256G-I AMICC-LP62S16256G-I Datasheet
176Kb / 14P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com