Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BS616UV2011 Datasheet(PDF) 4 Page - Brilliance Semiconductor

Part # BS616UV2011
Description  Ultra Low Power/Voltage CMOS SRAM 128K X 16 bit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616UV2011 Datasheet(HTML) 4 Page - Brilliance Semiconductor

  BS616UV2011 Datasheet HTML 1Page - Brilliance Semiconductor BS616UV2011 Datasheet HTML 2Page - Brilliance Semiconductor BS616UV2011 Datasheet HTML 3Page - Brilliance Semiconductor BS616UV2011 Datasheet HTML 4Page - Brilliance Semiconductor BS616UV2011 Datasheet HTML 5Page - Brilliance Semiconductor BS616UV2011 Datasheet HTML 6Page - Brilliance Semiconductor BS616UV2011 Datasheet HTML 7Page - Brilliance Semiconductor BS616UV2011 Datasheet HTML 8Page - Brilliance Semiconductor BS616UV2011 Datasheet HTML 9Page - Brilliance Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
R0201-BS616UV2011
Revision 2.5
April 2002
4
JEDEC
PARAMETER
NAME
PARAMETER
NAME
DESCRIPTION
BS616UV2011-70
MIN. TYP. MAX.
BS616UV2011-10
MIN. TYP. MAX.
UNIT
t
AVAX
t
RC
Read Cycle Time
70
--
--
100
--
--
ns
t
AVQV
t
AA
Address Access Time
--
--
70
--
--
100
ns
t
ELQV
t
ACS
Chip Select Access Time
(CE)
--
--
70
--
--
100
ns
t
BA
t
BA
Data Byte Control Access Time
(LB,U )
-
B
-
--
35
--
--
50
ns
t
GLQV
t
OE
Output Enable to Output Valid
--
--
35
--
--
50
ns
t
ELQX
t
CLZ
Chip Select to Output Low Z
(CE)
10
--
--
15
--
--
ns
t
BE
t
BE
Data Byte Control to Output Low Z
(LB,UB)
10
--
--
15
--
--
ns
t
GLQX
t
OLZ
Output Enable to Output in Low Z
10
--
--
15
--
--
ns
t
EHQZ
t
CHZ
Chip Deselect to Output in High Z
(CE)
0
--
35
0
--
40
ns
t
BDO
t
BDO
Data Byte Control to Output High Z
(LB,UB)
0
--
35
0
--
40
ns
t
GHQZ
t
OHZ
Output Disable to Output in High Z
0--
30
0
--
35
ns
t
AXOX
t
OH
Output Disable to Address Change
10
--
--
15
--
--
ns
Input Pulse Levels
Input Rise and Fall Times
Input and Output
Timing Reference Level
Vcc/0V
5ns
0.5Vcc
AC ELECTRICAL CHARACTERISTICS ( TA = 0 to + 70oC , Vcc = 2.0V )
READ CYCLE
AC TEST CONDITIONS
AC TEST LOADS AND WAVEFORMS
KEY TO SWITCHING WAVEFORMS
WAVEFORM
INPUTS
OUTPUTS
MUST BE
STEADY
MAY CHANGE
FROM H TO L
DON T CAR
ANY CHANG
PERMITTED
E:
CHANGE :
E
STATE
DOES NOT
APPLY
MUST BE
STEADY
WILL BE
CHANGE
FROM H TO L
UNKNOWN
CENTER
LINE IS HIGH
IMPEDANCE
”OFF ”STATE
MAY CHANGE
FROM L TO H
WILL BE
CHANGE
FROM L TO H
,
LOW V
CC DATA RETENTION WAVEFORM ( CE Controlled )
CE
Data Retention Mode
Vcc
t CDR
Vcc
t R
VIH
VIH
Vcc
VDR
1.5V
CE
Vcc - 0.2V
BSI
BS616UV2011
800
THEVENIN EQUIVALENT
ALL INPUT PULSES
10%
90%
Vcc
GND
← 5ns
90%
10%
1.2V
OUTPUT
FIGURE 2
2V
OUTPUT
INCLUDING
JIG AND
SCOPE
1333
2000
5PF
FIGURE 1B
2V
OUTPUT
INCLUDING
JIG AND
SCOPE
1333
100PF
FIGURE 1A
2000
1. tBA is 35ns/50ns (@speed=70ns/100ns) with address toggle. ; .tBA is 70ns/100ns (@speed=70ns/100ns) without address toggle.
NOTE :
(1)


Similar Part No. - BS616UV2011

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616UV2019 BSI-BS616UV2019 Datasheet
267Kb / 9P
   Ultra Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616UV2019 BSI-BS616UV2019 Datasheet
172Kb / 11P
   Ultra Low Power CMOS SRAM 128K X 16 bit
BS616UV2019 BSI-BS616UV2019 Datasheet
239Kb / 11P
   Ultra Low Power CMOS SRAM 128K X 16 bit
BS616UV2019AC BSI-BS616UV2019AC Datasheet
267Kb / 9P
   Ultra Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616UV2019AC-10 BSI-BS616UV2019AC-10 Datasheet
267Kb / 9P
   Ultra Low Power/Voltage CMOS SRAM 128K X 16 bit
More results

Similar Description - BS616UV2011

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616UV2019 BSI-BS616UV2019 Datasheet
267Kb / 9P
   Ultra Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616UV2019 BSI-BS616UV2019_08 Datasheet
239Kb / 11P
   Ultra Low Power CMOS SRAM 128K X 16 bit
BS616UV2019 BSI-BS616UV2019_06 Datasheet
172Kb / 11P
   Ultra Low Power CMOS SRAM 128K X 16 bit
logo
AMIC Technology
LP62P16128C-T AMICC-LP62P16128C-T Datasheet
163Kb / 15P
   128K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62E16128A-T AMICC-LP62E16128A-T Datasheet
210Kb / 15P
   128K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16128B-T AMICC-LP62S16128B-T Datasheet
160Kb / 14P
   128K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16128C-I AMICC-LP62S16128C-I Datasheet
166Kb / 15P
   128K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62E16128A-I AMICC-LP62E16128A-I_15 Datasheet
179Kb / 15P
   128K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16128-T AMICC-LP62S16128-T Datasheet
158Kb / 14P
   128K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62E16128A-T AMICC-LP62E16128A-T_15 Datasheet
216Kb / 15P
   128K X 16 BIT LOW VOLTAGE CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com