Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BS616UV1610FC Datasheet(PDF) 8 Page - Brilliance Semiconductor

Part # BS616UV1610FC
Description  Ultra Low Power/Voltage CMOS SRAM 1M X 16 bit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616UV1610FC Datasheet(HTML) 8 Page - Brilliance Semiconductor

Back Button BS616UV1610FC Datasheet HTML 2Page - Brilliance Semiconductor BS616UV1610FC Datasheet HTML 3Page - Brilliance Semiconductor BS616UV1610FC Datasheet HTML 4Page - Brilliance Semiconductor BS616UV1610FC Datasheet HTML 5Page - Brilliance Semiconductor BS616UV1610FC Datasheet HTML 6Page - Brilliance Semiconductor BS616UV1610FC Datasheet HTML 7Page - Brilliance Semiconductor BS616UV1610FC Datasheet HTML 8Page - Brilliance Semiconductor BS616UV1610FC Datasheet HTML 9Page - Brilliance Semiconductor BS616UV1610FC Datasheet HTML 10Page - Brilliance Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Revision 2.2
April 2001
8
BS616UV1610
BSI
R0201-BS616UV1610
PACKAGE
B :BGA - 48 PIN(8x10mm)
F :BGA - 48 PIN(9x12mm)
ORDERING INFORMATION
BS616UV1610
X X
-- Y Y
GRADE
C: +0oC ~ +70oC
I: -40oC ~ +85oC
SPEED
70: 70ns
10: 100ns
PACKAGE DIMENSIONS
48 mini-BGA (8 x 10mm)
3: SYMBOL "N" IS THE NUMBER OF SOLDER BALLS.
1: CONTROLLING DIMENSIONS ARE IN MILLIMETERS.
2: PIN#1 DOT MARKING BY LASER OR PAD PRINT.
N
E
D
NOTES:
48
10.0
8.0
E1
D1
e
3.75
5.25
0.75
SIDE VIEW
D0.1
D1
SOLDER BALL
0.35
0.05
VIEW A


Similar Part No. - BS616UV1610FC

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616UV1620 BSI-BS616UV1620 Datasheet
215Kb / 12P
   Ultra Low Power/Voltage CMOS SRAM 1M x 16 or 2M x 8 bit switchable
BS616UV1620BC BSI-BS616UV1620BC Datasheet
215Kb / 12P
   Ultra Low Power/Voltage CMOS SRAM 1M x 16 or 2M x 8 bit switchable
BS616UV1620BI BSI-BS616UV1620BI Datasheet
215Kb / 12P
   Ultra Low Power/Voltage CMOS SRAM 1M x 16 or 2M x 8 bit switchable
BS616UV1620FC BSI-BS616UV1620FC Datasheet
215Kb / 12P
   Ultra Low Power/Voltage CMOS SRAM 1M x 16 or 2M x 8 bit switchable
BS616UV1620FI BSI-BS616UV1620FI Datasheet
215Kb / 12P
   Ultra Low Power/Voltage CMOS SRAM 1M x 16 or 2M x 8 bit switchable
More results

Similar Description - BS616UV1610FC

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV161 BSI-BS616LV161 Datasheet
254Kb / 8P
   Very Low Power/Voltage CMOS SRAM 1M X 16 bit
BS616LV1611 BSI-BS616LV1611 Datasheet
255Kb / 8P
   Very Low Power/Voltage CMOS SRAM 1M X 16 bit
BS616LV1615 BSI-BS616LV1615 Datasheet
253Kb / 8P
   Very Low Power/Voltage CMOS SRAM 1M X 16 bit
BH616UV1610 BSI-BH616UV1610_06 Datasheet
152Kb / 10P
   Ultra Low Power/High Speed CMOS SRAM 1M X 16 bit
BH616UV1611 BSI-BH616UV1611_08 Datasheet
227Kb / 10P
   Ultra Low Power/High Speed CMOS SRAM 1M X 16 bit
BS616LV1611 BSI-BS616LV1611_08 Datasheet
231Kb / 11P
   Very Low Power CMOS SRAM 1M X 16 bit
BS616LV1611 BSI-BS616LV1611_06 Datasheet
164Kb / 11P
   Very Low Power CMOS SRAM 1M X 16 bit
BS616UV8021 BSI-BS616UV8021 Datasheet
215Kb / 12P
   Ultra Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
BS616UV1620 BSI-BS616UV1620 Datasheet
215Kb / 12P
   Ultra Low Power/Voltage CMOS SRAM 1M x 16 or 2M x 8 bit switchable
BS616UV8020 BSI-BS616UV8020 Datasheet
207Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com