Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BX9769 Datasheet(PDF) 1 Page - API Technologies Corp

Part # BX9769
Description  RF AMPLIFIER MODEL
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

BX9769 Datasheet(HTML) 1 Page - API Technologies Corp

  BX9769 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -55 ºC to +85 ºC
Frequency
10 -1400 MHz
10 - 1300 MHz
Typical Intermodulation Performance at 25 ºC
Second Order Harmonic Intercept Point ...... +54 dBm (Typ.)
Second Order Two Tone Intercept Point ....... +49 dBm (Typ.)
Third Order Two Tone Intercept Point ........... +36 dBm (Typ.)
Legend
+25 ºC
+85 ºC - - - - - - -55 ºC
Power
Vdc
+15
+15 Min.
mA
100
110 Max.
RF AMPLIFIER
MODEL TM9769
Available as:
TM9769, 4 Pin TO-8 (T4)
TN9769, 4 Pin Surface Mount (SM3)
FP9769, 4 Pin Flatpack (FP4)
BX9769, Connectorized Housing (H1)
Features
Higher Output Power: +23 dBm Typical
Low Noise Figure: <2.5 dB Typical
Operating Temp. - 55 ºC to +85 ºC
Note: Care should always be taken to effectively ground the case of each unit.
^0.3 higher at 10 MHz
Noise Figure (dB)
<2.5
3.5 Max.
VSWR
In
<1.5:1^
1.9:1 Max.^
Out
<1.7:1
2.0:1 Max.
Reverse
Isolation (dB)
-20
-18 Max.
Power @ 1 dB
Comp. (dBm)
+23
+21.5 Min.
Gain (dB)
12.5
11.5 Min.
Specifications
Typical Performance Data
Maximum Ratings
Ambient Operating Temperature ................-55ºC to +100 ºC
Storage Temperature .................................-62ºC to +125 ºC
Case Temperature .................................................. +125 ºC
DC Voltage .......................................................... +17 Volts
Continuous RF Input Power .................................. +20 dBm
Short Term RF Input Power .... 250 Milliwatts (1 Minute Max.)
Maximum Peak Power .................... 0.5 Watt (3
µsec Max.)
Rev.
1/15/09
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave · 2707 Black Lake Place · Philadelphia, Pennsylvania 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com
Gain Flatness (dB)
+/- 0.2
+/- 0.5 Max.


Similar Part No. - BX9769

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
BX9700 APITECH-BX9700 Datasheet
44Kb / 1P
   RF AMPLIFIER MODEL
BX9701 APITECH-BX9701 Datasheet
107Kb / 1P
   RF AMPLIFIER MODEL
BX9702 APITECH-BX9702 Datasheet
43Kb / 1P
   RF AMPLIFIER MODEL
BX9704 APITECH-BX9704 Datasheet
167Kb / 1P
   RF AMPLIFIER MODEL
BX9705 APITECH-BX9705 Datasheet
65Kb / 1P
   RF AMPLIFIER MODEL
More results

Similar Description - BX9769

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
QBH-147 APITECH-QBH-147 Datasheet
59Kb / 1P
   RF AMPLIFIER MODEL
QBH-137 APITECH-QBH-137 Datasheet
56Kb / 1P
   RF AMPLIFIER MODEL
QBH-124 APITECH-QBH-124 Datasheet
62Kb / 1P
   RF AMPLIFIER MODEL
QBH-115 APITECH-QBH-115 Datasheet
60Kb / 1P
   RF AMPLIFIER MODEL
QBH-5409 APITECH-QBH-5409 Datasheet
41Kb / 1P
   RF AMPLIFIER MODEL
QBH-4012PM APITECH-QBH-4012PM Datasheet
47Kb / 1P
   RF AMPLIFIER MODEL
QBH-4002 APITECH-QBH-4002 Datasheet
145Kb / 1P
   RF AMPLIFIER MODEL
QBH-1505 APITECH-QBH-1505 Datasheet
48Kb / 1P
   RF AMPLIFIER MODEL
QBH-859 APITECH-QBH-859 Datasheet
118Kb / 1P
   RF AMPLIFIER MODEL
QBH-842 APITECH-QBH-842 Datasheet
60Kb / 1P
   RF AMPLIFIER MODEL
QBH-834 APITECH-QBH-834 Datasheet
65Kb / 1P
   RF AMPLIFIER MODEL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com