Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BS616UV1010EC Datasheet(PDF) 7 Page - Brilliance Semiconductor

Part # BS616UV1010EC
Description  Ultra Low Power/Voltage CMOS SRAM 64K X 16 bit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616UV1010EC Datasheet(HTML) 7 Page - Brilliance Semiconductor

Back Button BS616UV1010EC Datasheet HTML 2Page - Brilliance Semiconductor BS616UV1010EC Datasheet HTML 3Page - Brilliance Semiconductor BS616UV1010EC Datasheet HTML 4Page - Brilliance Semiconductor BS616UV1010EC Datasheet HTML 5Page - Brilliance Semiconductor BS616UV1010EC Datasheet HTML 6Page - Brilliance Semiconductor BS616UV1010EC Datasheet HTML 7Page - Brilliance Semiconductor BS616UV1010EC Datasheet HTML 8Page - Brilliance Semiconductor BS616UV1010EC Datasheet HTML 9Page - Brilliance Semiconductor BS616UV1010EC Datasheet HTML 10Page - Brilliance Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Revision 2.2
April 2001
7
R0201-BS616UV1010
WRITE CYCLE2 (1,6)
t WC
t CW
(11)
(2)
t WP
t AW
t WHZ
(4,10)
t AS
t WR
(3)
t DH
t DW
D
IN
D
OUT
WE
CE
ADDRESS
(5)
t DH
(7)
(8)
(8,9)
t BW
LB,UB
BSI
BS616UV1010
NOTES:
1. WE must be high during address transitions.
2. The internal write time of the memory is defined by the overlap of CE and WE low. All signals
must be active to initiate a write and any one signal can terminate a write by going inactive.
The data input setup and hold timing should be referenced to the second transition edge of
the signal that terminates the write.
3. TWR is measured from the earlier of CE or WE going high at the end of write cycle.
4. During this period, DQ pins are in the output state so that the input signals of opposite phase
to the outputs must not be applied.
5. If the CE low transition occurs simultaneously with the WE low transitions or after the WE
transition, output remain in a high impedance state.
6. OE is continuously low (OE = VIL ).
7. DOUT is the same phase of write data of this write cycle.
8. DOUT is the read data of next address.
9. If CE is low during this period, DQ pins are in the output state. Then the data input signals of
opposite phase to the outputs must not be applied to them.
10. Transition is measured
500mV from steady state with CL = 5pF as shown in Figure 1B.
The parameter is guaranteed but not 100% tested.
11. TCW is measured from the later of CE going low to the end of write.
12. The change of Read/Write cycle must accompany with CE or address toggled.
±


Similar Part No. - BS616UV1010EC

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616UV1010EC10 BSI-BS616UV1010EC10 Datasheet
207Kb / 11P
   Ultra Low Power CMOS SRAM 64K X 16 bit
BS616UV1010ECG10 BSI-BS616UV1010ECG10 Datasheet
207Kb / 11P
   Ultra Low Power CMOS SRAM 64K X 16 bit
BS616UV1010ECG10 BSI-BS616UV1010ECG10 Datasheet
245Kb / 11P
   Ultra Low Power CMOS SRAM 64K X 16 bit
BS616UV1010ECP10 BSI-BS616UV1010ECP10 Datasheet
207Kb / 11P
   Ultra Low Power CMOS SRAM 64K X 16 bit
BS616UV1010ECP10 BSI-BS616UV1010ECP10 Datasheet
245Kb / 11P
   Ultra Low Power CMOS SRAM 64K X 16 bit
More results

Similar Description - BS616UV1010EC

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616UV1010 BSI-BS616UV1010_08 Datasheet
245Kb / 11P
   Ultra Low Power CMOS SRAM 64K X 16 bit
BS616UV1010 BSI-BS616UV1010_06 Datasheet
207Kb / 11P
   Ultra Low Power CMOS SRAM 64K X 16 bit
logo
AMIC Technology
LP62S1664C AMICC-LP62S1664C_15 Datasheet
169Kb / 15P
   64K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S1664C AMICC-LP62S1664C Datasheet
148Kb / 15P
   64K X 16 BIT LOW VOLTAGE CMOS SRAM
A62S6316 AMICC-A62S6316 Datasheet
148Kb / 15P
   64K X 16 BIT LOW VOLTAGE CMOS SRAM
logo
Mosel Vitelic, Corp
V62C2161024L MOSEL-V62C2161024L Datasheet
88Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
V62C1161024L MOSEL-V62C1161024L Datasheet
119Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
V62C3161024L MOSEL-V62C3161024L Datasheet
89Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
logo
Lyontek Inc.
LY62W6416 LYONTEK-LY62W6416_11 Datasheet
500Kb / 13P
   64K X 16 BIT LOW POWER CMOS SRAM
LY626416_1008 LYONTEK-LY626416_1008 Datasheet
281Kb / 14P
   64K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com