Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE694025RY64 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PE694025RY64
Description  Isolators 69 Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PE694025RY64 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PE694025RY64 Datasheet HTML 1Page - List of Unclassifed Manufacturers PE694025RY64 Datasheet HTML 2Page - List of Unclassifed Manufacturers PE694025RY64 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.imopc.com
Switch Rating
AB
D1
EF
H
20A to 40A
130
98
2xM20/25
75
100
77
63A and 80A
200
120
M40.5/
95
165
86
32.5 + 16.5
Isolators 69 Series continued
69Series/07/08
Dimensions
69-3020
69-3025
69-3032
69-3040
69-3063
69-3080
PE/LB/PM/DM . . .
69-4020
69-4025
69-4032
69-4040
69-4063
69-4080
Rated insulation voltage
Ui
690
690
690
690
690
6
Rated thermal current
Ith
20A
25A
32A
40A
63A
80A
Ratings @ 415V
AC21
A
20
25
32
40
63
80
AC22
A
20
25
32
40
63
80
AC23
Kw
5.5
7.5
11
15
18.5
22
Making capacity @ 415V
Aeff
120
150
220
300
370
44
Breaking capacity @ 415V
Aeff
110
135
200
250
330
380
Electrical life @ rated load
Mechanical life
x103
100
100
100
100
100
100
Maximum cable size
mm2
10
10
10
10
25
25
Weight
g
0.46
0.46
0.46
0.46
0.46
0.46
LB Series
H = Base plate to door, L = shaft length
L = H - 44 ± 3
Dimensions
Specification
øD1
H
B
E


Similar Part No. - PE694025RY64

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
PE60 EDI-PE60 Datasheet
69Kb / 2P
   SINGLE-PHASE FULL WAVE BRIDGE 1.5AMPERES THROUGH 5.0 AMPERES FOR P.C. BOARD AND POWER TERMINAL MOUNTING
logo
Vishay Siliconix
PE60 VISHAY-PE60 Datasheet
123Kb / 5P
   Power Panel Potentiometer
Revision: 05-Jun-08
PE60 VISHAY-PE60 Datasheet
120Kb / 5P
   Power Panel 6 W Potentiometer
Revision: 04-Jul-17
PE60 VISHAY-PE60 Datasheet
758Kb / 5P
   Power Panel 6 W Potentiometer
01-Jan-2022
logo
Pasternack Enterprises,...
PE6000-50 PASTERNACK-PE6000-50 Datasheet
76Kb / 1P
   BNC MALE RESISTOR TERMINATION
More results

Similar Description - PE694025RY64

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1773886 PHOENIX-1773886 Datasheet
48Kb / 3P
   Housing - HC-HV 6-KMQ-69/M1PG21
logo
Broadcom Corporation.
MGA-43728 BOARDCOM-MGA-43728 Datasheet
842Kb / 17P
   2.62??.69 GHz Linear Power Amplifier Module
logo
Agere Systems
269-2 AGERE-269-2 Datasheet
95Kb / 8P
   69-Type 14xx nm DFB Pump Laser Module
logo
PHOENIX CONTACT
1706548 PHOENIX-1706548 Datasheet
65Kb / 3P
   PTDA 2,5/ 3-PH-5,0 RTGY38BD-69
logo
Microsemi Corporation
MMI42595T MICROSEMI-MMI42595T Datasheet
87Kb / 2P
   Miniature Ferrite Isolators 18 - 110 GHz ISOLATORS
logo
AVAGO TECHNOLOGIES LIMI...
MGA-43728 AVAGO-MGA-43728_15 Datasheet
842Kb / 17P
   2.62??.69 GHz Linear Power Amplifier Module
logo
PHOENIX CONTACT
1773899 PHOENIX-1773899 Datasheet
48Kb / 3P
   Housing - HC-HV 6-KMQ-69/M1PG21
logo
OPTEK Technologies
OPI2150 OPTEK-OPI2150 Datasheet
99Kb / 2P
   OPTICALLY COUPLED ISOLATORS
OPI3153 OPTEK-OPI3153 Datasheet
88Kb / 2P
   OPTICALLY COUPLED ISOLATORS
OPL7320 OPTEK-OPL7320 Datasheet
260Kb / 2P
   Optically Coupled Isolators
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com