Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF0915BA03171S Datasheet(PDF) 2 Page - Spectrum Microwave, Inc.

Part # SF0915BA03171S
Description  915.3 MHz SAW Filter 21.8 MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRUM [Spectrum Microwave, Inc.]
Direct Link  http://www.spectrummicrowave.com
Logo SPECTRUM - Spectrum Microwave, Inc.

SF0915BA03171S Datasheet(HTML) 2 Page - Spectrum Microwave, Inc.

  SF0915BA03171S Datasheet HTML 1Page - Spectrum Microwave, Inc. SF0915BA03171S Datasheet HTML 2Page - Spectrum Microwave, Inc. SF0915BA03171S Datasheet HTML 3Page - Spectrum Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
915.3 MHz SAW Filter
21.8 MHz Bandwidth
Part Number: SF0915BA03171S
Spectrum Microwave
324 Clark Street, Worcester, MA 01606, USA
• Phone 1-508-852-5400 • Fax 1-508-852-8456
www.SpectrumMicrowave.com
DSSF0915BA03171S Rev C
8-Apr-2010
ECN 36650
Page 2 of 3
SPECIFICATION
Parameter
Min
Typ
Max
Units
Center Frequency, FC
1
-
915.3
-
MHz
Insertion Loss at Fc
-
2.8
3.5
dB
Lower 3 dB Band Edge
2
-
-
904.4
MHz
Upper 3 dB Band Edge
2
926.2
-
-
MHz
Group Delay Variation (904.4 to 926.2 MHz)
-
40
80
ns
Amplitude Variation (904.4 to 926.2 MHz)
1.8
3
dB p-p
Attenuation at 894 MHz
20
25
Attenuation (200 to 888.3 MHz)
2
35
-
-
dB
Attenuation (888.3 to 894 MHz)
2
15
-
-
dB
Rejection (942.3 to 1400 MHz)
2
40
-
-
dB
Input/Output Return Loss At Fc
-
13
-
dB
Temperature Coefficient of Frequency
-
-36
-
ppm/˚C
Source/Load Impedance
50
ohms
Ambient Temperature
-
25
-
˚C
Notes:
1. Defined as the average of the lower and upper 3 dB frequencies at room ambient.
2. All dB levels are defined relative to the insertion loss.
MAXIMUM RATINGS
Parameter
Min
Max
Units
Storage Temperature Range
-40
85
˚C
Operating Temperature Range
-20
75
˚C
Input Power Level
-
+15
dBm
MATCHING CIRCUIT
Note: Matching components are not required.
Input
50
Single-ended
Output
50
Single-ended
GND
GND
2
5
1,3,4,6


Similar Part No. - SF0915BA03171S

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0915BA03171S APITECH-SF0915BA03171S Datasheet
143Kb / 3P
   915.3 MHz SAW Filter 21.8 MHz Bandwidth
More results

Similar Description - SF0915BA03171S

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0915BA03171S APITECH-SF0915BA03171S Datasheet
143Kb / 3P
   915.3 MHz SAW Filter 21.8 MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TA0832A TAI-SAW-TA0832A Datasheet
326Kb / 8P
   SAW Filter 915.3 MHz SMD 3.8X3.8 mm
TA0792A TAI-SAW-TA0792A Datasheet
323Kb / 8P
   SAW Filter 915.3 MHz SMD 3.0X3.0 mm
logo
Integrated Circuit Syst...
SF0240CD03109S ICST-SF0240CD03109S Datasheet
85Kb / 3P
   240 MHz SAW Filter 1.23 MHz Bandwidth
logo
API Technologies Corp
SF0140BA02359T APITECH-SF0140BA02359T Datasheet
141Kb / 3P
   140 MHz SAW Filter 4.7 MHz Bandwidth
SF0130BA02247T APITECH-SF0130BA02247T Datasheet
143Kb / 3P
   130 MHz SAW Filter 18 MHz Bandwidth
SF0115BA03227S APITECH-SF0115BA03227S Datasheet
158Kb / 3P
   115.2 MHz SAW Filter 3.84 MHz Bandwidth
SF0434BA02507S APITECH-SF0434BA02507S Datasheet
138Kb / 3P
   434 MHz SAW Filter 11 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF0400BA02375S SPECTRUM-SF0400BA02375S Datasheet
148Kb / 3P
   400 MHz SAW Filter 55 MHz Bandwidth
SF0434BA02507S SPECTRUM-SF0434BA02507S Datasheet
138Kb / 3P
   434 MHz SAW Filter 11 MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com