Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF0869BA02656S Datasheet(PDF) 3 Page - Spectrum Microwave, Inc.

Part # SF0869BA02656S
Description  869 MHz SAW Filter 6 MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRUM [Spectrum Microwave, Inc.]
Direct Link  http://www.spectrummicrowave.com
Logo SPECTRUM - Spectrum Microwave, Inc.

SF0869BA02656S Datasheet(HTML) 3 Page - Spectrum Microwave, Inc.

  SF0869BA02656S Datasheet HTML 1Page - Spectrum Microwave, Inc. SF0869BA02656S Datasheet HTML 2Page - Spectrum Microwave, Inc. SF0869BA02656S Datasheet HTML 3Page - Spectrum Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
869 MHz SAW Filter
6 MHz Bandwidth
Part Number: SF0869BA02656S
Spectrum Microwave
324 Clark Street, Worcester, MA 01606, USA
• Phone 1-508-852-5400 • Fax 1-508-852-8456
www.SpectrumMicrowave.com
DSSF0869BA02656S Rev A 7-Apr-2010
ECN 36650
Page 3 of 3
PACKAGE OUTLINE
SUGGESTED FOOTPRINT
MARKING
ISO 9001
Registered
All specifications are believed to be accurate and reliable. However, Spectrum Microwave reserves the right to make changes without notice.
© 2010 All rights reserved.
Package Material:
Body: Al2O3 ceramic
Lid: Kovar, Ni plated
Terminations: Au plating 1 µm min,
over a 1.3-8.9 µm Ni plating
Units: mm
Tolerances are typically
±0.15 mm
except where indicated.
Pad Configuration:
Input:
2
Output:
5
Ground:
1,3,4,6


Similar Part No. - SF0869BA02656S

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0869BA02656S APITECH-SF0869BA02656S Datasheet
146Kb / 3P
   869 MHz SAW Filter 6 MHz Bandwidth
More results

Similar Description - SF0869BA02656S

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0869BA02656S APITECH-SF0869BA02656S Datasheet
146Kb / 3P
   869 MHz SAW Filter 6 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF0869BA02503S SPECTRUM-SF0869BA02503S Datasheet
201Kb / 3P
   869 MHz SAW Filter 10 MHz Bandwidth
SF0869BA02504S SPECTRUM-SF0869BA02504S Datasheet
133Kb / 3P
   869 MHz SAW Filter 12 MHz Bandwidth
logo
API Technologies Corp
SF0869BA02504S APITECH-SF0869BA02504S Datasheet
133Kb / 3P
   869 MHz SAW Filter 12 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF0869BA02618S SPECTRUM-SF0869BA02618S Datasheet
121Kb / 3P
   869 MHz SAW Filter 2 MHz Bandwidth
logo
API Technologies Corp
SF0869BA02630S APITECH-SF0869BA02630S Datasheet
187Kb / 3P
   869 MHz SAW Filter 12.5 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF0869BA02630S SPECTRUM-SF0869BA02630S Datasheet
187Kb / 3P
   869 MHz SAW Filter 12.5 MHz Bandwidth
logo
API Technologies Corp
SF0869BA02503S APITECH-SF0869BA02503S Datasheet
201Kb / 3P
   869 MHz SAW Filter 10 MHz Bandwidth
SF0869BA02588S APITECH-SF0869BA02588S Datasheet
169Kb / 3P
   869 MHz SAW Filter 11 MHz Bandwidth
SF0869BA02618S APITECH-SF0869BA02618S Datasheet
121Kb / 3P
   869 MHz SAW Filter 2 MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com