Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM070WM3 Datasheet(PDF) 9 Page - AZ Displays

Part # PM070WM3
Description  color TFT LCD module
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PM070WM3 Datasheet(HTML) 9 Page - AZ Displays

Back Button PM070WM3 Datasheet HTML 5Page - AZ Displays PM070WM3 Datasheet HTML 6Page - AZ Displays PM070WM3 Datasheet HTML 7Page - AZ Displays PM070WM3 Datasheet HTML 8Page - AZ Displays PM070WM3 Datasheet HTML 9Page - AZ Displays PM070WM3 Datasheet HTML 10Page - AZ Displays PM070WM3 Datasheet HTML 11Page - AZ Displays PM070WM3 Datasheet HTML 12Page - AZ Displays PM070WM3 Datasheet HTML 13Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
PM070WM3
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed,
reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd. Page:9
6. Touch Panel Characteristics
6-1) Pin assignment
Pin No.
Symbol
Function
Remark
1
YU
Upper electrode Y(Upper side)
2
XR
Lower electrode X(Right side)
3
YD
Upper electrode Y(Down side)
4
XL
Lower electrode X(Left side)
6-2) Electrical Performances
Parameters
Symbol
MIN.
Typ.
MAX.
Unit
Remark
X
550
800
1025
Terminal Resistance
Y
200
300
420
Input Voltage
VT
-
5.0
7.0
V
Linearity(X ,Y direction)
-
-
±1.5
%
Insulation Impedance
20
-
-
MΩ
DC=25V
Response Time
-
-
15
ms
Operation Force
-
-
80
g
Note 6 - 1
Note 6-1: Input through 0.8R stylus or R8.0mm finger.
6-3) Durability Performances
1. Hitting Durability:
At least 1,000,000 times with R8.0mm silicon rubber, 250g, 3times/sec.
2. Sliding Durability:
At least 100,000 times with R0.8mm placental stylus, 250g, 60mm/sec.
6-4) Integration Design Guide
Avoid the design that Front-case overlap and press on the active area of the touch-panel.
Give enough gap (over 0.5mm at compressed) between the front case and touch-panel to protect
wrong operating.


Similar Part No. - PM070WM3

ManufacturerPart #DatasheetDescription
logo
AZ Displays
PM070WM2 AZDISPLAYS-PM070WM2 Datasheet
596Kb / 21P
   color TFT LCD module
More results

Similar Description - PM070WM3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TM150XG-22L01A ETC1-TM150XG-22L01A Datasheet
612Kb / 15P
   TFT COLOR LCD MODULE
logo
AZ Displays
PM070WU1 AZDISPLAYS-PM070WU1 Datasheet
582Kb / 20P
   color TFT LCD module
PM102ZY3 AZDISPLAYS-PM102ZY3 Datasheet
793Kb / 28P
   color TFT LCD module
logo
NEC
NL6448BC20-18D NEC-NL6448BC20-18D Datasheet
354Kb / 29P
   TFT COLOR LCD MODULE
logo
AZ Displays
PD040QX2 AZDISPLAYS-PD040QX2 Datasheet
1Mb / 34P
   color TFT LCD module
logo
Purdy Electronics Corpo...
AND-TFT-35VX-LED PURDY-AND-TFT-35VX-LED Datasheet
3Mb / 6P
   TFT LCD Color Module
logo
NEC
NL6448BC33-53 NEC-NL6448BC33-53 Datasheet
253Kb / 29P
   TFT COLOR LCD MODULE
logo
List of Unclassifed Man...
TM150XG-02L02E ETC1-TM150XG-02L02E Datasheet
233Kb / 18P
   TFT COLOR LCD MODULE
TM150XG-02L02F ETC1-TM150XG-02L02F Datasheet
235Kb / 17P
   TFT COLOR LCD MODULE
TM150XG-26L07 ETC1-TM150XG-26L07 Datasheet
200Kb / 14P
   TFT COLOR LCD MODULE
V26L8060AA ETC-V26L8060AA Datasheet
295Kb / 17P
   color TFT LCD module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com